Part Number Hot Search : 
LM2BB20W M393B MMDF2P0 WTD40N03 ON0666 SR1060 68HC08 4AUP1G
Product Description
Full Text Search
 

To Download MJ16010A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  , u na. 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 npn silicon power transistors 1 kv switchmode iii series these transistors are designed for high-voltage, high-speed, power switching in inductive circuits where fall time is critical. they are particularly suited for line- operated switchmode applications. typical applications: switching regulators inverters solenoids relay drivers motor controls deflection circuits features: ? collector-emitter voltage ? vcev = looovdc ? fast turn-off times 50 ns inductive fall time - 100c (typ) 90 ns inductive crossover time - 100c (typ) 900 ns inductive storage time - 100c (typ) ? 100c performance specified for: reverse-biased soa with inductive load switching times with inductive loads saturation voltages leakage currents ? extended fbsoa rating using ultra-fast rectifiers ? extremely high rbsoa capability maximum ratings rating collector-emitter voltage collector-emitter voltage emitter-base voltage collector current ? continuous ? peaku) base current ? continuous ? peakd) total power dissipation ffi tc = 25c (ii tc =? 100c derate above tc = 25c operating and storage junction temperature range symbol vceo vcev veb ic 'cm ib ibm pd tj, tstg MJ16010A mjh16010a 500 1000 6 15 20 10 15 175 100 1 -65 to 200 135 54 1.09 -55 to 150 unit vdc vdc vdc adc adc watts w/c ?c thermal characteristics characteristic thermal resistance, junction to case lead temperature for soldering purposes: 1/8" from case for 5 seconds symbol r&jc tl max 1 | 0.92 275 unit c/w ?c {1) pulse test: pulso width - 5 ms. duty cycle s 10%. MJ16010A mjh16010a power transistors 15 amperes 500 volts 125 and 175 watts to-204aa MJ16010A 1o-218ac mjh16010a nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by nj semi-conductors is believed to be both accurate and reliable at the time of going to press. however, nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. n.i semi-conductors encourages customers to verify that datasheets are current before placing orders. quality semi-conductors
MJ16010A, mjh16010a electrical characteristics (tc = 25'c unless otherwise noted) characteristic symbol mln tvp max unit off characteristics!!) collector-emitter sustaining voltage (table 1) dc - looma, ib = o) collector cutoff current (vcev = 1000 vdc. vbe(oh) = i.svdc) (vcev = 1000 vdc, vbe(off) = 1.5 vdc, tc - 100c) collector cutoff current (vce - 1000 vdc, rbe = bo n, tc = loo-ci emitter cutoff current (veb = 6 vdc, ic = 0) vceo(sus) !cev icer iebo 500 - ? ? ? 0.003 0.020 0.020 0.005 ? 0.15 1.0 1.0 0.15 vdc madc madc madc second breakdown second breakdown collector current with base forward biased clamped inductive soa with base reverse biased is/d rbsoa see figure 14a or 14b see figure 15 on characteristics^ collector-emitter saturation voltage uc = 5 adc, ib = 1 adc) dc = 10 adc, ib = 2 adc) (1c = 10 adc, ib - 2 adc, tc = 100'c) base-emitter saturation voltage dc = 10 adc, ib = 2 adc) dc = 10 adc, ib = 2 adc, tc = 100"c) dc current gain dc = 15 adc, vce = 5vdc> vce(sat) vbe(sat) hfe - - 5 0.25 0.45 0.60 1.2 1.2 8 0.7 1 1.6 1.5 1.5 ? vdc vdc ? dynamic characteristics output capacitance (vcb = 10 vdc, ie = 0, ftest - 1 khz) cob ? ? 400 pf switching characteristics inductive load [table 1) storage time fall time crossover time storage time fall time crossover time dc = 10 adc, ibi = 1.3 adc, vbe(off) = 5 vdc, vce(pk) = 400 v (tj = 100-ci (tj = 150'ci >sv tfi 'c tsv tfi 'c ? ? - ? ? ? 900 so 90 1100 70 120 2000 250 300 ? ? - ns resistive load (table 2) delay time rise time storage time fall time storage tlma fall time dc = 10 adc, vcc = 250 vdc, ibi - 1.3 adc, pw = 30 us, duty cycle ? 2%l (ib2 = 2.6 adc. rb2 = 1.8 0) wbe(off) = 5 vdc) td tr


▲Up To Search▲   

 
Price & Availability of MJ16010A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X