Part Number Hot Search : 
1N2279 ADCMP6 LTC31 H80N60 55520 ZTX688 C1210 LTC2654
Product Description
Full Text Search
 

To Download MBR16100FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr1620fct thru MBR16100FCT 16 amp schottky rectifier 20-100 volts features ? high surge capability ? low forward voltage drop ? low power loss, high efficiency ? operating temperature: -50 to +125 ? storage temperature: -50 to +125 ? maximum thermal resistance: r jc = 2.0 /w mcc part number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage mbr1620fct 20v 14v 20v mbr1630fct 30v 21v 30v mbr1640fct 40v 28v 40v mbr1650fct 50v 35v 50v mbr1660fct 60v 42v 60v mbr1680fct 80v 56v 80v MBR16100FCT 100v 70v 100v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 16 a t c = 90 peak forward surge current i fsm 150a 8.3ms, half sine maximum instantaneous forward voltage mbr1620fct-1640fct mbr1650fct-1660fct mbr1680fct16100fct v f .55v .75v .85v i fm = 8.0a per leg maximum dc reverse current at rated dc blocking voltage i r 0.5ma 100ma t c = 25 t c = 100  inches mm              a . 583 .6 06 14. 80 15. 40 b --- . 4 0 6 --- 10.30 n .0 98 .11 4 2. 50 2.9 0         c .100 .1 12 2.5 5 2.85 d .2 48 .27 2 6 . 30 6. 90 e --- . 1 6 1 - - - 4.10 f --- . 0 7 1 --- 1.80 g . 512 .5 43 13.00 13.80 h .100 2.55 i --- . 035 --- 0.90 j --- . 032 --- 0.80 k .1 18 .1 34 3.00 3.40 l --- . 189 --- 4.8 0 m --- . 130 --- 3.30 o --- . 055 --- 1.40 pin 1 pin 3 pin 2 a b c k j i h g e d n m l h pin 13 2 o f ito-220ab         
 omp onents 20736 marilla street chatsworth               !  " #   $
%        !   " #    maximum ratings ? case material: molded plastic. ul flammability classification rating 94v-0 ? marking : type number www.kersemi.com
average forward rectified current - amperes versus ambient temperature - c figure 3 forward derating curve 0 0 single phase, half wave 60hz resistive or inductive load amps c 1 6 125 90 8 mbr1620fct thru MBR16100FCT 1 100 4 0 25 5 0 7 5 8 figure 4 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 1 00 1 25 15 0 40 20 10 8 6 4 2 1 . 0 . 8 . . 6 . 4 . 2 . 1 . 4 . 5 . 6 . 7 . 8 9 1 . 0 1 . 1 5 0 . 6 0 v 20 . 30 . 40 v t j = 2 5 j p u l s e w i d t h = 2 0 0 g s 80 . 100 v i n s t a n t a n e o u s f o r w a r d c h a r a c t e r i s t i c f i g . 2 - t y p i c a l i n s t n a t a n e o u s f o r w a rd ch a r a c t e r i s t i c i n s tantaneous forward current amperes average forward rectified current - amperes versus ambient temperature - c figure 3 forward derating curve 0 0 single phase, half wave 60hz resistive or inductive load amps c 1 6 125 9 0 8 instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts figure 1 typical reverse characteristics volts .4 .6 2 1 mamps 0 20 40 60 80 .001 .002 .004 4 .006 .01 .02 .04 .06 .1 .2 4 6 10 140 t j =25 c 120 www.kersemi.com


▲Up To Search▲   

 
Price & Availability of MBR16100FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X