Part Number Hot Search : 
H293T N5229B AOB440 BDX85B MC9S0 MAX19 6GA471N FZT658
Product Description
Full Text Search
 

To Download LP1020-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industries corp. 5625-a s. arville, las vegas, nv 89118 tel:702-364-9998 fax: 702-364-1562 www.magtechind.com anz095g 20w, 24vdc lp1020 this configuration is based on led with the following parameters: v : 3.0v ~ 3.5v i : 300ma ~ 350ma a. i : 300ma ~ 350ma recommended value for r is 20 ohm, 3w lp1020-cc 20w, 24vdc ff f r r led driver product specifications anz#: z095g, february 24, 2010 lp1020-xx series switch-mode led driver total power 20 watts input voltages 100 ~ 277 vac number of outputs one special features electrical specifications ? ul1310, class 2 and ul879 recognized ? single output, constant current or constant voltage design ? ip66 compliant ? suitable for dry and damp locations ? designed for outdoor or indoor applications ? suitable in standard electrical junction boxes ? compact and lightweight ? active pfc reduces power consumption input range frequency power factor crest factor inrush current input current efficiency emi filtering maximum power current accuracy load regulation leakage current hold up time protection 100 ~ 304 vac 47 to 63 hz > 0.92 at full load, 115vac 1.5 max. 10.0 amps maximum at 230vac, cold start, 25o c 0.3 amps maximum at 115vac 85% typical at maximum load 47cfr, part 2, part 15 and cispr pub, 22 class b 20w 1% (when applicable) 3% 300ua typ. half cycle minimum at 120 vac and 80% of rated load over-voltage, over current and short circuit protection: auto-recovery environmental operating temperature: -30 to 60 o c (de-rating : 1% per o c from 60~70oc ) storage temperature: -40 to +85o c humidity (non-condensing): 5% to 95% cooling: convection vibration frequency: 5 to 50 hz mtbf: >100,000 hours at full load and 25oc ambient conditions (mil-217f) emc : compliant to 47cfr, part 2, part15 and cispr pub, 22 class b safety ul ul1310, class 2 and ul879 recognized cul ul1310, class 2 and ul879 recognized ce note: 52vdc output is not cul recognized model number constant volta g e mode model number constant current mode out p ut out p ut v ( dc ) a ( ma ) watts v ( dc ) ma ( max. ) watts lp1020-52 52 , 5% 400 20 lp1020-52-cxxxx 24~ 52 400 , 5% 20 lp1020-36 36 , 5% 550 20 lp1020-36-cxxxx 18~ 36 550 , 5% 20 lp1020-24 24 , 5% 830 20 lp1020-24-cxxxx 12~ 24 830 , 5% 20 lp1020-22 22 , 5% 910 20 lp1020-22-cxxxx 12 ~ 22 910 , 5% 20 lp1020-18 18 , 5% 1100 20 lp1020-18-cxxxx 9 ~ 18 1100 , 5% 20 LP1020-17 17 , 5% 1250 20 LP1020-17-cxxxx 9 ~ 17 1250 , 5% 20 lp1020-15 15 , 5% 1330 20 lp1020-15-cxxxx 9 ~ 15 1330 , 5% 20 lp1020-13 13 , 5% 1540 20 lp1020-13-cxxxx 7 ~ 13 1540 , 5% 20 lp1020-12 12 , 5% 1660 20 lp1020-12-cxxxx 7 ~ 12 1660 , 5% 20 lp1020-10 10 , 5% 2000 20 lp1020-10-cxxxx 7 ~ 10 2000 , 5% 20 note: the output current of constant current models are adjustable at factory from 50% ~ 100%. recommend application schematics
industries corp. 5625-a s. arville, las vegas, nv 89118 tel:702-364-9998 fax: 702-364-1562 www.magtechind.com anz095g mechanical drawing model information ? single dc output lp1020-xx ? constant voltage model xx ? available output voltage, refer to chart above lp1020-xxc (yyy) ? constant current model c ? stands for constant current model xx ? available output voltage yyy ? available constant current settings, 350ma or 700ma or 1050ma ac input cable awg #20, two conductors ul pltc type or equiv. dc output cable awg #20, two conductors ul pltc type or equiv. 40 [1.57] 3.6 [0.14] (2x) 5 [0.20] (2x) 5 [0.20] (2x) ac input wires 95 [3.74] lp1020 10 [0.39] (2x) 4 [0.16] (2x) 25 [0.98] dc output wires 10 [0.39] (2x)


▲Up To Search▲   

 
Price & Availability of LP1020-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X