Part Number Hot Search : 
VQ1001P 8950AC LC753 021006 LC4115 SI6466DQ AM7910PC R2E102KB
Product Description
Full Text Search
 

To Download LFH250301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  littelfuse.com powr-gard ? blocks and holders datasheet 1 of 6 ? 2013 littelfuse powr-gard ? products rev: 011513 lf serie s c l a ss h/k5 and r fu s e b l o cks 250 v ? 600 v description the littelfuse class h/k5 and r blocks offer many benefts such as indication, snap-to-release din rail mounting and universal mounting holes. class h and class r fuse blocks are dimensionally the same, but class r blocks incorporate a rejection feature, which only allows class r fuses to be inserted. features/benefts ? universal mounting holes for easy replacement ? indication offered on most 250 v and 600 v versions ? one hand release from din rail for ferrule style fuses ? reinforced fuse clips are standard on all class h and class r fuse blocks ? covers available for 100 a and lower to enhance safety specifcations voltage rating 250 v, 600 v ampere ratings 0-600 a leakage current <0.6 ma at 600 v withstand rating class h: 10 ka rms sym class r: 200 ka rms sym flammability rating ul94 v-0 approvals ul listed (file: e14721) csa certifed (file: lr7316) environmental rohs compliant, lead (pb) free web resources sample requests, downloadable cad drawings and other technical information: littelfuse.com/lfh littelfuse.com/lfr littelfuse.com/fuseblocks recommended fuses class h/k5 blocks C 250 v nln, rln class r blocks C 250 v flnr/flnr_id, klnr, llnrk class h/k5 blocks C 600 v nls, rls class r blocks C 600 v flsr/flsr_id, klsr, llsrk/llsrk_id, idsr note: reinforcing springs standard on all class h fuse blocks. *covers sold individually. one cover needed for each pole. ordering information (class h 250 v) a mp r ating poles ordering number torque terminal wire range wire type base temp r ating din rail indic ation c o ver ordering number* bas e part number suffix b ox lug pres s ure plate screw 30 1 LFH250301 c p s 2.8 n-m (25 in-lbs) c 6-14 awg cu only solid/ stranded 125?c ? lfh25030fbc 2 lfh250302 c p s p 10-14 awg 3 lfh250303 c p s s 10-22 awg 60 1 lfh250601 cid 5.6 n-m (50 in-lbs) 2.8 n-m (25 in-lbs) 2-4 awg 6-14 awg cu-al 125?c ? ? lfh25060fbc 2 lfh250602 cid 3 lfh250603 cid 100 1 3 lfh251001 lfh251003 cid cid 13.6 n-m (120 in-lbs) 2/0-6 awg cu-al 130?c ? lfh25100fbc 4.5 n-m (40 in-lbs) 8 awg 4.0 n-m (35 in-lbs) 10-14 awg 200 1 lfh252001 c 31.1 n-m (275 in-lbs) 250 kcmil-6 cu-al 130?c 3 lfh252003 c 400 1 lfh254001 c 31.1 n-m (275 in-lbs) (2) 350 kcmil-1/0 cu-al 130?c 3 lfh254003 c 600 1 lfh256001 c 42.4 n-m (375 in-lbs) (2) 500 kcmil-4 cu-al 130?c 3 lfh256003 c
littelfuse.com powr-gard ? blocks and holders datasheet 2 of 6 ? 2013 littelfuse powr-gard ? products rev: 011513 lf serie s c l a ss h/k5 a nd r fu s e b l o cks note: reinforcing springs standard on all class h fuse blocks. note: reinforcing springs standard on all class r fuse blocks. note: reinforcing springs standard on all class r fuse blocks. *covers sold individually. one cover needed for each pole. ordering information (class h 600 v) a mp rating poles ordering number torque terminal wire range wire type base temp rating snap to release indication c o ver ordering number* base ordering number suffix b ox lug pres s ure plate screw 30 1 lfh600301 cid pid sid 2.8 n-m (25 in-lbs) c 6-14 awg cu only solid/ stranded 130?c ? ? lfh60030fbc 2 lfh600302 cid pid sid p 10-14 awg 3 lfh600303 cid pid sid s 10-22 awg 60 1 lfh600601 cid 5.6 n-m (50 in-lbs) 2.8 n-m (25 in-lbs) 2-4 awg 6-14awg cu-al 130?c ? ? lfh60060fbc 2 lfh600602 cid 3 lfh600603 cid 100 1 3 lfh601001 lfh601003 cid cid 13.6 n-m (120 in-lbs) 2/0-6awg cu-al 130?c ? lfh60100fbc 4.5 n-m (40 in-lbs) 8 awg 4.0 n-m (35 in-lbs) 10-14 awg 200 1 lfh602001 c 31.1 n-m (275 in-lbs) 250 kcmil-6 cu-al 130?c 3 lfh602003 c 400 1 lfh604001 c 31.1 n-m (275 in-lbs) (2) 350 kcmil-1/0 cu-al 130?c 3 lfh604003 c 600 1 lfh606001 c 42.4 n-m (375 in-lbs) (2) 500 kcmil-4 cu-al 130?c 3 lfh606003 c ordering information (class r 250 v) a mp rating poles ordering number torque terminal wire range wire type base temp rating snap to release indication c o ver ordering number* base ordering number suffix b ox lug pres s ure plate screw 30 1 lfr250301 c p s 2.8 n-m (25 in-lbs) c 6-14 awg cu only solid/ stranded 125?c ? lfh25030fbc 2 lfr250302 c p s p 10-14 awg 3 lfr250303 c p s s 10-22 awg 60 1 lfr250601 cid 5.6 n-m (50 in-lbs) 2.8 n-m (25 in-lbs) 2-4 awg 6-14 awg cu-al 125?c ? ? lfh25060fbc 2 lfr250602 cid 3 lfr250603 cid 100 1 3 lfr251001 lfr251003 cid 13.6 n-m (120 in-lbs) 2/0-6 awg cu-al 130?c ? lfh25100fbc cid 4.5 n-m (40 in-lbs) 8 awg 4.0 n-m (35 in-lbs) 10-14 awg 200 1 lfr252001 c 31.1 n-m (275 in-lbs) 250 kcmil-6 cu-al 130?c 3 lfr252003 c 400 1 lfr254001 c 31.1 n-m (275 in-lbs) (2) 350 kcmil-1/0 cu-al 130?c 3 lfr254003 c 600 1 lfr256001 c 42.4 n-m (375 in-lbs) (2) 500 kcmil-4 cu-al 130?c 3 lfr256003 c ordering information (class r 600 v) a mp rating poles ordering number torque terminal wire range wire type base temp rating snap to release indication c o ver ordering number* base ordering number suffix b ox lug pres s ure plate screw 30 1 lfr600301 cid pid sid 2.8 n-m (25 in-lbs) c 6-14 awg cu only solid/ stranded 130?c ? ? lfh60030fbc 2 lfr600302 cid pid sid p 10-14 awg 3 lfr600303 cid pid sid s 10-22 awg 60 1 lfr600601 cid 5.6 n-m (50 in-lbs) 2.8 n-m (25 in-lbs) 2-4 awg 6-14 awg cu-al 130?c ? ? lfh60060fbc 2 lfr600602 cid 3 lfr600603 cid 100 1 3 lfr601001 lfr601003 cid cid 13.6 n-m (120 in-lbs) 2/0-6 awg cu-al 130?c ? lfh60100fbc 4.5 n-m (40 in-lbs) 8 awg 4.0 n-m (35 in-lbs) 10-14 awg 200 1 lfr602001 c 31.1 n-m (275 in-lbs) 250 kcmil-6 cu-al 130?c 3 lfr602003 c 400 1 lfr604001 c 31.1 n-m (275 in-lbs) (2) 350 kcmil-1/0 cu-al 130?c 3 lfr604003 c 600 1 lfr606001 c 42.4 n-m (375 in-lbs) (2) 500 kcmil-4 cu-al 130?c 3 lfr606003 c
littelfuse.com powr-gard ? blocks and holders datasheet 3 of 6 ? 2013 littelfuse powr-gard ? products rev: 011513 c l a ss h/k5 and r fu s e b l o cks 31.9 [1.26] 28.6 [1 .1 3] 48.5 [1.91] 6.8 [.27 ] 74.7 [2.94] 40.1 [1.58] 8. 4 [.33] 5.6 [.22] r2.8 [.11] ty p .2 t hru r2 .8 [.11] ty p 76.5 [3.01] 3. 6 [.14] 38.2 [1.51] 44.6 [1.76] 4.8 [.19] 13.0 [.51 ] 15.6 [.61] 23 .8 [. 94] 16.3 [.64] 32 .2 [1.27] 15.9 [.63] 31.8 [1.25] 42.9 [1.69] 119.7 [4.71] 37.3 [1.47] 70.7 [2.78] 104 .1 [4 .1 0] 57 .4 [2.26] 24.9 [.98] r2 .8 [. 11 ] ty p 43.9 [1.73] 75.7 [2.98] 9.7 [.38] 14.8 [.58 ] 22.4 [.88] 55.8 [2.20] 43.1 [1 .7 0] 5.5 [.21] 89.2 [3.51] 76.5 [3.01] 177.8 [7.00] 46 .0 [1.81] 12 6. 3 [4 .97] 66.0 [2.60] 22.9 [.90] r3.4 [.13] ty p 53.6 [2.11] 72.6 [2.86] 133.0 [5.23] 11.3 [. 45 ] 20.3 [.80] 34 .7 [1.37] 60.5 [2.38] 100.6 [3 .9 6] 51.5 [2.03] 91.6 [3 .6 1] 250 v 30 a 250 v 60 a 250 v 100 a imensions mm inhes
littelfuse.com powr-gard ? blocks and holders datasheet 4 of 6 ? 2013 littelfuse powr-gard ? products rev: 011513 c l a ss h/k5 and r fu s e b l o cks 181. 1 [7 .1 3] 76.2 [3 .0 0] 22 8. 6 [9 .0 0] ?. 3 th ru 72. 4 [2 .8 5] 15. 9 [. 63] r4 .3 [. 17] typ. 63.5 [2 . 50] 12.7 [. 50 ] 63.5 [2 . 50] 52.6 [2 .0 7] 128. 5 [5 . 06] 12.7 [. 50] 19.1 [. 75] 165. 1 [6 .5 0] 184. 2 [7 . 25] 215. 9 [8 .5 0] ?.3 thru ?.8 .4 88.9 [3.50] 292.1 [11.50] 95.3 [3.75] 15.9 [.63] 266.7 [10.50] 84.4 [3.32] 15.9 [.63] 108.0 [4.25] 184.2 [7.25] 22.2 [.88] 66.7 [2.63] 95.3 [3.75] 196.9 [7.75] 15.9 [.63] 250.8 [9.88] ?.3 thru ?.8 .4 ?.3 thru ?.8 .4 355.6 [14.0] 114.3 [4.5] 114.3 [4.5] 317.5 [12.5] 19.1 [.8] 114.3 [4.5] 110.6 [4.4] 15.9 [.6] 139.7 [5.5] 215.9 [8.5] 19.1 [.8] 34.9 [1.4] 79.4 [3.1] 241.3 [9.5] 298.5 [11.8] ?.3 thru ?.6 .4 ?.3 thru ?.8 .4 ?.3 thru ?.6 .4 250 v 200 a 250 v 400 a 250 v 600 a imensions mm inhes
littelfuse.com powr-gard ? blocks and holders datasheet 5 of 6 ? 2013 littelfuse powr-gard ? products rev: 011513 c l a ss h/k5 and r fu s e b l o cks 166. 7 [6.56] 38.4 [1.51] 73.1 [2.88] r3.4 [. 13 ] ty p r2.6 [. 10 ] ty p 47.6 [1 .8 7] 56.0 [2 .2 0] 11 8. 6 [4.67] 127. 1 [5.00] 16.8 [.66] 21.5 [.85] 6.4 [.25] 19.2 [.76] 51 .6 [2.03] 41 .1 [1.62] 107.9 [4.25] 20 .7 [.82] 52 .5 [2.0 7] 75.9 [2.99] 86.4 [3.40] 184. 2 [7.25] 43 .8 [1.73] .5 .5 r3.4 [.13] ty p 83 .6 [3.2 9] 12 3. 2 [4.85] 59 .7 [2.35] 22.9 [. 90 ] 55 .2 [2.18] 74.2 [2 .9 2] 134. 6 [5.30] 11.4 [.45] 19.9 [.78] 29 .8 [1.17] 32 .4 [1.28] 59 .6 [2 .3 5] 69 .5 [2 .74] 99.4 [3.91] 109.3 [4.30] .2 t hru 228.6 [9.00] r3.4 [.13 ] ty p 53 .4 [2 .10] 145.3 [5.72] 66.0 [2.60] 22 .9 [.90] 64 .6 [2 .5 4] 15.0 [.59 ] 19.6 [.77 ] 33.8 [1.3 3] 172.8 [6.80] 61.0 [2 .4 0] 79.8 [3.14] 107.0 [4.21] 125.7 [4.95] 600 v 30 a 600 v 60 a 600 v 100 a imensions mm inhes
littelfuse.com powr-gard ? blocks and holders datasheet 6 of 6 ? 2013 littelfuse powr-gard ? products rev: 011513 c l a ss h/k5 and r fu s e b l o cks 244.3 [9.62] 76.2 [3.00] 12.7 [. 50] 52.3 [2.06] 84.2 [3.32] 228.6 [9.00] 12.7 [.50] 31.8 [1.25] ?. 3 th ru ?.3 th ru ?.3 thru ?.3 thru ?. 8 .4 r4.3 [.17] typ. 52.3 [2.06] 72.4 [2.85] 15.9 [.63] 160.1 [6.31] 192.0 [7.56] 63.5 [2.50] 44.5 [1.75] 63.5 [2.50] 165.1 [6.50] 76.7 [3.02] 84.1 [3.31] 160. 3 [6 .3 1] 196.9 [7.75] ?. 7 .4 ?. 8 .4 88.9 [3 .5 0] 368. 3 [1 4. 50] 15.9 [. 63] 22.2 [. 88] 95.3 [3 .7 5] 146. 1 [5 .7 5] 26 6. 7 [1 0. 50] 15.9 [. 63] 84.4 [3 .3 2] 15.9 [. 63] 222.3 [8.75] 273.1 [10.75] 66.7 [2 .6 3] 73.0 [2 .8 8] 250. 8 [9 .8 8] ?. 8 .4 ?. 3 t hru 114. 3 [4 .5 0] 431. 8 [1 7. 00] 19.1 [. 75] 114. 3 [4 .5 0] 177. 8 [7 .0 0] 317. 5 [1 2. 50 ] 110.6 [4 .3 6] 15.9 [. 63] 254. 0 [1 0. 00] 34.9 [1 .3 8] 79.4 [3 .1 3] 95.3 [3 .7 5] 19. 1 [. 75] 298. 5 [1 1. 75] ?. 8 .4 ?. 3 t hru ?. 6 .4 ?. 3 t hru 600 v 200 a 600 v 400 a 600 v 600 a dimensions mm (inches)


▲Up To Search▲   

 
Price & Availability of LFH250301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X