Part Number Hot Search : 
M07652R MSS1038 SPB80N06 K2133 BTLV3 RN1244 RN1244 LM404
Product Description
Full Text Search
 

To Download LDD00600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 o wide selection of input modules o 3.32 inch (84.4 mm) high digits o 115/230 vac switch selectable o rugged steel construction o available in 4 or 6-digit versions o available with red or green led display o sealed front panel construction (nema 4/ip65) o versatile mounting options o template provided for easy installation description the large digit display, model ldd, is a versatile display which can increase your productivity by offering your plant floor or production area a visual display of their current status, such as counting, rate indication, real time, or any engineering unit required. the ldd is available in either a 4-digit or a 6-digit display version with red or green led displays, that accepts a selection of personality boards to meet your specific application needs (see personality module bulletins for more information) . there are four panel wiring knock-outs provided, two 7/8" (22.2 mm) knock- outs and two 1/2" (12.7 mm) knock-outs. also provided is a removeable cover located on the rear panel which will expose one open ended cut-out for easy wire installation. the ldd has a sealed front panel which meets nema 4/ip65 requirements for wash-down and dusty environments when properly installed. the 3.32" (84.4 mm) digits are readable to 130 feet (40 m) . safety summary all safety related regulations, local codes and instructions that appear in the manual or on equipment must be observed to ensure personal safety and to prevent damage to either the instrument or equipment connected to it. if equipment is used in a manner not specified by the manufacturer, the protection provided by the equipment may be impaired. specifications 1. display: 3.32" (84.4 mm) high, red or green led display. 2. power requirements: switch selectable 115/230 vac ( 10%) , 50/60 hz, 17 va 4-digit, 21 va 6-digit (including module) . 3. construction: steel construction textured with polyurethane paint for scratch and corrosion resistance protection. front panel meets nema 4/ip65 requirements for indoor use when properly installed. installation category ii, pollution degree 2. (panel gasket included with unit.) 4. environmental conditions: operating temperature : see module literature storage temperature : -40 to 70c operating and storage humidity : 85% max. relative (non-condensing) over operating range altitude : up to 2000 meters model ldd - large digit display dimensions in inches [mm] panel cut-out bulletin no. ldd-n drawing no. lp0205 released 1/06 tel +1 (717) 767-6511 fax +1 (717) 764-0839 www.redlion.net caution: risk of danger. read complete instructions prior to installation and operation of the unit. caution: risk of electric shock.
2 specifications (cont?d) 5. certifications and compliances: safety iec 61010-1, en 61010-1: safety requirements for electrical equipment for measurement, control, and laboratory use, part 1. ip65 enclosure rating (face only), iec 529 type 4 enclosure rating (face only), ul50 emc emissions: meets en 50081-2: industrial environment. emc immunity: meets en 50082-2: industrial environment. refer to individual personality module specifications for aditional information. 6. mounting requirements: max. panel thickness is 0.375" (9.5 mm) . min. panel thickness for nema 4/ip65 sealing is 0.125" (3.2 mm) . 7. weight: 8 lbs (3.6 kg) (less module) . warning: disconnect all power before installing or removing module. set-up to place the personality module into the ldd, first remove the rear cover by unscrewing the two captive fasteners. then, before installing the module into the ldd, configure the module for the specific application by setting all applicable dip switches and jumpers at this time (see accompanying module data sheet) . place the module on the plastic standoffs (see figure 1) . push on the four posts as shown in figure 2 until the carrier snaps into place. note: power should not be applied until the terminal block is plugged into the module and the module is properly installed into the large digit display . select the proper voltage by setting the switch to either 115 or 230 volts. connect the display and power cables on the module to the appropriate connectors on the power supply board (see figure 2) . to program the intelligent meter, three normally open momentary pushbuttons are connected to ?p?, ?up?, ?down? , and common of the ldd (not included with the intelligent meter) . the model pgm is a small plastic case with three normally open momentary pushbuttons and 10 feet (3 m) of shielded cable, and is well suited for programming the intelligent meter module. although, any normally open, momentary pushbutton switches can be used. (see appropriate module literature for set-up and other connections.) to remove module from the ldd, disconnect the display and power cables, then remove the carrier from the standoffs by disengaging the tabs and simultaneously lifting the carrier. repeat this until the module has cleared all 4 standoffs. installation environment the unit should be installed in a location that does not exceed the maximum operating temperature and provides good air circulation. placing the unit near devices that generate excessive heat should be avoided. the ldd may be cleaned using alcohol compounds such as isopropanol or methanol. also, liquid glass cleaners may be used if they do not contain ammonia. note: minimal exposure of ketone solvents to the ldd is going to cause a whitening of the display overlay. continuous exposure to direct sunlight may accelerate the aging process of the bezel. the ldd is intended to be mounted into an enclosed panel with a gasket to provide a water-tight seal. a gasket and ten 10 to 32 kep nuts are provided for easy installation. the recommended minimum panel thickness for nema 4/ip65 applications is 0.125" (3.2 mm) . thinner panels may be used but may distort and not provide a water-tight seal. for ease of installation, the cardboard template (supplied with the ldd) may be used to mark the holes and cut-out locations on the panel. after the panel cut-out has been completed and deburred, insert the unit with the panel gasket, into the panel as depicted in the drawing (see figure 3) . install the ten kep nuts and tighten evenly for uniform gasket compression. by using additional hardware, the ldd can be surface-wall mounted, suspended, or bottom mounted. to surface-wall mount the unit, two sets of mb6 brackets are required. to suspend or bottom mount the unit, one set of mb6 brackets is required. figure 1 (shown with cover removed) figure 2 figure 3
3 model no. description part number pblck apollo real time clock module for use with pblck000 the 6-digit large digit display (1) apollo 4-digit process time module for use pblpt400 pblpt with the 4-digit large digit display apollo 5-digit process time module for use pblpt500 with the 6-digit large digit display (2) pblr apollo time base rate module for use pblr0600 with the 4 or 6-digit large digit display (3) pblri apollo time interval rate module for use pblri600 with the 4 or 6-digit large digit display (4) pblt apollo 6-digit totalizer module for use pblt0600 with the 4 or 6-digit large digit display (5) (1) see aplck bulletin for operating specifications. (2) see aplpt bulletin for operating specifications. (3) see aplr bulletin for operating specifications. (4) see aplri bulletin for operating specifications. (5) see aplt bulletin for operating specifications. 1. totalizer 2. linearizer 4-20 ma model no. description +18 vdc 3. peak/valley dual serial analog part number excitation 4. tare alarm output output 5. e2-con 6. efficiency intelligent meter modules no no no no no pbd10000 for decade voltage inputs * yes no no no no pbd10100 pbd1 yes no yes no no pbd10102 (see imd1 bulletin for operating yes 1, 2, 3, 4, 5 no no no pbd13100 specifications.) yes 1, 2, 3, 4, 5 yes yes yes pbd13107 intelligent meter modules no no no no no pbd20000 for decade current input * yes no no no no pbd20100 pbd2 yes no yes no no pbd20102 (see imd2 bulletin for operating yes 1, 2, 3, 4, 5 no no no pbd23100 specifications.) yes 1, 2, 3, 4, 5 yes yes yes pbd23107 intelligent serial slave display module * 20 ma src 3, 5 no yes no pba04101 pba (see ima bulletin for operating 20 ma src 3, 5 yes yes no pba04104 specifications.) 20 ma src 3, 5 yes yes yes pba04107 +12 vdc 1, 2, 3, 5, 6 no no no pbi04100 intelligent digital rate meter * +12 vdc 1, 2, 3, 5, 6 no yes no pbi04101 pbi (see imi bulletin for operating +12 vdc 1, 2, 3, 5, 6 yes no no pbi04102 specifications.) +12 vdc 1, 2, 3, 5, 6 no no yes pbi04103 +12 vdc 1, 2, 3, 5, 6 yes yes yes pbi04107 pgm programming box pgm00000 * note: all the above intelligent meter modules require a 6-digit large digit display, model LDD00600 or ldd0g600. ordering information for apollo intelligent meter modules ordering information for apollo personality modules ordering information for large digit display model no. description part number 4-digit, red large digit display ldd00400 ldd 4-digit, green large digit display ldd0g400 6-digit, red large digit display LDD00600 6-digit, green large digit display ldd0g600 mb6 mounting brackets mb600000 enc7 ldd nema 4/ip65 enclosure enc70000 shr shroud for ldd shr10000 ordering information for apollo bcd slave module model no. description part number apollo bcd slave display module for use pblsp with 4 or 6-digit large digit display pblsp600 (see aplsp bulletin for operating specifications.) personality modules the following apollo and im capabilities are available as modules for the large digit display (ldd) . these modules are ordered separately from the ldd (see ordering information) , and can quickly be installed by the user (see ?set-up? for further details) . application model digit display number required counting (totalization) pblt0600 4/6-digit tachometer/rate (time base) pblr0600 4/6-digit tachometer/rate (time interval) pblri600 4/6-digit process time (decimal point) pblpt400 4-digit process time (chronometer) pblpt500 6-digit real time clock/elapsed time pblck000 6-digit intelligent decade voltmeter (imd1) pbd1xxxx 6-digit intelligent decade current meter (imd2) pbd2xxxx 6-digit intelligent rate meter (imi) pbixxxxx 6-digit intelligent slave display (ima) pbaxxxxx 6-digit apollo slave display (aplsp) pblsp600 4/6-digit troubleshooting for further technical assistance, contact technical support at the appropriate company numbers listed.
limited warranty the company warrants the products it manufactures against defects in materials and workmanship for a period limited to two years from the date of shipment, provided the products have been stored, handled, installed, and used under proper conditions. the company?s liability under this limited warranty shall extend only to the repair or replacement of a defective product, at the company?s option. the company disclaims all liability for any affirmation, promise or representation with respect to the products. the customer agrees to hold red lion controls harmless from, defend, and indemnify rlc against damages, claims, and expenses arising out of subsequent sales of rlc products or products containing components manufactured by rlc and based upon personal injuries, deaths, property damage, lost profits, and other matters which buyer, its employees, or sub-contractors are or may be to any extent liable, including without limitation penalties imposed by the consumer product safety act (p.l. 92-573) and liability imposed upon any person pursuant to the magnuson-moss warranty act (p.l. 93-637), as now in effect or as amended hereafter. no warranties expressed or implied are created with respect to the company?s products except those expressly contained herein. the customer acknowledges the disclaimers and limitations contained herein and relies on no other warranties or affirmations. red lion controls 20 willow springs circle york pa 17402 tel +1 (717) 767-6511 fax +1 (717) 764-0839 red lion controls ap 31, kaki bukit road 3, #06-04/05 techlink singapore 417818 tel +65 6744-6613 fax +65 6743-3360 red lion controls bv basicweg 11b nl - 3821 br amersfoort tel +31 (0) 334 723 225 fax +31 (0) 334 893 793


▲Up To Search▲   

 
Price & Availability of LDD00600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X