Part Number Hot Search : 
MC9S1 FSWS4148 SM6T10AY AD564 UTC1353 L4981XD CLRC632 4094B
Product Description
Full Text Search
 

To Download FMMT491 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot23 npn silicon planar medium power transistor issue 3 - october 1995 j features * low equivalent on-resistance; r ce(sat) 210m w at 1a complementary type - fmmt591 partmarking detail - 491 absolute maximum ratings. parameter symbol value unit collector-base voltage v cbo 80 v collector-emitter voltage v ceo 60 v emitter-base voltage v ebo 5v continuous collector current i c 1a peak pulse current i cm 2a power dissipation at t amb =25c p tot 500 mw operating and storage temperature range t j :t stg -55 to +150 c electrical characteristics (at t amb = 25c). parameter symbol min. max. unit conditions. collector-base breakdown voltage v (br)cbo 80 v i c =100 m a collector-emitter breakdown voltage v ceo(sus) 60 v i c =10ma* emitter-base breakdown voltage v (br)ebo 5v i e =100 m a collector cut-off current i cbo 100 na v cb =60v collector cut-off current i ces 100 na v ces =60v emitter cut-off current i ebo 100 na v eb =4v collector-emitter saturation voltage v ce(sat) 0.25 0.50 v v i c =500ma, i b =50ma* i c =1a, i b =100ma* base-emitter saturation voltage v be(sat) 1.1 v i c =1a, i b =100ma* base-emitter turn on voltage v be(on) 1.0 v i c =1a, v ce =5v* static forward current transfer ratio h fe 100 100 80 30 300 i c =1ma, v ce =5v i c =500ma, v ce =5v* i c =1a, v ce =5v* i c =2a, v ce =5v* transition frequency f t 150 mhz i c =50ma, v ce =10v f=100mhz collector-base breakdown voltage c obo 10 pf v cb =10v, f=1mhz *measured under pulsed conditions. pulse width=300 m s. duty cycle 2% FMMT491 c b e sot23 3 - 115 FMMT491 3 - 116 10a 1a 10ma 100ma 1ma -55 c +25 c +100 c i c /i b =10 v ce(sat) v i c i c -collector current i c -collector current v be(sat) v i c 0 0.2 100ma 10ma 0.4 0.6 0.8 1.0 10a 1a h fe v i c i c -collector current 1ma 100ma 10ma 10a 1a 100 0 300 200 400 10ma 1ma i c -collector current v be(on) v i c 100ma 1a 10a 0.6 0.8 1.0 1.2 0.4 0.2 0 i c -collector current v ce(sat) v i c 1ma 0 0.1 100ma 10ma +25c 0.2 0.3 0.4 0.5 i c /i b =10 10a 1a +100 c -55 c +25 c +100 c -55 c +25 c -55 c +25 c +100 c i c /i b =10 v ce =5v v ce =5v 10 1 0.1 safe operating area v ce - collector emitter voltage (v) 0.1v 10v 100v 1s dc 100ms 10ms 100us 1ms 1v 0 1ma 0.01 i c /i b =50 0.6 0.1 0.2 0.3 0.4 0.5 0.6 typical characteristics
sot23 npn silicon planar medium power transistor issue 3 - october 1995 j features * low equivalent on-resistance; r ce(sat) 210m w at 1a complementary type - fmmt591 partmarking detail - 491 absolute maximum ratings. parameter symbol value unit collector-base voltage v cbo 80 v collector-emitter voltage v ceo 60 v emitter-base voltage v ebo 5v continuous collector current i c 1a peak pulse current i cm 2a power dissipation at t amb =25c p tot 500 mw operating and storage temperature range t j :t stg -55 to +150 c electrical characteristics (at t amb = 25c). parameter symbol min. max. unit conditions. collector-base breakdown voltage v (br)cbo 80 v i c =100 m a collector-emitter breakdown voltage v ceo(sus) 60 v i c =10ma* emitter-base breakdown voltage v (br)ebo 5v i e =100 m a collector cut-off current i cbo 100 na v cb =60v collector cut-off current i ces 100 na v ces =60v emitter cut-off current i ebo 100 na v eb =4v collector-emitter saturation voltage v ce(sat) 0.25 0.50 v v i c =500ma, i b =50ma* i c =1a, i b =100ma* base-emitter saturation voltage v be(sat) 1.1 v i c =1a, i b =100ma* base-emitter turn on voltage v be(on) 1.0 v i c =1a, v ce =5v* static forward current transfer ratio h fe 100 100 80 30 300 i c =1ma, v ce =5v i c =500ma, v ce =5v* i c =1a, v ce =5v* i c =2a, v ce =5v* transition frequency f t 150 mhz i c =50ma, v ce =10v f=100mhz collector-base breakdown voltage c obo 10 pf v cb =10v, f=1mhz *measured under pulsed conditions. pulse width=300 m s. duty cycle 2% FMMT491 c b e sot23 3 - 115 FMMT491 3 - 116 10a 1a 10ma 100ma 1ma -55 c +25 c +100 c i c /i b =10 v ce(sat) v i c i c -collector current i c -collector current v be(sat) v i c 0 0.2 100ma 10ma 0.4 0.6 0.8 1.0 10a 1a h fe v i c i c -collector current 1ma 100ma 10ma 10a 1a 100 0 300 200 400 10ma 1ma i c -collector current v be(on) v i c 100ma 1a 10a 0.6 0.8 1.0 1.2 0.4 0.2 0 i c -collector current v ce(sat) v i c 1ma 0 0.1 100ma 10ma +25c 0.2 0.3 0.4 0.5 i c /i b =10 10a 1a +100 c -55 c +25 c +100 c -55 c +25 c -55 c +25 c +100 c i c /i b =10 v ce =5v v ce =5v 10 1 0.1 safe operating area v ce - collector emitter voltage (v) 0.1v 10v 100v 1s dc 100ms 10ms 100us 1ms 1v 0 1ma 0.01 i c /i b =50 0.6 0.1 0.2 0.3 0.4 0.5 0.6 typical characteristics


▲Up To Search▲   

 
Price & Availability of FMMT491

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X