Part Number Hot Search : 
BGD816L 15800 K2485 MPC5668E PR6HJS SC1185 CET6601 4SURC
Product Description
Full Text Search
 

To Download F00029 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  note: all specifications are subject to change without notification. scd 's for these devices should be reviewed by ssdi prior to release. data sheet #: F00029c doc solid state devices, inc. 14830 valley view blvd * la mirada, ca 90638 phone: (562) 404 - 7855 * fax: (562) 404 - 1773 ssdi@ssdi - power.com * www.ssdi - power.com designer?s data sheet part number / ordering information 1 / sff 140 _ j _ __ __ | | | | | | | | | | + scre ening 2 / __ = not screen tx = tx level txv = txv level s = s level | | | | + lead option 3 / _ _ = cooper core alloy leads b w = welded copper leads + package : to - 257 sff 140j sff 140jbw 28 amp / 1 00 vo lts 0. 077 w n - channel power mosfet features: rugged construction with polysilicon gate cell low r ds(on) and high transconductance excellent high temperature stability very fast switching speed fast recovery and superior dv/dt p erformance increased rev erse energy capability low input and transfer capacitance for easy paralleling ceramic seals for improved hermeticity hermetically sealed surface mount power package tx, txv, s pace lev el s creening a vailable replacement for irf140/540 types available with enhanced fl exibility cu pins: sff140jb w maximum ratings symbol value units drain ? source voltage v ds 1 00 volts gate ? source voltage v gs 20 volts continu ou s collector current i d 2 8 amps power dissipation t c = 25oc t c = 55oc p d 62.5 47. 5 w operating & storage temperature top & tstg - 55 to +1 50 oc maximum thermal resistance junction to case r q jc 2 oc/w to - 257 pin out: pin1: drain pin2: source pin3: gate pin 1 pin 2 pin 3 suffix: jd suffix: ju suffix: j
note: all specifications are subject to change without notification. scd 's for these devices should be reviewed by ssdi prior to release. data sheet #: F00029c doc solid state devices, inc. 14830 valley view blvd * la mirada, ca 90638 phone: (562) 404 - 7855 * fax: (562) 404 - 1773 ssdi@ssdi - power.com * www.ssdi - powe r.com sff 140j sff 140jbw electrical characteristics @ t j = 25 o c (unless otherwise specified) symbol min typ max units drain to source breakdown voltage (vgs=0 v, id=250 m a ) bv dss 1 00 ?? ?? volts drain to source on state resistance (vgs=10 v, id=5 0% rated id ) r ds(on) 1 ?? 0.067 0. 077 w on state drain current (vds>id(on) x rds(on) max, vgs= 10 v , id= rated id ) r as (on) 2 ?? 0.125 a gate threshold voltage (vds=vgs, id= 250 m a ) v gs(th) 2.0 2.4 4.0 v forward transconductance ( vds>id(on) x rds(on) max, ids= 6 0% rated id ) g fs 8.7 13 ?? s (mho) zero gate voltage drain current (vds=max rated voltage, vgs=0 v) (v ds=80% rated vds, vgs=0 v, ta=1 5 0 oc ) i dss ?? ?? ?? ?? 25 250 m a gate to source leakage forward gate to source leakage reverse at rated vgs i gss ?? ?? ?? ?? + 100 - 100 na total gate charge gate to source charge gate to drain charge vgs=10 volts 6 0% rated vds 6 0% rated id q g q gs q gd ?? ?? ?? 40 8 19 75 12 35 nc turn on delay time rise time turn on delay time fall time vdd=50% rated vds 6 0% rated id rg= 6.2 w vgs=10 volts td(on) tr td(off) tf ?? ?? ?? ?? 15 72 40 50 23 110 60 75 nsec diode forward voltage ( is= rated id, vgs=0 v, tj=25 oc ) v sd ?? 1.3 2 . 5 v diode reverse recovery time reverse recovery charge t j = 25 oc if= 10 a di/dt=100a/ m sec t rr q rr ?? 0.44 150 0.91 400 1.9 nsec nc input capacitance input capacitance reverse transfer capacitance vgs=0 volts vds=25 volts f =1 mhz c iss c oss c rss ?? ?? ?? 1750 575 125 ?? ?? ?? pf for thermal derating curves and other characteristics please contact ssdi marketing department.


▲Up To Search▲   

 
Price & Availability of F00029

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X