Part Number Hot Search : 
74279 6204B242 MP450 2SD2678 203DH3 B14NK60Z ISF84R MC4010
Product Description
Full Text Search
 

To Download ESD200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  oem bluetooth-serial module, esd100/110/200/210 output interface uart, compliant bluetooth stack v1.2-improved afh(adaptive frequency hopping), fast connection transmit power - esd100/110 : max. +18dbm ESD200/210 : max. +4dbm receiving sensitivity - esd100/110 : -88dbm(0.1%ber) ESD200/210 : -80dbm(0.1%ber) antenna gain - chip : 0dbi, stub : +2dbi, dipole : +3dbi, patch : +9dbi compact size - esd100 : 27.5 x 30 x 14(mm) esd110 : 27.5 x 27.7 x 14(mm) ESD200/210 :18 x 20 x 11.7(mm) provides transparent rs232 serial cable replacement. supports bluetooth serial port profile. interoperability with pda, laptops etc. built-in chip antenna included supports firmware upgrade via windows-based software (paraniupdater) working distance(in an open field) - parani-esd100 : class 1, nom. 100 meters - parani-esd110 : class 1, nom. 100 meters, up to 1000m using patch antenna - parani-ESD200 : class 2, nom. 30meters - parani-esd210 : class 2, nom. 30meters, up to 300m using patch antenna easy to use windows configuration tool available. no external drivers required. pin assignment information www.sena.com parani-esd series is oem bluetooth-serial module type product line based on bluetooth technology. parani-esd series is designed for integration into user devices by on-board installation. they are connected to the device via built-in uart interface and communicate with other bluetooth device. parani-esd series enables rs232-based serial devices to communicate wirelessly throughout the range of 30m~300m(parani- esd210-class 2) or 100m~1000m(parani-esd110-class 1). parani-esd100/200 has a built-in on-board antenna and parani- esd110/210 has an antenna connector for connecting external antenna. users can extend bluetooth communication range by connecting the external antenna to antenna connector. users may configure the parani-esd series by using easy-to-use windows-based utility software or by using standard at command set. typical application areas of the parani-esd series include : - rs232 cable replacement - truck/bus monitoring system - car diagnostics - wireless pos system - wireless machine(healthcare/industrial) monitoring features pairing parani-esd100/110 parani-ESD200/210 - wireless factory monitoring - plc programming - wireless printing - wireless logistics
oem bluetooth-serial module, esd100/110/200/210 esd100 parani-esd100 oem bluetooth-serial module-class1 with built-in chip antenna ESD200 parani-ESD200 oem bluetooth-serial module-class2 with built-in chip antenna esd100-01, ESD200-01 includes : embedded on-board antenna esd110 parani-esd110 oem bluetooth-serial module-class1 with antenna extension option esd210 parani-esd210 oem bluetooth-serial module-class2 with antenna extension option esd110-00, esd110-01, esd210-00, esd210-01 esd110-00 and esd210-00 : module only - antenna and cable not included esd110-01 and esd210-01 includes : - sat : parani-sat stub antenna-sma male-left handed - eec : parani-eec 15cm antenna extension cable optional accessories : - dat : parani-dat dipole antenna-sma male-left handed - pat : parani-pat patch antenna-sma r/a female-right handed - slr : sma-male left handed to right handed adapter - rfc : parani-rfc 1m antenna extension cable for patch antenna parani-esd100sk starter kit for parani-esd100 parani-esd110sk starter kit for parani-esd110 parani-ESD200sk starter kit for parani-ESD200 parani-esd210sk starter kit for parani-esd210 includes : - any one of the following modules : esd100, esd110, ESD200, esd210 - jig board - dc power adapter - serial data cable - cd-rom ordering information u.s. / canada / south america tel : +1 (408) 573-7425 fax : +1 (408) 907-3738 toll free (us/canada): 1-8668-us-sena (1-866-887-7362) eu / africa tel : +33 (0) 1 53 53 16 29 fax : +33 (0) 1 70 24 70 90 asia / pacific tel : +82-2-571-8283 fax : +82-2-573-7710 contact us via e-mail general information : info@sena.com sales & distribution : sales@sena.com technical support : support@sena.com www.sena.com specifications serial interface - parani-esd100/110 uart interface, 2.54mm header 2x6, 1200bps to 230 kbps cts/rts flow control : default dtr/dsr for loop-back & full transfer - parani-ESD200/210 uart interface, 2.54mm header 1x4x2, 1200bps to 230 kbps cts/rts flow control : default bluetooth interface - parani-esd100/110 bluetooth v1.2 class 1 level - 18 dbm protocols - rfcomm, l2cap, sdp profiles - general access profile, serial port profile working distance esd100 : nominal 100 meters esd110 : default antenna - default antenna 100 meters default antenna - dipole antenna 150 meters dipole antenna - dipole antenna 200 meters patch antenna - dipole antenna 400 meters patch antenna - patch antenna 1,000 meters - parani-ESD200/210 bluetooth v1.2 class 2 level - max. 4 dbm protocols - rfcomm, l2cap, sdp profiles - general access profile, serial port profile working distance ESD200 : nominal 30 meters bluetooth interface esd210 : default antenna - default antenna 30 meters default antenna - dipole antenna 50 meters dipole antenna - dipole antenna 80 meters patch antenna - dipole antenna 150 meters patch antenna - patch antenna 300 meters configuration: paraniwin, paraniwizard, modem at command set firmware update: paraniupdater power - 3.3vdc - nominal current consumption esd100/110 : 70ma @ 3.3vdc approximately ESD200/210 : 40ma @ 3.3vdc approximately environmental - operating temperature : -10?c to 55?c - storage temperature : -20?c to 70?c - humidity : 90% non-condensing physical properties - parani-esd100 : - parani-esd110 : - parani-ESD200/210 : 27.5 x 30 x 14(mm), 27.5 x 27.7 x 14(mm), 18 x 20 x 11.7(mm) 1.08 x 1.18 x 0.55(in.) 1.08 x 1.09 x 0.55(in.) 0.7 x 0.78 x 0.47(in.) - weight : esd100 - 7g / esd110 - 17g / ESD200 - 4g / esd210 - 14g mtbf - parani-esd100 : 136.73 years / parani-esd110 : 137.1 years - parani-ESD200 : 556.53 years / parani-esd210 : 562.74 years approvals: fcc, ce warranty: 1-year limited warranty parani-esd starter kit parani-esd starter kit includes the evaluation board with the sample circuitry for parani-esd100/110/200/210 interface, power, rs232 interface, reset, leds, pairing, h/w flow control for user device development. rs232 power input power switch h/w flow control switch pairing button factory reset button leds set esd100/1 10 interface ESD200/210 interface for more information, please visit us at http://www.sena.com


▲Up To Search▲   

 
Price & Availability of ESD200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X