Part Number Hot Search : 
2SC446 MMC4093 43000 R2023K HIN208CA 70N6T HPN2222A 2405S
Product Description
Full Text Search
 

To Download DTC123EKAT146 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dtc123e series npn 100ma 50v digital transistors (bias resistor built-in transistors) datasheet l l outline parameter value vmt3 emt3 v cc 50 v i c(max.) 100 ma r 1 2.2 k dtc123em dtc123ee r 2 2.2 k (sc-105aa) sot-416(sc-75a) umt3 smt3 l l features 1) built-in biasing resistors, r 1 = r 2 = 2.2k 2) built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see inner circuit) . 3) the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of completely eliminating parasitic effects. 4) only the on/off conditions need to be set for operation, making the circuit design easy. 5) complementary pnp types: dta123e series 6) lead free/rohs compliant. dtc123eua dtc123eka sot-323(sc-70) sot-346(sc-59) l l inner circuit l l application switching circuit, inverter circuit, interface circuit, driver circuit l l packaging specifications part no. package package size taping code reel size (mm) tape width (mm) basic ordering unit.(pcs) marking dtc123em vmt3 1212 t2l 180 8 8000 22 dtc123ee emt3 1616 tl 180 8 3000 22 dtc123eua umt3 2021 t106 180 8 3000 22 dtc123eka smt3 2928 t146 180 8 3000 22 www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 1/8 20121216 - rev. 002
dtc123e series datasheet   absolute maximum ratings (t a = 25c) parameter symbol values unit supply voltage v cc 50 v input voltage v in -10 to 12 v output current i o 100 ma collector current i c(max) *1 100 ma power dissipation dtc123em p d *2 150 mw dtc123ee 150 dtc123eua 200 dtc123eka 200 junction temperature t j 150 range of storage temperature t stg -55 to + 150   electrical characteristics (t a = 25c) parameter symbol conditions values unit min. typ. max. input voltage v i(off) v cc = 5 v, i o = 100 a - - 0.5 v v i(on) v o = 0.3 v, i o = 20 ma 3 - - output voltage v o(on) i o / i i = 10 ma / 0.5 ma - 0.1 0.3 v input current i i v i = 5 v - - 3.8 ma output current i o(off) v cc = 50 v, v i = 0 v - - 0.5 a dc current gain g i v o = 5 v, i o = 20 ma 20 - - - input resistance r 1 - 1.54 2.2 2.86 k resistance ratio r 2 /r 1 - 0.8 1 1.2 - transition frequency f t *1 v ce = 10 v, i e = -5 ma, f = 100 mhz - 250 - mhz *1 characteristics of built-in transistor *2 each terminal mounted on a reference footprint www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 2/8 20121216 - rev. 002
dtc123e series          datasheet   electrical characteristic curves (t a =25c) fig.1 input voltage vs. output current (on characteristics) fig.2 output current vs. input voltage (off characteristics) fig.3 output current vs. output voltage fig.4 dc current gain vs. output current                                               www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 3/8 20121216 - rev. 002
 

         datasheet   
   
  
 (t a =25c) fig.5 output voltage vs. output current                                               www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 4/8 
 
dtc123e series               datasheet   dimensions                                               www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 5/8 20121216 - rev. 002
 

         datasheet   
                                                www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 6/8 
 
 

         datasheet   
                                                www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 7/8 
 
 

         datasheet   
                                                www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 8/8 
 


▲Up To Search▲   

 
Price & Availability of DTC123EKAT146

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X