Part Number Hot Search : 
H3842 SI2300 T1049 H3842 CPH6306 SD1080 TM404ABC BF720T3G
Product Description
Full Text Search
 

To Download DTC114TCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistor (see equivalent circuit). the bias resistors consist of thin -film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. only the on/off conditions need to be set for operation,marking device design easy. green compound (halogen free) with suffix "g" on packing code and prefix "g" on date code. dtc114 tm sot-723 8k / 7" reel rm maximum ratings and el ectrical characteristics rating at 25c ambient temperature unless otherwise specified. maximum ratings tm te esa 100 150 300 mw v v v ma c notes: 1. valid provided that electrodes are kept at ambient temperature electrical characteristics min typ max unit 50 v 50 v 5v 0.5 a 0.5 a 100 300 600 0.3 v 250 mhz 71013 k ? dc current gain i ebo ic=1ma,ib=0 emitter cut-off current marking 04 100 condtion ic=50 a,i e =0 -55 to + 150 imput resistor collector-base breakdown voltage v ce =5v,i c =1ma i e =50 a,i c =0 v cb =50v,i e =0 v eb =4v,ic=0 small signal product ordering information (example) units eua / eca manufacture code m0 note : detail please see "ordering information(detail, example)" belo w packing code (green) dtc114 tm/te/tua/tca/ts a 50 package packing features packing code part no. npn small signal transistor 50 value paramete r symbol collector current -continuous parameter power dissipation collector-base voltage collector-emitter voltage 5 junction and storage temperature range symbol pd v cbo v ceo v ebo i c tj, t stg emitter-base voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector cut-off current version : b13 r 1 i c =10ma,i b =1ma v ce =10v,i e =-5ma, f=100mhz collector-emitter saturation voltage transition frequency equivalent circuit rmg h fe v ce(sat) f t v (br)cbo v (br)ceo v (br)ebo i cbo 200
orderin g information ( detail , exam p le ) sot-723 rm 04 sot-523 rn 04 sot-323 rv 04 sot-23 ru 04 to-92s a3 sot-723 rm 04 sot-523 rn 04 sot-323 rv 04 sot-23 ru 04 to-92s a3 dimensions to-92s min max min max a 3.85 4.15 0.15 0.16 b 3.01 3.31 0.12 0.13 c 15.10 15.50 0.59 0.61 d 0.38 0.55 0.01 0.02 e 1.42 1.62 0.06 0.06 f 0.66 0.86 0.03 0.03 g 0.36 0.51 0.01 0.02 version : b13 dim. unit(mm) unit(inch) dtc114 tca 3k / 7" reel rug m0 dtc114 tsa 3k / box(ammo) a3g m0 3k / 7" reel rng m0 dtc114 tua 3k / 7" reel rvg m0 part no. package packing marking dtc114 tm 8k / 7" reel rmg m0 3k / 7" reel dtc114 te packing code rvg rug a3g 3k / 7" reel 3k / box(ammo) dtc114 tua 3k / 7" reel manufacture code (note) small signal product packing code (green) rmg rng dtc114 tm 8k / 7" reel note : manufacture special control, if empty means no special control requirement. dtc114 tca dtc114 tsa dtc114 te
min max min max min max min max a 2.80 3.00 0.11 0.12 a 1.90 2.10 0.07 0.08 b 1.20 1.40 0.05 0.06 b 1.15 1.35 0.05 0.05 c 0.30 0.50 0.01 0.02 c 0.25 0.35 0.01 0.01 d 1.80 2.00 0.07 0.08 d 1.20 1.40 0.05 0.06 e 2.25 2.55 0.09 0.10 e 2.00 2.20 0.08 0.09 f 0.90 1.20 0.04 0.04 f 0.80 1.00 0.03 0.04 g min max min max min max min max a 1.50 1.70 0.06 0.07 a 1.15 1.25 0.05 0.05 b 0.70 0.80 0.03 0.03 b 0.75 0.85 0.03 0.03 c 0.25 0.35 0.01 0.01 c 0.17 0.27 0.01 0.01 d 0.90 1.10 0.04 0.04 d e 1.50 1.70 0.06 0.07 e 1.15 1.25 0.05 0.05 f 0.70 0.90 0.03 0.04 f 0.50 0.02 version : b13 0.8 typ 0.31 typ sot-723 unit(inch) sot-323 dim. unit(mm) unit(inch) dim. unit(mm) unit(inch) sot-523 dim. unit(mm) 0.550 ref 0.022 ref small signal product dim. unit(mm) unit(inch) sot-23


▲Up To Search▲   

 
Price & Availability of DTC114TCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X