Part Number Hot Search : 
6404A MK325 SCH3114 F45H11G 74LVC1G KH39GM2 25U4035 2812D
Product Description
Full Text Search
 

To Download DTC114TCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features x built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit) x the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost comp letely eliminating parasitic effects x only the on/off conditions need to be set for operation, making device design easy absolute maximum ratings parameter symbol value unit collector-base voltage v cbo 50 v collector-emitter voltage v ceo 50 v emitter-base voltage v ebo 5 v collector current-continuous i c 100 ma collector dissipation p c 200 mw junction temperature t j 150 : storage temperature range t stg -55~150 : electrical characteristics sym parameter min typ max unit v (br)cbo collector-base breakdown voltage (i c =50ua, i e =0) 50 --- --- v v (br)ceo collector-emitter breakdown voltage (i c =1ma, i b =0) 50 --- --- v v (br)ebo emitter-base breakdown voltage (i e =50ua, i c =0) 5 --- --- v i cbo collector cut-off current (v cb =50v, i e =0) --- --- 0.5 ua i ebo emitter cut-off current (v eb =4v, i c =0) h fe dc current gain (v ce =5v, i c =1ma) 100 300 600 --- v ce(sat) collector-emitter saturation voltage (i c =10ma, i b =1ma) --- --- 0.3 v r 1 input resistor 7 10 13 k ? f t transition frequency (v ce =10v, i e =-5ma, f=100mhz) --- 250 --- mhz .079 2.000 in ch es mm . 031 .800 .035 .900 . 037 .950 .037 .950 --- --- 0.5 ua sot-23 suggested solder pad layout *marking: 04 epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 2012-0 willas electronic corp. npn digital transistor DTC114TCA dimensions in inches and (millimeters) .080(2.04) .070(1.78) .110(2.80) .083(2.10) .006(0.15)min. .008(0.20) .003(0.08) .055(1.40) .035(0.89) .020(0.50) .012(0.30) .004(0.10)max. .122(3.10) .106(2.70) .063(1.60) .047(1.20)
2012-0 willas electronic corp. npn digital transistor DTC114TCA


▲Up To Search▲   

 
Price & Availability of DTC114TCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X