Part Number Hot Search : 
2N3691 T420N MBR30 VCH16 R8C2B AD7685 LA75676M 00007
Product Description
Full Text Search
 

To Download DTC114TCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bl galaxy electrical production specification digital transistor dtc(r 1 -only series)ca document number: bl/ssdtc129 www.galaxycn.com rev.a 1 features z epitaxial planar die construction. z complementary pnp types available(dta). z built-in biasing resistor,r 1 only. z also available in lead free version. applications z the npn style digital transistor. sot-23 ordering information type no. marking package code dtc143tca 03 sot-23 DTC114TCA 04 sot-23 dtc144tca 06 sot-23 maximum rating @ ta=25 unless otherwise specified symbol parameter value units v cbo collector-base voltage 50 v v ceo collector-emitter voltage 50 v v ebo emitter-base voltage 5 v i c (max.) collector current 100 ma p d power dissipation 200 mw r ja thermal resistance, junction to ambient air 625 /w t j ,t stg operating and storage and temperature range -55 to +150 pb lead-free
bl galaxy electrical production specification digital transistor dtc(r 1 -only series)ca document number: bl/ssdtc129 www.galaxycn.com rev.a 2 electrical characteristics @ ta=25 unless otherwise specified parameter symbol test conditions min typ max unit collector-base breakdown voltage bv cbo i c =50 a 50 v collector-emitter breakdown voltage bv ceo i c =1ma 50 v emitter-base breakdown voltage bv ebo i e =50 a 5 v collector cutoff current i cbo v cb =50v - - 0.5 a emitter cutoff current i ebo v eb =4v - - 0.5 a collector-emitter saturation voltage dtc143tca DTC114TCA dtc144tca v ce(sat) i c /i b =2.5ma/0.25ma i c /i b =1ma/0.1ma i c /i b =2.5ma/0.25ma 0.3 v dc current gain h fe i c =1ma,v ce =5v 100 250 600 input resistor(r 1 ) dtc143tca DTC114TCA dtc144tca r 1 4.7 10 47 k ? input resistor(r 1 )tolerance r 1 -30 +30 % gain-bandwidth product f t v ce =10v,i e =5ma, f=100mhz - 250 - mhz typical characteristics @ ta=25 unless otherwise specified
bl galaxy electrical production specification digital transistor dtc(r 1 -only series)ca document number: bl/ssdtc129 www.galaxycn.com rev.a 3
bl galaxy electrical production specification digital transistor dtc(r 1 -only series)ca document number: bl/ssdtc129 www.galaxycn.com rev.a 4 package outline plastic surface mounted package sot-23 soldering footprint unit : mm package information sot-23 dim min max a 2.85 2.95 b 1.25 1.35 c 1.0typical d 0.37 0.43 e 0.35 0.48 g 1.85 1.95 h 0.02 0.1 j 0.1typical k 2.35 2.45 all dimensions in mm device package shipping dtc143tca/114tca/144tca sot-23 3000/tape&reel


▲Up To Search▲   

 
Price & Availability of DTC114TCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X