Part Number Hot Search : 
304S32 ETC9420 NT3883H 1010T SM101 IRFBC20 KA5Q0565 V630M
Product Description
Full Text Search
 

To Download DTA124EEB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  transistors DTA124EEB 1/2 -100ma / -50v digital transistors (with built-in resistors) DTA124EEB z applications z dimensions (unit : mm) inverter, interface, driver z features 1) built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). 2) the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely elimi nating parasitic effects. 3) only the on/off conditions need to be set for operation, making the device design easy. z structure z equivalent circuit pnp silicon epitaxial planar transistor type (resistor built-in) z packaging specifications DTA124EEB part no. tl emt3f 3000 package packaging type taping code basic ordering unit (pieces) z absolute maximum ratings (ta=25 c) limits parameter symbol 150 ? 50 ? 40 to + 10 ? 55 to + 150 ? 30 150 v v ma mw c c v in ? 1 ? 2 ? 1 characteristics of built-in transistor ? 2 each terminal mounted on a recommended land io p d tj tstg unit supply voltage input voltage output current ? 100 ma ic(max) collector current power dissipation junction temperature storage temperature v cc r 1 r 2 in r 1 =r 2 =22k ? gnd(+) out in gnd(+) out abbreviated symbol : 15 (1) in (2) gnd (3) out each lead has same dimensions 1.6 0.26 0.5 0.5 1.0 1.6 0.86 0.37 0.37 (1) (2) (3) 0.45 0.7 0.13 0.45 emt3f
transistors DTA124EEB 2/2 z electrical characteristics (ta=25 c) parameter symbol v i(off) v i(on) v o(on) i i i o(off) r 1 g i r 2 /r 1 f t min. ? ? 3 ? ? ? 15.4 56 0.8 ?? ? ?? ? 100 ? ? 22 ? 1 250 ? 500 ? 300 ? 360 ? 500 28.6 ? 1.2 v cc =? 5v, i o =? 100 a v o =? 0.2v, i o =? 5ma i o /i i =? 10ma/ ? 0.5ma v i =? 5v v cc =? 50v, v i = 0v v o =? 5v, i o =? 5ma v ce =? 10v, i e = 5ma, f = 100mhz ? mv v mv a na k ? ? ?? ? mhz typ. max. unit conditions input voltage output voltage input current output current input resistance dc current gain resistance ratio transition frequency ? characteristics of built-in transistor. z electrical characteristic curves input voltage : v i (on) (v) output current : i o (a) ? 100 ? 50 ? 20 ? 10 ? 5 ? 2 ? 1 ? 500m ? 200m ? 100m ? 100 ? 1m ? 10m ? 100m ? 200 ? 2m ? 20m ? 500 ? 5m ? 50m v o =? 0.3v 25 c 100 c ta =? 40 c fig.1 input voltage vs. output current (on characteristics) 0 ? 3.0 ? 10m ? 1 ? 2m ? 5m ? 1m ? 200 ? 500 ? 100 ? 20 ? 50 ? 10 ? 2 ? 5 ? 0.5 ? 1.0 ? 1.5 ? 2.0 ? 2.5 v cc =? 5v input voltage : v i (off) (v) output current : io (a) ta = 100 c 25 c ? 40 c fig.2 output current vs. input voltage (off characteristics) v o =? 5v dc current gain : g i output current : i o (a) 1k 500 200 100 50 20 10 5 2 1 ? 100 ? 1m ? 10m ? 100m ? 200 ? 2m ? 20m ? 500 ? 5m ? 50m 25 c ? 40 c ta = 100 c fig.3 dc current gain vs. output current l o /l i = 20 ? 100 ? 1m ? 10m ? 100m ? 200 ? 2m ? 20m ? 500 ? 5m ? 50m ? 1 ? 500m ? 200m ? 100m ? 10m ? 50m ? 5m ? 20m ? 2m ? 1m output current : i o (a) output voltage : v o(on) (v) ta = 100 c 25 c ? 40 c fig.4 output voltage vs. output current
notes no technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of rohm co.,ltd. the contents described herein are subject to change without notice. the specifications for the product described in this document are for reference only. upon actual use, therefore, please request that specifications to be separately delivered. application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. rohm co.,ltd. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by rohm co., ltd. is granted to any such buyer. products listed in this document are no antiradiation design. appendix1-rev2.0 thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact your nearest sales office. rohm customer support system the americas / eupope / asia / japan contact us : webmaster@ rohm.co. jp www.rohm.com copyright ? 2007 rohm co.,ltd. the products listed in this document are designed to be used with ordinary electronic equipment or de vices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of which would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. it is our top priority to supply products with the utmost quality and reliability. however, there is always a chance of failure due to unexpected factors. therefore, please take into account the derating characteristics and allow for sufficient safety features, such as extra margin, anti-flammability, and fail-safe measures when designing in order to prevent possible accidents that may result in bodily harm or fire caused by component failure. rohm cannot be held responsible for any damages arising from the use of the products under conditions out of the range of the specifications or due to non-compliance with the notes specified in this catalog. 21, saiin mizosaki- cho, ukyo-ku, kyoto 615-8585, japan tel : +81-75-311-2121 fax : +81-75-315-0172 appendix


▲Up To Search▲   

 
Price & Availability of DTA124EEB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X