features BITSYXB? low power embedded scb with comprehensive graphics and i/o ? compact and battery operated ? comprehensive i/o on a single board ? an expandable, scalable engine ? graphics galore including lcd to xga and touchscreen interface ? operating system options: from windows ce to linux ? power and power management the BITSYXB delivers low power in a small form factor and at a low cost with proven success in a wide range of vertical markets. the BITSYXB, based on the marvell pxa270, offers a rich set of graphics, communications, and i/o capabilities. the BITSYXB can be used as a stand-alone single board computer or can be integrated with a standard or custom adapter board for further feature expansions, including power over ethernet. the bitsy xb is designed as low-cost, application-ready platform that can reduce the product- to-market cycle from years to several months. to date, the bitsy family of embedded computers from eurotech inc. has been quickly and readily reconfgured to satisfy dozens of application requirements. eurotechs quick-turn capabilities are based on a world class engineering house with expertise in quickly and successfully reconfguring systems using a deep reserve of hardware and software device technologies.
processor 32-bit marvell pxa270 risc processor at 520 mhz graphics/v ideo v ideo interface up to s v ga (800x600) color lcd interface (driven by the pxa270) backlight connector with pwm + on/off controlled by software 4 or 5 wire resistive touchscreen au dio ac97, 16 bit stereo codec memor y program/frame buffer sdram to 128 mbytes flash memory to 64 (synchronous) mbytes (32 asynchronous) one pcmcia (type ii, also available for devices such as ethernet, 802.11, etc. o perating environments windows ce 6.0 linux others (contact factory for all options) comprehensive communications one usb host port, one usb function port (personality board required for connectors) three serial ports 10 digital i/os spi port i2c bus with i2c master controller adsmartio, 9 confgurable input/outputs support for ps2 keyboard (with personality board) - optional support for external interrupt inputs expansion slot (header) with 16 address and 11 data lines peripherals real time clock software controlled led status indicator dimensions / power requirement s 3 x 5 5v or 6 - 16v input <1w in operation complete and partitioned on-board power supply adapter board expandability compact flash slot (type ii connector) ethernet 10/100bt power over ethernet *specifcations and features subject to change without notice see our website for latest updates and more information www.eurotech-inc.com digital technologies for a better world 10260 old columbia rd. suite g columbia, md 21046 u.s.a. www.eurotech.com BITSYXB? specifcations* about us eurotech delivers embedded computer systems for high capability and low power applications, networking and wearable computing solutions, and application framework middleware for multimedia, industrial, transportation, medical, and wireless applications. eurotech platforms allow oem and enterprise customers to focus on their core revenue-generating products and services and get to market quickly. BITSYXB is a trademark of eurotech inc. other trademarks are property of their respective holders. +1.888.941.2224 sales@eurotech-inc.com cmm4467e aug2008v1.0 270 34 47 50 optional) 5 7 j20 j22 j18 j31 j7 j16 j9 j15 j12 j44 j6 j j45 j46 j j49 j j11 usb function port backlight touch panel battery ( quad uart power input j7 irda i2c j5 p/s2 keyboard usb host j36 power supply wakeup nssp j39 usb host port adapter board com4 j10 com pcmcia j1 com6 com j13 system controller logic spi buffers buffers buffers i2c j8 com3 j11 com2 vee com1 supercaps spi j28 compactflash lcd j51 j2 buffers j10 buffers sw1 reset xscale i/os pxa j3 mmc ps/2 digital i/os j3 amp j1 amp j6 i2c compact flash touch panel controller usb function battery charger ac97 codec buffers ethernet lcd rtc com2 atmega com1 sdram and flash memory com3 ac97 jp4-7 system bus + BITSYXB j9
|