12v dc sealed, maintenance-free battery for all inverter/chargers that accept 12v dc battery connections model number: 98-121 description tripp lite's 98-121 12v dc battery is for use with all powerverter models which accept 12v dc input. the sealed, maintenance-free battery can be used with an optional case (model # bp260), available separately through tripp lite, which can hold two 98-121 batteries. features tripp lite's 98-121 12v dc battery is for use with all powerverter models which accept 12v dc input the sealed, maintenance-free battery can be used with an optional case (model # bp260), available separately through tripp lite, which can hold two 98-121 batteries. specifications overview model type batteries input voltage compatibility (vdc) 12 battery dc system voltage (vdc) 12 upc assignment unit carton upc# 037332080028 highlights 12v dc 75 amp-hour sealed, maintenance-free applications for use with powerverter or aps models which accept 12v dc battery connection package includes 98-121 12v dc battery 1 / 2
physical unit dimensions (hwd/in) 6.82 x 10.27 x 6.65 unit dimensions (hwd/cm) 17.4 x 26.1 x 16.9 unit weight (lbs) 58 unit weight (kg) 26 warranty product warranty period (worldwide) 1-year limited warranty ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 2 / 2
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? 98-121
|