Part Number Hot Search : 
S1500 L6741TR LTS367HR N3290A 1N4688 4720T HC4P55 HF321J
Product Description
Full Text Search
 

To Download 92B0504-SP56 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 12/23/2014 please check www.molex.com for latest part information part number: 39920-0704 status: active overview: eurostyle? terminal blocks description: 15.00mm beau? eurostyle?, fixed mount pcb terminal block, high voltage, high power 115a, 4 circuits documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) agency certification ul e48521 general product family terminal blocks series 39920 application n/a component type one piece overview eurostyle? terminal blocks product name eurostyle?fixed mount type euro block upc 800756901190 physical circuits (loaded) 4 circuits (maximum) 4 color - resin black entry angle vertical flammability 94v-0 lock to mating part none material - metal brass material - plating mating tin material - plating termination tin material - resin polyester number of rows 1 orientation vertical pc tail length 6.30mm pcb retention yes pcb thickness - recommended 3.18mm panel mount no pitch - mating interface 15.00mm pitch - termination interface 15.00mm plating min - mating 3.810m plating min - termination 3.810m polarized to mating part yes shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -40c to +130c termination interface: style through hole wire size awg 1, 2, 3, 4, 6, 8 wire size mm2 8.3 - 35 electrical current - maximum per contact 115a voltage - maximum 600v series image - reference only eu rohs china rohs rohs compliant by exemption reach svhc not reviewed low-halogen status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 39920 series mates with n/a
material info old part number 92B0504-SP56 reference - drawing numbers sales drawing sd-39920-002 this document was generated on 12/23/2014 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 92B0504-SP56

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X