Part Number Hot Search : 
RN2307 2001B PQ05RR12 002000 1N5252B 19N602 P2K9A 42S32200
Product Description
Full Text Search
 

To Download 2SK1959 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type ic smd type 1.80 +0.1 -0.1 4.50 +0.1 -0.1 2.50 +0.1 -0.1 0.80 +0.1 -0.1 4.00 +0.1 -0.1 0.53 +0.1 -0.1 0.48 +0.1 -0.1 1.50 +0.1 -0.1 0.44 +0.1 -0.1 2.60 +0.1 -0.1 0.40 +0.1 -0.1 3.00 +0.1 -0.1 sot-89 unit: mm 1. base 2. collector 3. emiitter 1. source 2. drain 3. gate 1 2 3 1gate 2drain 3source 2SK1959 features gatecanbedrivenby1.5v low on resistance r ds(on) =3.2 max.@v gs =1.5v,i d =50ma r ds(on) =0.5 max.@v gs =4.0v,i d =1a absolute maximum ratings ta = 25 parameter symbol rating unit drain to source voltage v dss 16 v gate to source voltage v gss 7 v drain current i d 2.0 a power dissipation p d 2.0 w channel temperature t ch 150 storage temperature t stg -55to+150 electrical characteristics ta = 25 parameter symbol testconditons min typ max unit drain cut-off current i dss v ds =16v,v gs =0 100 a gate leakage current i gss v gs = 7v,v ds =0 10 a gate to source cutoff voltage v gs(off) v ds =3v,i d =100 a 0.5 0.8 1.1 v forward transfer admittance y fs v ds =3v,i d =1.0a 1.0 s v gs =1.5v,i d =50ma 0.8 3.2 v gs =2.5v,i d =0.5a 0.36 0.6 v gs =4.0v,i d =1.0a 0.28 0.5 input capacitance c iss 160 pf output capacitance c oss 150 pf reverse transfer capacitance c rss 50 pf turn-on delay time t d(on) 45 ns rise time tr 190 ns turn-off delay time t d(off) 180 ns fall time t f 210 ns v ds =3v,v gs =0,f=1mhz i d =0.5a,v gs(on) =3v,r l =6 ,v dd =3v,r g =10 drain to source on-state resistance r ds(on) smd type smd type product specification 4008-318-123 sales@twtysemi.com 1 of 1 http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of 2SK1959

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X