Part Number Hot Search : 
2SA1280 QF3300 BD233 SK170 12001 MP050 MGFC44 IRF7495
Product Description
Full Text Search
 

To Download 2N5400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pnp silicon planar epitaxial transistor 2N5400 to-92 plastic package amplifier transistor absolute maximum ratings description symbol unit collector emitter voltage v ceo v collector base voltage v cbo v emitter base voltage v ebo v collector current continuous i c ma power dissipation @ t a =25oc p d mw derate above 25oc mw/oc power dissipation @ t c =25oc p d w derate above 25oc mw/oc operating and storage junction temperature range t j, t stg oc thermal resistance junction to case r th (j-c) oc/w junction to ambient in free air r th (j-a) oc/w electrical characteristics (t a =25oc unless specified otherwise) description symbol test condition max unit collector emitter voltage *v ceo i c =1ma, i b =0 v collector base voltage v cbo i c =100 m a, i e =0 v emitter base voltage v ebo i e =10 m a, i c =-0 v collector cut off current i cbo v cb =100v, i e =0 100 na v cb =100v, i e =0, t a =100oc 100 m a emitter cut off current i ebo v eb =4v, i c =0 50 na dc current gain *h fe i c =1ma, v ce =5v i c =10ma, v ce =5v 180 i c =50ma, v ce =5v collector emitter saturation voltage *v ce (sat) i c =10ma, i b =1ma 0.2 v i c =50ma, i b =5ma 0.5 v base emitter saturation voltage *v be (sat) i c =10ma, i b =1ma 1.0 v i c =50ma, i b =5ma 1.0 v *pulse test: pulse width=300 m m s, duty cycle=2% 2N5400rev100104e 30 40 40 min 120 130 5.0 12 - 55 to +150 83.3 200 value 120 130 5.0 600 625 5.0 1.5 e b c continental device india limited data sheet page 1 of 5 continental device india limited an iso/ts 16949, iso 9001 and iso 14001 certified company
pnp silicon planar epitaxial transistor 2N5400 to-92 plastic package electrical characteristics (t a =25oc unless specified otherwise) dynamic characteristics description symbol test condition max unit small signal current gain h fe i c =1ma, v ce =10v, f=1khz 200 transition frequency f t v ce =10v, i c =10ma, f=100mhz 400 mhz output capacitance c obo v cb =10v, i e =0, f=1mhz 6.0 pf noise figure nf v ce =5v, i c =250 m a, r=1k w , f=10hz to 15.7khz 8.0 db 2N5400rev100104e 30 100 min e b c continental device india limited data sheet page 2 of 5
2N5400 to-92 plastic package the to-92 package, tape and ammo pack drawings are correct as on the date of issue/revision of this data sheet. the currently valid dimensions and information, may please be confirmed from the to-92 drawing in the packages and packing section of the product catalogue. 2N5400rev100104e to-92 plastic package 1 2 3 d g e sec aa d b a l s o l d e r a b i l i t y e n s u r e d d i m e n s i o n w i t h ' l ' u n c o n t r o l l e d b e y o n d ' l ' k a a 1 2 3 f f h c 3 2 1 m mold parting line all dimensions are in mm dim a b c d e f 5 deg g h k l max. 5.33 5.20 4.19 0.55 0.50 1.40 1.40 2.082 ? 1.20 m min. 4.32 4.45 3.18 0.41 0.35 1.14 1.20 12.70 1.982 1.03 pin configuration 1. collector 2. base 3. emitter to-92 bulk to-92 t&a 1k/polybag 2k/ammo box 200 gm/1k pcs 645 gm/2k pcs 3" x 7.5" x 7.5" 12.5" x 8" x 1.8" 5k 2k 17" x 15" x 13.5" 17" x 15" x 13.5" 80k 32k 23 kgs 12.5 kgs package net weight/qty details standard pack inner carton box qty outer carton box qty gr wt size size packing details continental device india limited data sheet page 3 of 5
2N5400 to-92 plastic package 2N5400rev100104e to-92 tape and ammo pack adhesive tape on top side flat side flat side of transistor and adhesive tape visible 2000 pcs./ammo pack label carrier strip 186 (7.3") 3 3 2 ( 1 3 " ) f e e d 4 3 ( 1 . 7 " ) ammo pack style tape mechanical data a a1 p (p) c1 c2 w2 do f2 f p2 po f1 w1 wo w h1 h2 h3 l ho h1 h1 t h t t1 h item symbol specification pull - out force (p) 6n min. nom. body width a1 4.0 4.8 body height a 4.8 5.2 body thickness t 3.9 4.2 component alignment side view h 0 1.0 component alignment front view h1 0 1.3 component height h1 23.25 length of snipped leads l 11.0 total tape thickness t 1.2 clinch height h3 3.0 lead parallelism | c1 - c2 | 0.22 max. pitch of component p 12.7 1.0 feed hole pitch po 12.7 0.3 feed hole centre to component centre p2 6.35 0.4 distance between outer leads f 5.08 + 0.6 - 0.2 tape width w 18 0.5 hold-down tape width wo 6 0.2 hole position w1 9 + 0.7 - 0.5 hold-down tape position w2 0.5 0.2 lead wire clinch height ho 16 0.5 feed hole diameter do 4 0.2 lead - to - lead distance f1, f2 2.54 + 0.4 stand off h2 0.45 1.45 tol . - 0.1 all dimensions are in mm 3 * 4 * 5 * 1 * * 2 at top of body 3 * at top of body 4 * t1 0.3 ? 0.6 mm 5 * cumulative pitch error 1.0 mm/20 pitch 1 * * 2 to be measured at bottom of clinch remarks notes 1. 2. 3. 4. 5. 6. maximum alignment deviation between leads will not to be greater than 0.2mm. maximum non-cumulative variation between tape feed holes shall not exceed 1 mm in 20 pitches. holddown tape will not exceed beyond the edge(s) of carrier tape and there shall be no exposure of adhesive. there will be no more than three (3) consecutive missing components in a tape. a tape trailer, having at least three feed holes are provided after the last component in a tape. splices should not interfere with the sprocket feed holes. continental device india limited data sheet page 4 of 5
customer notes 2N5400 to-92 plastic package 2N5400rev100104e disclaimer the product information and the selection guides facilitate selection of the cdil's discrete semiconductor device(s) best suited for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so as to confirm that the device(s) meet functionality parameters for your application. the information furnished in the data sheet and on the cdil web site/cd are believed to be accurate and reliable. cdil however, does not assume responsibility for inaccuracies or incomplete information. furthermore, cdil does not assume liability whatsoever, arising out of the application or use of any cdil product; neither does it convey any license under its patent rights nor rights of others. these products are not designed for use in life saving/support appliances or systems. cdil customers selling these products (either as individual discrete semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s). cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notice. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-2579 6150, 5141 1112 fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com continental device india limited data sheet page 5 of 5


▲Up To Search▲   

 
Price & Availability of 2N5400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X