20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212) 227-6005 fax: (973) 378-8960 case 55 1.3 w 6.1 - 200 v low silhouette single-ended package for printed cir- cuit or socket mounting. cathode connected to case. maximum ratings junction and storage temperature: -65=c to ?el75c, d c power dissipation: 1. 5 watts at 25c ambient. (derate 10 mw/*c). the type numbers shown have a standard tolerance of tzq^o on thezener volt- age. standard tolerances of ilo% and 5c on individual units are also available and are indicated by suffixing "a" for 10toand"b"for 5% units to the standard type number. electrical characteristics 130 15) iijo 1ro sod tirt cinrtit on) ma h 50 46 41 _u,.t 34 .11 29 29 m _. n i& 17 ie i; it 10 to si.o- 8 o 7.4 0 7 f.o s. 5 5 fl 4 5 -f 1 3. ',' 3.4 3 ! 7.9 ,1.5 2.3 2. 1 i 1 mllftmflmptfeki 7n@l ohms 2.7 30 3.5 4.0 s 6 7 8 10 11 13 i:> 1c it 20_ 25 30 35 4''; a b5 et. 75 8? :';" 110 130 k<> tic .100 150 400 too 750 .100 1.000 ?n@l ohms too 700 700 700 700 700 700 700 700 700 750 750 7m 750 750 1.000 1. oft) 1,000 1.000 1,500 1,900 2.000 2. 300 2,000 2.000 2,000 3,000 3,008 1.100 ^ >k)0 1,500 .,000 ?,000 ,5'm ,000 ,ow l? ma 10 0.9 0. s 0. s o. aj 0. is 0.25 0 23 0.85 0.29 0.2$ 0. 2s i) 25 i) 25 0.29 0.25 0. 25 0 25 0.25 0,25 0.25 0. 25 ). 25 0.25 0 25 is .25 .2* .23 .25 .25 25 25 25 25 25 muocjinir cwmrt ((?) ma :-195 175 155 140 . 1j5 _. us 105 98 45 90 70 s2 s6 51 46 41 38 35 3t ..." ' 26. 24 2?< 20 18 16 14 13 is 0 10 5 j.o s.o 8.0 70 *,0 rertrii lmkif( ctrtml* i.max wv iso 75 50 25 ?._><>- 5 5 5 5 s 5 5 5 5 s 5 j 5 5 r. 5 '. 5 5 5 5 5 3 ^ . _ 5 b 'f ? 5 v,, 5.2 5. 7 8.1 6.9 7.6 8.4 9.1 9.9 11.4 ..u.1 13.7 15 2 18. 7 18. 3 20.8 22 8 23. i 27 4 29.7 32 7 35.8 38. ? 42.6 47 1 51. 7 56.0 62.0 6!) 2 tit. 3 ' c3 6 91 2 :?. 3 h4.0 121 3 137.0 152.0 v,, 4.9 5.4 5 9 6.8 7.2 80 88 94 10 a 11. s 13.0 14 4 15.8 17 3 19 4 21.6 a ? k 9 28 1 31.0 33 8 36 t 40.3 44 6 49.0 14.0 :>?. o b5.5 7! 0 _7ijl_ 86.4 ":l,6 08 !; !5. 0 30.0 44 0 t?pie?l mmt voltsft tint. cmh. * / - r .0 ? v^ o- . 095 095 095 .093 095 ou5 . 100 _ spgcial selections available include: (sf? seloctor 'jyw. lor :1.0%) depending en '/chatii per d?i/i,:c. 3. two or mor? unin (or scries conduction with specified toler.gnc* on total vcfciut, ecri.'s m-it^i-l s*t? r:i.ni 7ener vclt-lgefl .ind provide lr>wer t?inper;iture copf*ic|pnts. fow*' dyhjmic jt^pedanoc and greater cow*tr h.in^ b. two or more units matched to one anothpr with ^ny specified to'cranre. 3 - tight voltage tolerancos. 1.0" . 2.0'?f.. 3.0;:,. ? v|-tj - test voltuije for s",- toll'rnnot i>'vic. . v}la -ttit v(>lt:i?i- for d(:v!ci. nit leak.'tn? pr(if;od is 20'" tclf r?p.i-?' ivvu't. ni .s?ink iniduuon reserves th? right (n chongt tail candilium. pumndcr limits ;ind ptcfcugc jlmeimions \vi(hnm notice liirnrmiilion itirrmlwj by nj svmi-cunjtklort h btlwved to he hiilb acvurah ami rdfcihl* ,il the tirrw of going to prw. however \ 'ivini?(. niidittliik imiiiik* mi rcspt>iuibility fiir ,iny ernin i>r mniviiitim jisvuvureij in ill ti.->e m s?ini-<. v i ? ii'.n irtrs l? vlii('? 'h ii hiiiikell ire uirrenf h |