Part Number Hot Search : 
CS0402 N4004G C1310 KMM5364 BLU11SL KMM536 40ST1041 FDD12
Product Description
Full Text Search
 

To Download 0906-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pins m a h i n e d c p r e c i s i o n spring-loaded connectors discrete spring-loaded contacts www.mill-max.com   516-922-6000 15 0900-0-00-00-00-00-11-0 short stroke, surface mount lowest profile 0900-0 0922 max stroke mid stroke 0907-x-15-20-75-14-11-0 standard stroke, surface mount high profile 0907-x 0900-x-00-00-00-00-11-0 standard stroke, surface mount low profile 0900-1 ? ? 4 0906-1 ? ? 4 0901-0-00-00-00-00-11-0 standard stroke solder mount in .027 min. mounting hole 0906-0-15-20-76-14-11-0 short stroke solder mount in .018 min. mounting hole 0922-0-15-20-75-14-11-0 standard stroke solder mount in .027 min. mounting hole 0914-0-15-20-77-14-11-0 long stroke. solder mount in .027 min. mounting hole 0901 mid stroke max stroke 0905-0-00-00-00-00-11-0 standard stroke, surface mount highest profile 0905 0914 0906-0 basic part number length a 0900-1 0900-2 0900-3 0900-4 .177 .197 .217 .236 basic part number length a 0907-0 0907-1 0907-2 0907-3 0907-4 0907-5 0907-6 0907-7 0907-8 0907-9 .255 .275 .295 .315 .335 .350 .370 .390 .410 .430 basic part number length a 0906-1 0906-2 0906-3 0906-4 .177 .197 .217 .236 order code: 09xx - x - 15 - 20 - 7x - 14 - 11 - 0 spring number ma terial specifica tions: sleeve & plunger material: copper alloy spring material: beryllium copper sleeve & plunger finish: 20 " gold over nickel spring finish: 10 " gold over nickel dimension in inches: tolerances on: lengths: .006 diameters: .002 angles: 2 mechanical & electrical specifica tions: durability: 1,000,000 cycles current rating: 2a continuous, 3a peak contact resistance: 20 m max. 75, 76, 77 springs are not interchangeable rohs 2002/95/ec 0906-x-15-20-75-14-11-0 standard stroke solder mount in .018 min. mounting hole 75 76 77 .0275 .0195 .045 .055 .039 .090 60 60 60 25 25 25 spring number mid. stroke max. stroke force @ mid. stroke initial force (pre-load)


▲Up To Search▲   

 
Price & Availability of 0906-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X