Part Number Hot Search : 
ZMY16G B8806 S1NBB 00GAL125 222E3 RM800B PD7507GC AC244
Product Description
Full Text Search
 

To Download ZPY3V9TOZPY110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay zpy1 to zpy110 document number 85790 rev. 3, 13-may-03 vishay semiconductors www.vishay.com 1 17173 zener diodes features ? silicon planar power zener diodes  for use in stabilizing and clipping circuits with high power rating.  the zener voltages are graded according to the international e 12 standard. smaller voltage toler- ances are available upon request.  these diodes are also available in the melf case with the type designation zmy10 ... zmy110. mechanical data case: do-41 glass case weight: approx. 350 mg packaging codes/options: d9/5 k per 13 " reel (52 mm tape), 10 k/box e1/5 k per ammo mag. (52 mm tape), 10 k/box absolute maximum ratings t amb = 25 c, unless otherwise specified 1) valid provided that leads at a distance of 10 mm from case are kept at ambient temperature. maximum thermal resistance t amb = 25 c, unless otherwise specified 1) valid provided that leads at a distance of 10 mm from case are kept at ambient temperature. parameter te s t c o n d i t i o n symbol value unit zener current (see table "characteristics") power dissipation p tot 1.3 1) w parameter test condition symbol value unit thermal resistance junction to ambient air r ja 130 1) c/w maximum junction temperature t j 175 c storage temperature range t s - 55 to + 175 c
www.vishay.com 2 document number 85790 rev. 3, 13-may-03 vishay zpy1 to zpy110 vishay semiconductors electrical characteristics 1) valid provided that leads are kept at ambient temperature at a distance of 10 mm from case 2) tested with pulses tp = 5 ms 3) the zpy1 is a silicon diode operated in forward direction. hence, the index of all characteristics and maximum ratings should b e "f" instead of "z" connect the cathode terminal to the negative pole partnum ber marking code zener voltage range dynamic resistance temperature coefficient of zener voltage te s t current reverse voltage admissible zener current v z @i zt r zj @i zt1 , f = 1 khz tc vz @i zt i zt v r @i r =0.5 a, i z @t amb = 25 c, v ? 10 -4 /c ma v ma min max typ min max zpy1 3) 0.65 0.75 6.5 (< 8) -23 -23 5 - 580 zpy3.9 3.7 4.1 4 (< 7) -7 2 100 - 290 zpy4.3 4.0 4.6 4 (< 7) -7 3 100 - 260 zpy4.7 4.4 5.0 4 (< 7) -7 4 100 - 235 zpy5.1 4.8 5.4 2 (< 5) -6 5 100 > 0.7 215 zpy5.6 5.2 6.0 1 (< 2) -3 5 100 > 1.5 193 zpy6.2 5.8 6.6 1 (< 2) -1 6 100 > 2.0 183 zpy6.8 6.4 7.2 1 (< 2) 0 7 100 > 3.0 157 zpy7.5 7.0 7.9 1 (< 2) 0 7 100 > 5.0 143 zpy8.2 7.7 8.7 1 (< 2) 3 8 100 > 6.0 127 zpy9.1 8.5 9.6 2 (< 4) 3 8 50 > 7.0 117 zpy10 9.41 10.6 2 (< 4) 5 9 50 > 7.5 105 zpy11 10.4 11.6 3 (< 7) 5 10 50 > 8.5 94 zpy12 11.4 12.7 3 (< 7) 5 10 50 > 9.0 85 zpy13 12.4 14.1 4 (< 9) 5 10 50 > 10 78 zpy15 13.8 15.8 4 (< 9) 5 10 50 > 11 70 zpy16 15.3 17.1 5 (< 10) 7 11 25 > 12 63 zpy18 16.8 19.1 5 (< 11) 7 11 25 > 14 57 zpy20 18.8 21.2 6 (< 12) 7 11 25 > 15 52 zpy22 20.8 23.3 7 (< 13) 7 11 25 > 17 48 zpy24 22.8 25.6 8 (< 14) 7 12 25 > 18 42 zpy27 25.1 28.9 9 (< 15) 7 12 25 > 20 38 zpy30 28 32 10 (< 20) 7 12 25 > 22.5 35 zpy33 31 35 11 (< 20) 7 12 25 > 25 31 zpy36 34 38 25 (< 60) 7 12 10 > 27 29 zpy39 37 41 30 (< 60) 8 12 10 > 29 26 zpy43 40 46 35 (< 80) 8 13 10 > 32 24 zpy47 44 50 40 (< 80) 8 13 10 > 35 22 zpy51 48 54 45 (< 100) 8 13 10 > 38 20 zpy56 52 60 50 (< 100) 8 13 10 > 42 18 zpy62 58 66 60 (< 130) 8 13 10 > 47 16 zpy68 64 72 65 (< 130) 8 13 10 > 51 14 zpy75 70 79 70 (< 160) 8 13 10 > 56 13 zpy82 77 88 80 (< 160) 8 13 10 > 61 12 zpy91 85 96 120 (< 250) 9 13 5 > 68 11 zpy100 94 106 130 (< 250) 9 13 5 > 75 10 zpy110 104 116 150 (< 250) 9 13 5 > 85 9
vishay zpy1 to zpy110 document number 85790 rev. 3, 13-may-03 vishay semiconductors www.vishay.com 3 typical characteristics (t amb = 25 c unless otherwise specified) figure 1. admissible power dissipation vs. ambient temperature figure 2. pulse thermal resistance vs. pulse duration figure 3. dynamic resistance vs. zener current gzpy1_04 gzpy1_05 gzpy1_06 figure 4. dynamic resistance vs. zener current figure 5. dynamic resistance vs. zener current figure 6. thermal resistance vs. lead length gzpy1_07 gzpy1_08 gzpy1_09
www.vishay.com 4 document number 85790 rev. 3, 13-may-03 vishay zpy1 to zpy110 vishay semiconductors gzpy1_01 figure 7. breakdown characteristics gzpy1_02 figure 8. breakdown characteristics
vishay zpy1 to zpy110 document number 85790 rev. 3, 13-may-03 vishay semiconductors www.vishay.com 5 package dimensions in inches (mm) gzpy1_03 figure 9. breakdown characteristics min. 1.102 (28.0) min. 1.102 (28.0) max. .161 (4.1) max. cathode 0.034 (0.86) mark max. 0.102 (2.6) 17174
www.vishay.com 6 document number 85790 rev. 3, 13-may-03 vishay zpy1 to zpy110 vishay semiconductors ozone depleting substances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (odss). the montreal protocol (1987) and its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2. class i and ii ozone depleting substances in the clean air act amendments of 1990 by the environmental protection agency (epa) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany telephone: 49 (0)7131 67 2831, fax number: 49 (0)7131 67 2423


▲Up To Search▲   

 
Price & Availability of ZPY3V9TOZPY110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X