Part Number Hot Search : 
B7720 V48C1 KBU80 0402B ZFXXX TL494CPW SMA33 AD8210
Product Description
Full Text Search
 

To Download UFED20-24D15W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 www.pduke.com 2014/6/5 ufed20w series chassis-mount dc-dc converter 4:1 ultra wide input range up to 20 watts features applications ? no minimum load required ? 1600vdc input to output isolation ? application of chassis-mount dc/dc converters ? screw terminals for input and output connections ? internal input fuse protection ? internal output led indicator ? meet en55022 class b ? safety meets ul60950-1, en60950-1, & iec60950-1 ? ce marked ? compliant to rohs ii & reach ? wireless network ? telecom/datacom ? industry control system ? measurement equipment ? semiconductor equipment 1600vdc isolation remote control uvp ocp scp ovp fuse included inrush limit reverse polarity protection technical specification all specifications are typical at nominal input, ful l load and 25 otherwise noted input range output voltage output current @full load input current @ no load efficiency maximum capacitor load (1) model number vdc vdc ma ma % f ufed20-24s3p3w 9.5 ~ 36 3.3 5500 51 84 18000 ufed20-24s05w 9.5 ~ 36 5 4000 66 87 9600 ufed20-24s12w 9.5 ~ 36 12 1670 25 85 1650 ufed20-24s15w 9.5 ~ 36 15 1330 26 85 1050 ufed20-24d05w 9.5 ~ 36 5 2000 58 87 4800 ufed20-24d12w 9.5 ~ 36 12 833 33 86 825 UFED20-24D15W 9.5 ~ 36 15 667 34 86 525 ufed20-48s3p3w 18 ~ 75 3.3 5500 36 84 18000 ufed20-48s05w 18 ~ 75 5 4000 36 87 9600 ufed20-48s12w 18 ~ 75 12 1670 17 86 1650 ufed20-48s15w 18 ~ 75 15 1330 17 86 1050 ufed20-48d05w 18 ~ 75 5 2000 36 88 4800 ufed20-48d12w 18 ~ 75 12 833 19 87 825 ufed20-48d15w 18 ~ 75 15 667 19 87 525 part number structure ufed20 - 48 s 05 w - n ec series name input voltage output quantity output voltage input range remote control option assembly option (vdc) (vdc) s: single 3p3: 05: 12: 15: 3.3 5 12 15 24: 48: 9.5~36 18~75 d: dual 05: 12: 15: 5 12 15 4:1    : n: positive logic negative logic    : ec: dr: ed: no assembly option enclosed mounting type din rail mounting type enclosed & din rail mounting type
2 www.pduke.com 2014/6/5 input specifications parameter conditions min. typ. max. unit operating input voltage range 24vin(nom) 48vin(nom) 9.5 18 24 48 36 75 vdc input fuse (slow blow) 24vin(nom) 48vin(nom) 6 4 a in-rush current 15 a input reflected ripple current nominal input and fu ll load 10 map-p start up voltage 24vin(nom) 48vin(nom) 9.5 18 vdc shutdown voltage 24vin(nom) 48vin(nom) 7.5 15 vdc start up time constant resistive load power up remote on/off 100 20 ms input surge voltage 100ms, max. 24vin(nom) 48vin(nom) 50 100 vdc positive logic (standard) dc-dc on dc-dc off open or 3 ~ 12vdc short or 0 ~ 1.2vdc referred to ?vin pin negative logic (option) dc-dc on dc-dc off short or 0 ~ 1.2vdc open or 3 ~ 12vdc remote on/off input current of ctrl pin -0.5 0.5 ma remote off input current 2.5 ma output specifications parameter conditions min. typ. max. unit voltage accuracy 3.3vout others -1.5 -1.0 +1.5 +1.0 % line regulation low line to high line at full load single dual -0.2 -0.5 +0.2 +0.5 % load regulation no load to full load 3.3vout others -1.5 -1.0 +1.5 +1.0 % cross regulation asymmetrical load 25%/100% fl dua l -5.0 +5.0 % voltage adjustability single output -10 +10 % ripple and noise measured by 20mhz bandwidth single dual 3.3vout, 5vout, 12vout, 15vout all 60 75 100 mvp-p temperature coefficient -0.02 +0.02 %/ transient response recovery time 25% load step chan ge 250 s over voltage protection zener diode clamp 3.3vout 5vout 12vout 15vout 3.9 6.2 15 18 vdc output indicator green led over load protection % of iout rated 150 % short circuit protection continuous, automatics recovery general specifications parameter conditions min. typ. max. unit isolation voltage 1 minute input to output input (output) to chassis 1600 1600 vdc isolation resistance 500vdc 1 g  isolation capacitance 4000 pf switching frequency 360 400 440 khz safety meets ul60950-1 en60950-1 iec60950-1 chassis material aluminum weight 89g (3.13oz) mtbf mil-hdbk-217f, full load 1.966 x 10 6 hrs
3 www.pduke.com 2014/6/5 environmental specifications parameter conditions min. typ. max. unit operating ambient temperature without derating with derating -40 +75 +75 +91 storage temperature range -40 +105 thermal shock mil-std-810f vibration mil-std-810f relative humidity 5% to 95% rh emc specifications parameter conditions level emi en55022 class b esd en61000-4-2 air 8kv and contact 6kv perf. c riteria a radiated immunity en61000-4-3 10v/m perf. criteria a fast transient en61000-4-4 2kv perf. criteria a surge en61000-4-5 0.5kv perf. criteria a conducted immunity en61000-4-6 10vr.m.s perf. criteria a note: 1. test by minimum input and constant resistive load. characteristic curve ufed20-48s05w derating curve ufed20-48s05w efficien cy vs. input voltage ufed20-48s05w efficiency vs. o utput load
4 www.pduke.com 2014/6/5 * nc no connection * screw terminals ? wire range from 14 to 18 awg mechanical drawing chassis mounting type pin connection pin single dual 1 +vin +vin 2 -vin -vin 3 ctrl ctrl 4 nc nc 5 -vout -vout 6 +vout common 7 nc +vout enclosed mounting type din rail mounting type 1. all dimensions in inch (mm) 2. tolerance : x.xx0.02 (x.x0.5) 4. tolerance : x.xxx0.01 (x.xx0.25) 3. hole screw locked torque : max 5.0kgf cm (0.49n m) 4. terminal screw locked torque : max 2.5kgf cm (0.25n m)


▲Up To Search▲   

 
Price & Availability of UFED20-24D15W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X