title scale date dr dwg rev the information contained in this document is proprietary to e-switch and is not to be copied or transferred sheet of rev pcr no description date by 500spd1s2m2qea 2:1 1/7/2011 T521008 c bgl 1 1 pc mounting 4 5 6 3 2 1 4 56 4 5 6 1 2 3 63 7.24 [.285 in] 3.86 [.152 in] 7.62 [.300 in] 4.70 [.185 in] 1.27 [.050 in] 5.10 [.201 in] 6.60 [.260 in] 4.83 [.190 in] 11.43 [.450 in] 12.70 [.500 in] note: 1. all dimensions in mm [inch] 2. general tolerance: x.x=0.4 x.xx=0.25 3. terminal numbers for ref only 4. plating material: silver 5. contact rating: 5a@120vac or 28vdc 2a@250vac 6. travel:2.16mm 7. electric life: 30,000 actuations at full load. 8. contact resistance: 10 milli-ohms typ. 9. insulation resistance: 1,000 mega-ohm min. 10. dielectric strength: 1,000 v rms @sea level. 11. operating temp.: -30c to 85c 12. denotes critical parameter. 13. 2002/95/ec (rohs) compliant pos. 1 pos. 2 pos. 3 switch function none on on 2-1, 5-4 n/a 2-3, 5-6 circuit: dpdt 1 2 5 34 6 c 19567 drawing update / clean-up 1/7/11 bgl 4.70 [.185 in] 4.83 [.190 in] n 1.85 [.073 in] 1.52 [.060 in] .76 [.030 in] 6.10 [.240 in]
|