Part Number Hot Search : 
53102 53102 53102 ABT24 CM311 NTE1616 TQ9203 R7NZF
Product Description
Full Text Search
 

To Download SWFC3333A001111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s0169 - r12. (web) 20140619 product description features swfc53/33 series (1x3) premium grade a unit confguration 1x3 operating wavelength range 1310nm 1290~1330 nm c band 1528~1565 l band 1570~1610 insertion loss [1] [2] < 5.5 < 5.8 db uniformity < 0.9 < 1.3 db polarization dependent loss < 0.20 < 0.25 db temperature dependent loss < 0.15 < 0.20 db directivity > 55 db maximum power handling 500 mw operating temperature range - 5 to + 70 c storage temperature range - 40 to + 85 c fiber type corning smf-28e+ or equivalent package dimensions p1: 250m bare fber p2: 900m loose tube p3: 3mm cable (?) 3.0 x (l) 60.0 (?) 4.0 x (l) 70.0 (l) 96.0 x (w) 17.0 x (h) 6.4 mm applications performance specification ns note: [1] values are referenced without connector loss. [2] insertion loss over operating wavelength range at ~23c (excluding pdl and tdl). l ? comm port 1 port 2 port 3 single window single mode wideband fiber coupler (1x3) swfc1x3 series oplinks single window, single mode wideband fber couplers are highly stable for multi-port optical signal splitting. they have very good uniformity, low excess loss and very low polarization sensitivity. all devices are tested according to industry standard test procedures and are supplied with all pertinent measurement data. oplink can provide customized designs to meet specialized feature applications. also, oplink offers modular assemblies that integrate other components to form a full function module or subsystem. ? single fusion compact package ? ultra low polarization sensitivity ? wavelength independent ? highly stable & reliable ? cat v ? local area networks ? subscriber loops ? telecommunications
46335 landing pkwy fremont, ca 94538 tel: (510) 933-7200 fax: (510) 933-7300 email: sales@oplink.com ? www.oplink.com swfc1x3 series s0169 - r12. (web) 20140619 product lines: ? mux/demux ? switching/routing ? coupling/splitting ? monitoring/conditioning ? amplifcation ? interconnect ? transmission ? hfc/rof subsystem single window single mode wideband fiber coupler (1x3) swfc ordering information oplink can provide a remarkable range of customized optical solutions. for detail, please contact oplinks oem design team or account manager for your requirements and ordering information (510) 933-7200. 0 0 3 3 3 package & fiber type jacket grade type split ratio p1 + 250m bare fber = 11 p2 + 900m loose tube = 22 p3 + 3 mm cable = 33 premium grade = p a grade = a 1x3 = 3 33/33/33 = 33 wavelength fiber length* 1310nm = 3 c band = 5 l band = 6 0.5 meter = h 1.0 meter = 1 1.5 meters = 5 2.0 meters = 2 connector type none = 1 fc/pc = 2 fc/spc = 3 fc/apc = 4 sc/pc = 5 sc/spc = 6 sc/apc = 7 st = 8 lc/pc = 9 mu = a lc/apc = b notes : * the tolerance of fber length is +/-0.1m. (for connector option only, for without connector, just keep the length as minimum) * 1 meter is standard. the lead time for special fber length will be longer.


▲Up To Search▲   

 
Price & Availability of SWFC3333A001111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X