Part Number Hot Search : 
PE7422 MUR160 DG300AAK ZMM5256B NTXV1 1N4743 SSM24LPT P6KE20
Product Description
Full Text Search
 

To Download STW9NA80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  j i, o ne. 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 STW9NA80 sth9na80fi n - channel 800v - 0.85q - 9.1a - to-247/isowatt218 fast power mos transistor type STW9NA80 sth9na80fi vdss 800 v 800 v rds(on) < 1.0q < 1.0u id 9.1 a 5.9 a typical ros(on) = 0.85 n 30v gate to source voltage rating 100% avalanche tested repetitive avalanche data at 100c low intrinsic capacitances gate charge minimized reduced threshold voltage spread applications ? high current, high speed switching . switch mode power supplies (smps) . dc-ac converters for welding equipment and uninterruptible power supplies and motor drive to-247 isowatt218 internal schematic diagram absolute maximum ratings symbol vds vdgr vgs id id |dm(?) plot viso tglg t] parameter drain-source voltage (vgs = 0) drain- gate voltage (ros = 20 ksj) gate-source voltage drain current (continuous) at tc = 25 c drain current (continuous) at tc = 100 c drain current (pulsed) total dissipation at tc = 25 c derating factor insulation withstand voltage (dc) storage temperature max. operating junction temperature value STW9NA80 sth9na80fi 800 800 30 9.1 6 36.4 190 1.52 _ 5.9 3.9 36.4 80 0.64 4000 -65 to 150 150 unit v v v a a a w w/c v c c ?) pulse width limited by safe operating area nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by nj semi-conductors is believed to be both accurate and reliable at the time of going to press. however, nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. nj semi-conductors encourages customers to verify that datasheets are current before placing orders. quality semi-conductors
STW9NA80-sth9na80fi thermal data rthj-case r-thj-amb rthc-sink t, thermal resistance junction-case max thermal resistance junction-ambient max thermal resistance case-sink typ maximum lead temperature for soldering purpose to-247 0.65 isowatt218 1.56 30 0.1 300 c/w c/w c/w c avalanche characteristics symbol iar eas parameter avalanche current, repetitive or not-repetitive (pulse width limited by tj max) single pulse avalanche energy (starting tj = 25 c, id = iar, vdd = 50 v) max value 9.1 415 unit a mj electrical characteristics (tcase = 25 c unless otherwise specified) off symbol v(br)dss idss igss parameter drain-source breakdown voltage zero gate voltage drain current (vgs = 0) gate-body leakage current (vds = 0) test conditions id= 250 ha vgs = 0 vds = max rating vds = max rating tc=100c vgs = 30 v mill. 800 typ. max. 50 500 100 unit v ha ha na on(*) symbol vgs(th) rds(on) ld(on) parameter gate threshold voltage static drain-source on resistance on state drain current test conditions vds = v6s id = 250 ^a vgs = 10v id= 4.5 a vds > id(oh) x rds(on)max vgs = 10 v min. 2.25 9.1 typ. 3 0.85 max. 3.75 1 unit v u a dynamic symbol 9fs (*) cjss coss crss parameter forward transcend uctance input capacitance output capacitance reverse transfer capacitance test conditions vds > id(op) x ros(on)max id - 4.5a vds = 25 v f = 1 mhz vgs = 0 min. 7.5 typ. 10 2900 290 80 max. 3800 380 105 unit s pf pf pf
STW9NA80-sth9na80fi electrical characteristics (continued) switching on symbol td(on) tr qg qgs qgd parameter turn-on time rise time total gate charge gate-source charge gate-drain charge test conditions vdd = 400v id = 4.5 a rg = 4.7 } vgs = 10 v (see test circuit, figure 3) vdd = 640 v id = 9 a vgs=10v min. typ. 37 45 115 15 55 max. 50 60 150 unit ns ns nc nc nc switching off symbol tr(voff) tf tc parameter off-voltage rise time fall time cross-over time test conditions vdd = 640 v id = 9 a rg = 4.7 n vgs = 10v (see test circuit, figure 5) min. typ. 45 15 70 max. 60 20 91 unit ns ns ns source drain diode symbol isd isdm(') vsd (*) trr qrr irrm parameter source-drain current source-drain current (pulsed) forward on voltage reverse recovery time reverse recovery charge reverse recovery current test conditions isd = 9.1 a vgs = 0 !sd= 9 a di/dt = 100 a/u.s vdd = 100 v tj = 150c (see test circuit, figure 5) min. typ. 765 113.4 35 max. 9.1 36.4 1.6 unit a a v ns uc a (?) pulsed: pulse duration = 300ns, duty cycle 1,5% (?) pulse width limited by safe operating area safe operating area for to-247 safe operating area for isowatt218 10 10'


▲Up To Search▲   

 
Price & Availability of STW9NA80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X