Part Number Hot Search : 
03140 IS126 IM811 MQ100 F8714 BB121 BR1300 6220A
Product Description
Full Text Search
 

To Download SFAS1008G-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? glass passivated junction chip ? high efficiency, low vf ? high current capability ? high reliability ? high surge current capability ? low power loss sfas1008g d2pak 800 / 13" reel rn maximum ratings and el ectrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol unit v rrm v v rms v v dc v i f(av) a trr ns cj pf r jc o c/w t j o c t stg o c version:b13 ordering information part no. package packing packing code packing code (green) operating temperature range - 65 to + 150 storage temperature range - 65 to + 150 note 1: reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a note 2: measured at 1 mhz and applied reverse voltage of 4.0v d.c. maximum reverse recovery time (note 1) 35 typical junction capacitance (note 2) 60 typical thermal resistance 2.2 a maximum instantaneous forward voltage @ 10 a v f 1.7 v maximum reverse current @ rated vr t a =25 t a =100 i r 10 ua 400 maximum dc blocking voltage 600 maximum average forward rectified current 10 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 125 ? weight: 1.33 grams type number sfas1008g maximum repetitive peak reverse voltage 600 maximum rms voltage 420 rng mechanical data ? case: d 2 pak molded plastic ? epoxy: ul 94v-0 rate flame retardant ? terminals: pure tin plat ed, lead free, solderable per mil-std-202, method 208 guaranteed ? polarity: as marked ? high temperature soldering: 260 /10 seconds/.16",(4.06mm) from case sfas1008g 10 amps surface mount super fast rectifiers d 2 pak features ? for use in low voltage, high frequency inverter, free wheeling, and polarity protection application ? green compound with suffix "g" on packing code & prefix "g" on datecode
version:b13 ratings and characteristic curves (sfas1008g) 0 2 4 6 8 10 12 0 25 50 75 100 125 150 average forward a current (a) case temperature ( o c) fig.1 forward current derating curve resistive or inductiveload with heatsink 0 30 60 90 120 150 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 3 maximum non-repetitive forward surge current 8.3ms single half sine wave jedec method ta=25 0.01 0.1 1 10 0 20 40 60 80 100 120 140 instantaneous reverse current (ua) percent of rated peak reverse voltage (%) fig. 2 typical reverse characteristics ta=25 ta=100 40 50 60 70 80 90 100 1 10 100 capacitance (pf) reverse voltage (v) fig. 4 typical junction capacitance ta=25 0.1 1 10 100 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 instantaneous forward current (a) forward voltage (v) fig. 5 typical forward characteristics ta=25 pulse width=300us 1% duty cycle
tape & reel specification abcdngt max 0.5 0.5 min 0.5 +2.0;-0 max 13" 24mm 330 2 13 20.2 75 24.4 30.4 unit (mm) symbol a b c d e f g 1.1 3.5 16.9 9.5 2.5 reel size tape size suggested pad layout unit(mm) 10.8 7
dimensions min max min max a - 10.5 - 0.413 b 14.60 15.88 0.575 0.625 c 2.41 2.67 0.095 0.105 d 0.68 0.94 0.027 0.037 e 2.29 2.79 0.090 0.110 f 4.44 4.70 0.175 0.185 g 1.14 1.40 0.045 0.055 h 1.14 1.40 0.045 0.055 i 8.25 9.25 0.325 0.364 j 0.36 0.53 0.014 0.021 k 2.03 2.79 0.080 0.110 p/n = specific device code g = green compound yww = date code marking diagram dim. unit(mm) unit(inch)


▲Up To Search▲   

 
Price & Availability of SFAS1008G-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X