Part Number Hot Search : 
VA2ASG 2101A P6KE150A ENL9654 PL001 G2002 2SB1604 TMS77C82
Product Description
Full Text Search
 

To Download SBR3U60P1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SBR3U60P1 document number: ds35272 rev. 5 - 2 1 of 5 www.diodes.com july 2013 ? diodes incorporated SBR3U60P1 sbr and powerdi are registered tr ademark of diodes incorporated. 3a sbr ? super barrier rectifier powerdi ? product summary v rrm (v) i o (a) v fmax (v) i r max (a) 60 3 0.65 100 description and applications the SBR3U60P1 is a single rectifier in powerdi123 package. offering excellent high temperature stability and very low forward voltage, this device is ideal for us e in the following applications. ? bridge diodes ? blocking diodes ? reverse protection diodes features and benefits ? ultra low forward voltage drop ? low reverse leakage current ? patented interlocking clip design for high surge current capacity ? soft, fast switching capability ? +150c operating junction temperature ? lead-free finish; rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec-q101 standards for high reliability mechanical data ? case: powerdi123 ? case material: molded plastic, ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? polarity indicator: cathode band ? terminals: matte tin finish annealed over copper leadframe. solderable per mil-std-202, method 208 ? weight: 0.018 grams (approximate) ordering information (note 4) part number case packaging SBR3U60P1-7 powerdi123 3000/tape & reel SBR3U60P1-13 powerdi123 10,000/tape & reel notes: 1. eu directive 2002/95/ec (rohs) & 2011/65/eu (roh s 2) compliant. all applicable rohs exemptions applied. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our website at http://www.diodes.com/p roducts/packages.html marking information date code key year 2011 2012 2013 2014 2015 2016 2017 code y z a b c d e month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d top view device symbol sv6, 3u6 = product type marking code ym = date code marking y = year (ex: y = 2011) m = month (ex: 9 = september) powerdi123 green
SBR3U60P1 document number: ds35272 rev. 5 - 2 2 of 5 www.diodes.com july 2013 ? diodes incorporated SBR3U60P1 sbr and powerdi are registered tr ademark of diodes incorporated. maximum ratings (@t a = +25c, unless otherwise specified.) single phase, half wave, 60hz, re sistive or inductive load. for capacitance load, derate current by 20%. characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v rm 60 v rms reverse voltage v r ( rms ) 42 v average rectified output current (see figure 1) i o 3.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 80 a repetitive peak avalanche energy (1s, +25c) p arm 2100 w thermal characteristics characteristic symbol value unit thermal resistance junction to soldering (note 5) thermal resistance junction to ambient (note 6) r js r ja 5 175 c/w operating and storage temperature range (note 7) t j , t stg -65 to +150 c electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition forward voltage drop v f - - 0.650 v i f = 3.0a, t j = +25c leakage current (note 7) i r - - 100 a v r = 60v, t j = +25c notes: 5. theoretical r ? js calculated from the top center of the die straig ht down to the pcb cathode tab solder junction. 6. fr-4 pcb, 2 oz. copper, minimum recomm ended pad layout per http://www.diodes.com. 7. short duration pulse test used to minimize self-heating effect. 0 0.5 1.0 1.5 2.0 2.5 3.0 01 2 3 45 fig. 1 forward power dissipation i , average forward current (a) f(av) p , p o we r dissi p a t i o n (w) d 0.001 0.01 0.1 1 10 0 0.1 0.2 0.3 0.4 0.5 0.6 fig. 2 typical forward characteristics v , instantaneous forward voltage (v) f i , instantaneous forward current (a) f t = -55c a t = 25c a t = 85c a t = 125c a t = 150c a
SBR3U60P1 document number: ds35272 rev. 5 - 2 3 of 5 www.diodes.com july 2013 ? diodes incorporated SBR3U60P1 sbr and powerdi are registered tr ademark of diodes incorporated. 0.01 0.1 1 10 100 1,000 10,000 0102030405060 i, ins t an t ane o u s r eve r se c u r r en t (a) r fig. 3 typical reverse characteristics v , instantaneous reverse voltage (v) r 0102030405060 10 100 1,000 10,000 c , t o t al c a p a c i t a n c e (p f ) t fig. 4 total capacitance vs. reverse voltage v , dc reverse voltage (v) r f = 1mhz 0 0.5 1.0 1.5 2.0 2.5 3.0 25 50 75 100 125 150 t , ambient temperature (c) a fig. 5 forward current derating curve i, ave r a g e f o r wa r d c u r r e n t (a) f(av) note 6 0 25 50 75 100 125 150 0 6 12 18 24 30 36 42 48 54 60 v , dc reverse voltage (v) r fig. 6 operating temperature derating t , derated ambient temperature (c) a note 6 100 1000 10000 10.0 100.0 1000.0 10000.0 p , maximum avalanche power (w) arm t , pulse duration (s) fig. 7 maximum avalanche power curve, per element p
SBR3U60P1 document number: ds35272 rev. 5 - 2 4 of 5 www.diodes.com july 2013 ? diodes incorporated SBR3U60P1 sbr and powerdi are registered tr ademark of diodes incorporated. package outline dimensions suggested pad layout powerdi123 dim min max typ a 3.50 3.90 3.70 b 2.60 3.00 2.80 c 1.63 1.93 1.78 d 0.93 1.00 0.98 e 0.85 1.25 1.00 h 0.15 0.25 0.20 l 0.40 0.50 0.45 l1 - - 1.35 l2 - - 1.10 l3 - - 0.20 all dimensions in mm dimensions value (in mm) g 1.0 x1 2.2 x2 0.9 y1 1.4 y2 1.4 x1 gx2 y2 y1 a e l l1 b c e l2 h d l3 e
SBR3U60P1 document number: ds35272 rev. 5 - 2 5 of 5 www.diodes.com july 2013 ? diodes incorporated SBR3U60P1 sbr and powerdi are registered tr ademark of diodes incorporated. important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2013, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of SBR3U60P1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X