Part Number Hot Search : 
HEM554E 95PFR140 ME505025 ISL28 17106C B1060 CY7C0 MM1027
Product Description
Full Text Search
 

To Download SBR20100I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SBR20100I voltage 100 v 20.0 amp low vf schottky barrier rectifiers elektronische bauelemente 30-aug -2012 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen & lead-free features  low forward voltage drop  high current capability  high reliability  high surge current capability  epitaxial construction mechanical data  case: molded plastic  epoxy: ul94v-0 rate flame retardant  lead: lead solderable per mil-std-202 method 208 guaranteed  polarity: as marked  mounting position: any  weight: 1.62 grams (approximate) maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. s ingle phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) parameter symbol rating unit maximum recurrent peak reverse voltage v rrm 100 v working peak reverse voltage v rsm 100 v maximum dc blocking voltage v dc 100 v maximum average forward rectified current per leg i f 10 a per device 20 peak forward surge current, 8.3 ms single half sine-w ave superimposed on rated load (jedec method) i fsm 320 a typical instantaneous forward voltage i f =10a, t a =25 c, per leg v f 0.73 v i f =10a, t a =125 c, per leg 0.59 maximum instantaneous forward voltage i f =10a, t a =25 c, per leg 0.76 i f =10a, t a =125 c, per leg 0.62 maximum dc reverse current at rated dc blocking voltage 4 t a =25 c i r 5 a t a =125 c 5 ma typical junction capacitance 1 c j 425 pf typical thermal resistance 2 r jc 6 c / w typical thermal resistance 3 r ja 25 c / w operating temperature range t j t j 175 c storage temperature range t stg t stg -65~175 c notes: 1. measured at 1mhz and applied reverse voltage o f 4.0v d.c. 2. thermal resistance junction to case. 3. thermal resistance junction to ambient. 4. pulse test: 300us pulse width, 1% duty cycle. pin 1 pin 3 pin 2 case ref. millimeter ref. millimeter min. max. min. max. a 10.0 10.31 g 4.47 4.7 b 10.0 10.5 h 2.54 bsc c 1.27 1.4 i 2.5 2.9 d 13.7 14.1 j 4.0 4.2 e 1.2 1.4 k 0.25 0.35 f 0.68 0.91 l 1.15 1.37 to-262 (i 2 -pack)
SBR20100I voltage 100 v 20.0 amp low vf schottky barrier rectifiers elektronische bauelemente 30-aug -2012 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of SBR20100I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X