Part Number Hot Search : 
PVC1015 Z87010 MANF460C PVC1015 F347YWA AON7810 ADRF6518 SAF3560
Product Description
Full Text Search
 

To Download OPD1616N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  silicon pin photo diode high speed sensitivity high speed sensitivity 1. structure 1.1 chip size : 1.60mm x 1.60mm 1.2 chip thickness : 400 20um 1.3 metallization : top - al, bottom - au 1.4 passivation : silicon nitride 1.5 bonding pad size - cathode(top) : 300um x 300um - anode(bottom) 1.6 active area : 1.40mm x 1.40mm 2. electrical-optical characteristics (ta=25 ) symbol min typ max unit condition v op -0.3 -0.32 v note(1) i sc -16 -20 ua note(1) nm p 940 nm v f -0.5 -1.3 v if=10ma i d -5 -10 na vr=10v bv r -30 v ir=10ua note(1) : parallel light of 1,000lux illumination is applied by a tungsten lamp of 2856k. 3. maximum ratings ( ta=25 ) symbol bv r t j eoyang factory,513-5 eoyang-dong, iksan, 570-210, korea tel. +82 63 839 1111 fax. +82 63 835 8259 www.auk.co.kr auk corp. parameter peak sensing wavelength forward voltage dark current OPD1616N parameter open circuit voltage short circuit current spectrum sensitivity reverse breakdown voltage junction temperature rating -30 150 reverse breakdown voltage unit v 430~1,100 unit : ?


▲Up To Search▲   

 
Price & Availability of OPD1616N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X