inductors smd power inductors (nr series s type) NRS6020T100MMGG features item summary 10h(20%), 1900ma, 1500ma lifecycle stage mass production standard packaging quantity (minimum) taping 2500pcs products characteristics table casesize (eia/jis) -/6060 inductance 10h(20%) inductance measuring frequency 100khz rated current -saturation current 1900ma rated current -temperature rise current 1500ma dc resistance (max) 0.15 avg. of dc.resistance 0.125 self-resonant frequency (min) 18mhz rohs compliance yes halogen free yes soldering method reflow external dimensions l 6mm 0.2 w 6mm 0.2 h 2mm max recommended land patterns 2015.02.27 powered by tcpdf (www.tcpdf.org) 1 / 1 spec sheet http://www.ty-top.com t h e d a t a i s r e f e r e n c e o n l y . e l e c t r i c a l c h a r a c t e r i s t i c s v a r y d e p e n d i n g o n e n v i r o n m e n t o r m e a s u r e m e n t c o n d i t i o n . t a i y o y u d e n r e s e r v e s t h e r i g h t t o m a ke c h a n g e t o t h e d a t e a t a n y t i m e w i t h o u t n o t i c e . b e f o r e m a k i n g f i n a l s e l e c t i o n , p l e a s e c h e c k p r o d u c t s p e c i f i c a t i o n .
|