Part Number Hot Search : 
AOD474 PMB2405 GSX2F 1812SMS D2212 EP2645 18501I Z2APK56H
Product Description
Full Text Search
 

To Download N111250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  isometric title scale date dr dwg rev the information contained in this document is propr ietary to e-switch and is not to be copied or transferred sheet of rev pcr no description date by kan1102 rr 10:1 7/31/2007 N111250 b blr 1 1 43 21 circuit layout pc layout note: 1. all dimensions in mm [inch] 2. general tolerence: x.x= ` 0.4 x.xx= ` 0.25 3. terminal numbers for ref. only. 4. operating force: 500 ` 100 gf 5. travel: 0.6 ` 0.25 mm 6. contact rating: 25ma, 24vdc 7. contact resistance: 100m w max. 8. insulation resistance: 100m w min @ 500vdc 9. dielectric strength: 300vac 1 min. 10. life: 1,000 cycles. 11. operating temperature: -40 ~ c to 85 ~ c 12. packaging: 4,000 pcs per reel 13. denotes critical parameter. 14. 2002/95/ec (rohs) compliant 15. switches to be shipped with the actuators in t he 'on' position 1.25 [.049 in] .76 [.030 in] 4.90 [.193 in] 7.40 [.291 in] b 17519 add note 15, redraw 7/31/07 blr 3.77 [.148 in] 4.50 [.177 in] 1.42 [.056 in] 1.27 [.050 in] .10 [.004 in] 6.70 [.264 in] .05 [.002 in] removable polymide tape seal for solder flux


▲Up To Search▲   

 
Price & Availability of N111250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X