Part Number Hot Search : 
A2003 01110 AMS285BL CTCDRH 746LT2 0402A LF198AH DHM185AB
Product Description
Full Text Search
 

To Download MURS320 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mur320 ... mur360 MURS320 ... murs360 superfast efficient surface mount rectifier diodes superschnelle hocheffizienz-gleichrichterdioden fr die oberfl?chenmontage version 2013-12-20 dimensions - ma?e [mm] nominal current C nennstrom 3 a repetitive peak reverse voltage periodische spitzensperrspannung 200...600 v plastic case kunststoffgeh?use ~ smc ~ do-214ab weight approx. C gewicht ca. 0.21g plastic material has ul classification 94v-0 geh?usematerial ul94v-0 klassifiziert standard packaging taped and reeled standard lieferform gegurtet auf rolle maximum ratings grenzwerte type typ repetitive peak reverse voltage periodische spitzensperrspannung v rrm [v] surge peak reverse voltage sto?spitzensperrspannung v rsm [v] forward voltage durchlass-spannung v f [v] 1 ) i f = 3 a MURS320 200 200 < 0.90 murs340 400 400 < 1.25 murs360 600 600 < 1.25 max. average forward rectified current, r-load dauergrenzstrom in einwegschaltung mit r-last t t = 100c i fav 3 a repetitive peak forward current periodischer spitzenstrom f > 15 hz i frm 20 a 2 ) peak forward surge current, 50/60 hz half sine-wave sto?strom fr eine 50/60 hz sinus-halbwelle t a = 25c i fsm 100a rating for fusing, t < 10 ms grenzlastintegral, t < 10 ms t a = 25c i 2 t 50 a 2 s operating junction temperature C sperrschichttemperatur storage temperature C lagerungstemperatur t j t s -50...+175c -50...+175c 1 t j = 25c 2 max. temperature of the terminals t t = 100c C max. temperatur der anschlsse t t = 100c ? diotec semiconductor ag http://www.diotec.com/ 1 0.15 type typ 1.2 3 5 . 8 0 . 2 2 . 2 0 . 3 2 . 1 0 . 2 7.9 0.2 7.2 0.5
mur320 ... mur360 characteristics kennwerte leakage current sperrstrom t j = 25c MURS320 murs340 , murs360 i r < 5 a < 150 a t j = 150c MURS320 murs340 , murs360 i r < 10 a < 250a reverse recovery time sperrverzugszeit MURS320 murs340 , murs360 t rr [ns] < 25 ns < 50 ns thermal resistance junction to ambient air w?rme widerstand sperrschicht C umgebende luft r tha < 50 k/w 1 ) thermal resistance junction to terminal w?rmewiderstand sperrschicht ? anschluss r tht < 11 k/w typical junction capacitance typische sperrschichtkapazit?t v r = 4v f = 1mhz c j typ. 75pf 1 mounted on p.c. board with 50 mm 2 copper pads at each terminal montage auf leiterplatte mit 50 mm 2 kupferbelag (l?tpad) an jedem anschluss 2 http://www.diotec.com/ ? diotec semiconductor ag rated forward current versus ambient temperature zul. richtstrom in abh. von der umgebungstemp. i fav [%] 120 100 80 60 40 20 0 [c] t a 150 100 50 0 10 10 1 10 10 2 -1 -2 [a] i f forward characteristics (typical values) durchlasskennlinien (typische werte) 0.6 v f 1.0 1.2 1.4 1.6 [v] 2.0 MURS320 murs340 , murs360 [pf] [v] c j v r t = 25c f = 1.0 mhz j junction capacitance vs. reverse voltage (typical) sperrschichtkapazit?t in abh. v.d. sperrspg. (typ.) 10 1 10 10 -1 -2 [ma] i r typ. leakage current vs. reverse voltage typ. sperrstrom in abh. v. d. sperrspannung 0 40 60 80 100 [%] v rrm t = 25c j t = 125c j


▲Up To Search▲   

 
Price & Availability of MURS320

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X