mt40cb18t1 document number: s-m0046 www. apt-semi .com rev.1.0, may.31, 2013 1 module type diode maximum ratings symbol item conditions values units i d output current(d.c.) tc=85 40 a i fsm surge forward current t=10ms tvj =45 1000 a i 2 t circuit fusing consideration 5000 a 2 s visol isolation breakdown voltage(r.m.s) a.c.50hz;r.m.s.;1min 3000 v tvj operating junction temperature -40 to +125 tstg storage temperature -40 to +125 mt mounting torque to terminals(m5) 315% nm ms to heatsink(m6) 515% nm weight module approximately 100 g thermal characteristics symbol item conditions values units r th(j-c) thermal impedance, max. junction to case 0.33 /w rth(c-s) thermal impedance, ma x. case to heatsink 0.10 /w electrical characteristics thyristor/diode modules v rrm / v drm 800 to 1800v i fav / i tav 40amp type v rrm/ v drm v rsm MT40CB08T1 mt40cb12t1 mt40cb16t1 mt40cb18t1 800v 1200v 1600v 1800v 900v 1300v 1700v 1900v applications y power converters y lighting control y dc motor control and drives y heat and temperature control circuit features y international standard package y high surge capability y glass passivated chip y simple mounting y heat transfer through aluminum oxide dbc ceramic isolated metal baseplate y ul recognized applied for file no. e360040 symbol item conditions values units min. typ. max. v fm forward voltage drop, max. t=25 i f =200a 1.95 v i rrm repetitive peak reverse current, max. t vj =25 v rd =v rrm t vj =125 v rd =v rrm 0.5 6 ma ma
mt40cb18t1 document number: s-m0046 www. apt-semi .com rev.1.0, may.31, 2013 2 thyristor maximum ratings thermal characteristics symbol item conditions values units r th(j-c) thermal impedance, max. junction to case 0.65 /w rth(c-s) thermal impedance, ma x. case to heatsink 0.20 /w electrical characteristics symbol item conditions values units i tav average on-state current sine 180 o ;tc=85 40 a i tsm surge on-state current t vj =45 t=10ms, sine t vj =125 t=10ms, sine 1000 850 a i 2 t circuit fusing consideration t vj =45 t=10ms, sine t vj =125 t=10ms, sine 5000 3600 a 2 s visol isolation breakdown voltage(r.m.s) a.c.50hz;r.m.s.;1min 3000 v tvj operating junction temperature -40 to +125 tstg storage temperature -40 to +125 mt mounting torque to terminals(m5) 3 15% nm ms to heatsink(m6) 5 15% nm di/dt critical rate of rise of on-state current t vj = t vjm , 2/3v drm ,i g =500ma tr<0.5us,tp>6us 150 a/us dv/dt critical rate of rise of off-state voltage, min. t j =t vjm ,2/3v drm linear voltage rise 1000 v/us a maximum allowable acceleration 50 m/s 2 symbol item conditions values units min. typ. max. v tm peak on-state voltage, max. t=25 i t =200a 1.95 v i rrm /i drm repetitive peak reverse current, max. / repetitive peak off-state current, max. t vj =t vjm ,v r =v rrm ,v d = v drm 15 ma v to on state threshold voltage for power-loss calculations only (t vj =125 ) 1.0 v r t value of on-state slope resistance. max t vj =t vjm 4.5 m ? v gt gate trigger voltage, max. t vj =25 , v d =6v 2.5 v i gt gate trigger current, max. t vj =25 , v d =6v 150 ma v gd non-triggering gate voltage, max. t vj =125 ,v d =2/3v drm 0.25 v i gd non-triggering gate current, max. t vj =125 , v d =2/3v drm 6 ma i l latching current, max. t vj =25 , r g = 33 ? 300 600 ma i h holding current, max. t vj =25 , v d =6v 150 250 ma tgd gate controlled delay time tvj=25 , ig=1a, dig/dt=1a/us 1 us tq circuit commutated turn-off time t vj =t vjm 80 us
mt40cb18t1 document number: s-m0046 www. apt-semi .com rev.1.0, may.31, 2013 3 performance curves fi g 1. power dissi p ation fig2.forward current derating curve 0 i tav 10 20 30 40 50 a 60 100 w 75 50 25 p tav 0 rec.30 rec.60 rec.120 sin.180 dc fig3. transient thermal impedance fig4. max non-repetitive forward surge current fig5. forward characteristics 0.001 t 0.01 0.1 1 10 s 100 1.0 / w 0.5 0 z th(j- c ) z th(j- s ) 10 100 ms 1000 50hz 1000 a 500 0 0 v tm 0.5 1.0 1.5 2.0 v 2.5 250 a 200 150 100 25 i t 0 max . typ . dc sin.180 rec.120 rec.60 rec.30 i tavm 0 tc 50 100 130 60 a 48 36 24 12 0 25 - - - 125
mt40cb18t1 document number: s-m0046 www. apt-semi .com rev.1.0, may.31, 2013 4 package outline information case: t1 dimensions in mm fig6. gate trigger characteristics 1/2 mt40cb18t1 v gd125 i gd125 i gt v gt 20v;20 ? pg(tp) 0.001 i g 0.01 0.1 1 10 a 100 100 v 10 1 v g 0.1 -40 25 125 t vj
|