Part Number Hot Search : 
CM3110 3286C 1203DH3 HD64F3 44200 00BZI SF16G SUT480H
Product Description
Full Text Search
 

To Download MT3S111TU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mt3s1 11 tu 2014 - 0 9 - 26 1 toshiba transistor silicon - germanium npn epitaxial planar type mt3s1 11 tu vhf - uhf low - noise, low - distortion amplifier application f ea tures ? low - noise figure: nf= 0.8 5 db (typ.) (@ f=1 ghz) ? high gain : |s 21e | 2 =1 2 .5 db (typ.) (@ f=1 ghz) marking absolute maximum ratings (ta = 25 c) characteristics symbol rating unit collector - emitter voltage v c es 1 3 v collector - emitter volt age v ceo 6 v emitter - base voltage v ebo 0. 6 v collector - current i c 100 ma base - current i b 10 ma collector power dissipation p c (note 1 ) 8 00 mw junction temperature t j 150 c storage temperature range t stg ? 55 to 1 50 c note 1 : the device is mounted on a ceramic board (25.4 mm x 25.4 mm x 0.8 mm (t)) note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliabilit y significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (handling precautions/ derating concept and methods ) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). unit: mm ufm je d ec - j eit a - toshiba 2 - 2u1b weight: 6.6 mg (typ . ) -0.05 1.70.1 2.10.1 0.650.05 1 2 2.00.1 3 0.70.05 +0.1 0.3 0.1660.05 1. base 2. emitter 3. collector r 5 1 2 3 start of c ommercial production 2007 - 12
mt3s1 11 tu 2014 - 0 9 - 26 2 microwave characteristics (ta = 25 c) characteristics symbol test condition min typ . max unit transition f requency f t v ce =5 v, i c = 3 0 ma 8 10 ? ghz insertion g ain |s 21e | 2 (1) v ce =5 v, i c = 3 0 ma, f=500 mhz ? 1 8 ? db |s 21e | 2 (2) v ce =5 v, i c = 3 0 ma, f=1 ghz 10.5 1 2 .5 ? db noise f igure nf(1) v ce =5 v, i c =30 ma, f=500 mhz ? 0. 6 ? db nf(2) v ce =5 v, i c =30 ma, f=1 ghz ? 0. 85 1.15 db 3 rd o rder intermodulation distortion output intercept point oip 3 v ce =5 v, i c = 3 0 ma, f= 5 00 mhz, S f=1 mhz ? 3 2 ? dbmw electrical characteristics (ta = 25c) characteristics symbol test condition min typ . max unit collector c ut - off c urrent i cbo v c b = 5 v, i e =0 a ? ? 0.1 a dc c urrent g ain h fe v ce =5 v, i c = 3 0 ma 200 ? 400 ? output c apacitance c ob v cb = 5 v, i e =0 a , f=1 mhz ? 1.45 ? pf reverse t rans fer c apacitance c re v cb =5 v, i e =0 a , f=1 mhz (note 2 ) ? 0. 9 1.2 pf note 2 : c re is measured using a 3 - ter minal method with capacitance bridge caution: this device is sensitive to electrostatic discharge due to the high frequency transistor process of f t = 6 0 ghz class which is used for this product . please make tool and equipment earthed enough when you ha ndle.
mt3s1 11 tu 2014 - 0 9 - 26 3 h fe - i c i c - v be dc c urrent g ain h fe 10 100 1000 1 10 100 common emitter vce=5v ta=25c collector - current i c (ma) 0.001 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 common emitter vce=5v ta=25c collector - current i c (ma) base - emitter voltage v be (v) i c - v ce f t - i c collector - current i c (ma) 0 10 20 30 40 50 60 70 0 1 2 3 4 5 6 common emitter ta=25c ib= 40a 80a 120a 160a 200a transition f requency f t (ghz) 0 5 10 15 1 10 100 vce=5v ta=25c collector - emitter voltage v ce (v) collector - current i c (ma) |s 21e | 2 - i c nf - i c insertion g ain |s 21e | 2 (db) 0 2 4 6 8 10 12 14 16 18 20 1 10 100 vce=5v ta=25c f = 1ghz f = 500mhz noise f igure nf(db) 0.0 0.5 1.0 1.5 2.0 2.5 1 10 100 vce=5v ta=25c f = 500mhz f = 1ghz collector - current i c (ma) collector - current i c (ma)
mt3s1 11 tu 2014 - 0 9 - 26 4 c re ,c ob - v cb oip 3 - i c reverse t rans fer c apacitance c re (pf) output c apacitance c ob (pf) 0 0.4 0.8 1.2 1.6 2 2.4 0.1 1 10 ie=0 f=1mhz ta=25c cob cre third order intermodulation distortion output intercept point oip 3 (dbmw) 0 5 10 15 20 25 30 35 40 1 10 100 vce=5v f1=500mhz f2=501mhz pin=-15dbmw ta=25c collector - base voltage v cb (v) collector - current i c (ma) p c - t a collector power dissipation p c (mw) 0 100 200 300 400 500 600 700 800 900 0 25 50 75 100 125 150 the device is mounted on a ceramic- board(25.4mm25.4mm0.8mm(t)) device only a mbient temperature t a ( c )
mt3s1 11 tu 2014 - 0 9 - 26 5 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collectively "toshiba"), reserve the right to make changes to the i nformation in this document, and related hardware, software and systems (collectively "product") without notice. ? this document and any information herein may not be reproduced without prior written permission from toshiba. even with toshiba's written permission, reproduction is permissible only if reproduction is without alteration/omiss ion. ? though toshiba works continually to improve product's quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for providing adequate designs and safeguards for their hardware, softw are and systems which minimize risk and avoid situations in which a malfunction or failure of product could cause loss of human life, bodily injury or damage to property, including data loss or corruption. before customers use the product, create designs i ncluding the product, or incorporate the product into their own applications, customers must also refer to and comply with (a) the latest versions of all relevant toshiba information, including without limitation, this document, the specifications, the dat a sheets and application notes for product and the precautions and conditions set forth in the "toshiba semiconductor reliability handbook" and (b) the instructions for the application with which the product will be used with or for. customers are solely r esponsible for all aspects of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this product in such design or a pplications; (b) evaluating and determining the applicability of any info rmation contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. toshiba assumes no liability fo r customers' product design or applications. ? product is neither intended nor warranted for use in equipments or systems that require extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may cause loss of hum an life, bodily injury, serious property damage and/or serious public impact ( " unintended use " ). except for specific applications as expressly stated in this document, unintended use includes, without limitation, equipment used in nuclear facilities, equip ment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic signaling equipment, equipment used to control combustions or ex plosions, safety devices, elevators and escalators, devi ces related to electric power, and equipment used in finance - related fields. if you use product for unintended use, toshiba assumes no liability for product. for details, please contact your toshiba sales representative. ? do not disassemble, analyze, reve rse - engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited unde r any applicable laws or regulations. ? the information contained herein is presented only as guidance for product use. no responsibility is assumed by toshiba for any infringement of patents or any other intellectual property rights of third parties that may result from the use of product. n o licen se to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provided in the relevant terms and conditions of sale for product, and to the maximum ex tent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, consequential, special, or incidental damages or loss, including without limitation, loss of profits, loss of opportunities, business interruption a nd loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, o r noninfringement. ? do not use or otherwise make available product or related software or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or manufacturing of nuclear, chemical, or biologica l weapons or missile technology products (mass destruction weapons). product and related software and technology may be controlled under the applicable expor t laws and regulations including, without limitation, the japanese foreign exchange and foreign tra de law and the u.s. export administration regulations. export and re - export of product or related software or technology are strictly prohibited except in compliance with all applicable export laws and regulations. ? please contact your toshiba sales repre sentative for de tails as to environmental matters such as the rohs compatibility of product. please use product in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled su bstances, including without limitation, the eu rohs di rective. toshiba assumes no liability for damages or losse s occurring as a result of nonco mpliance with applic able laws and regula tions.


▲Up To Search▲   

 
Price & Availability of MT3S111TU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X