Part Number Hot Search : 
TA8126S DC206AS2 JAN2802J 12812 143EC D2NB60 RB451F EL5152IS
Product Description
Full Text Search
 

To Download MJE13005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ^.m.l-don.d\jlat oi , u na. 20 stern ave. springfield, new jersey 07081 u.sa telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 switchmode series npn power transistors ... designed for use in high-voltage,high-speed,power switching in inductive circuit, they are particularly suited for 115 and 220v switchmode applications such as switching regulator's,inverters.dc -dc conveter, motor controls, solenoiid / relay drivers and deflection circuits. features: ?collector-emitter sustaining vottage- vceoisus) = 400 v and 300 v * collector-emitter saturation voltage - vce(?t) = 1-0 v (max.) @ lc = 4.0 a, ib = 1.0 a * switching time -t, =0.9 us (max.) < lc =2.0 a maximum ratings npn mje13004 MJE13005 characteristic collector-emitter voltage collector-emitter voltage emitter-base voltage collector current - continuous -peak base current total power dissipation @tc = 25c derate above 25c operating and storage junction temperature range symbol vceo vc6v vebo "c mje13004, MJE13005 npn electrical characteristics ( t c = 25c unless otherwise noted ) characteristic symbol min max unit off characteristics collector-emitter sustaining voltage ( lc= 10 ma, ib= 0 ) mje13004 MJE13005 collector cutoff current ( vcev= rated value, vbe(ofl)=1 .5 v ) ( vcev= rated value, v^^l .5 v , tc=100 c) emitter cutoff current (va- 9.0v. ^=0) vceofsut) !cev 'ebo 300 400 1.0 5.0 1.0 v ma ma on characteristics (1) dc current gain ( lc= 1 .0 a, vce= 5.0 v ) (ic=2.0a,vce=5.0v) collector-emitter saturation voltage (ic=1.0a, ib= 200ma) (ic=2.0a, ib= 500ma) (ic=4.0a, ib=1.0a) base-emitter saturation voltage (ic=1.0a, ib= 200ma) (ic=2.0a, ib= 500ma) hfe vce(?rt) v-n, 10 8.0 60 40 0.5 0.6 1.0 1.2 1.6 v v dynamic characteristics current gain - bandwidth product ( lc = 500 ma , vce = 10 v ,f = 1.0 mhz ) 't 4.0 mhz switching characteristics delay time rise time storage time fall time vcc=125v, ic = 2.0a ib1=-ib2=0.4a, tp = 25 us, duty cycle ^ 1 .0% 'd 'r t, tf 0.1 0.7 4.0 0.9 us us us us (1) pulse test: pulse width =300 us.duty cycle s 2.0%
mje13007 to-220 mechanical data dim. a c ? d d1 e f f1 f2 g g1 h2 l2 l4 l5 16 l7 l9 dia. mm min. 4.40 1.23 2.40 0.49 0.61 1.14 1.14 4.95 2.4 10.0 13.0 2.65 15.25 6.2 3.5 3.75 typ. 1.27 16.4 max. 4.60 1.32 2.72 0.70 0.88 1.70 1.70 5.15 2.7 10.40 14.0 2.95 15.75 6.6 3.93 3.85 inch min. 0.173 0.048 0.094 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.511 0.104 0.600 0.244 0.137 0.147 typ. 0.050 0.645 max. 0.181 0.051 0.107 0.027 0.034 0.067 0.067 0.203 0.106 0.409 0.551 0.116 0.620 0.260 0.154 0.151 oj j ml : i 5 lj h / ?q


▲Up To Search▲   

 
Price & Availability of MJE13005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X