Part Number Hot Search : 
TDA9873H 10N60RU 93C56 SO5CA PTF10162 SP100 SMAJ20A K4S51
Product Description
Full Text Search
 

To Download LNT2D682MSE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  performance characteristics item pressure relief vent 291 451 10 3.5 24 7 + 30 sleeve bottom plate 6 1 12.7 1 35 +2max. hexagenal headed bolt (m5) l +3max. 150.5 10 35 screw terminal type l 1 n 2 t 3 2 4 w 5 2 6 2 7 2 8 m 9 s 10 eg 11 12 13 14 capacitance tolerance ( 20% ) case dia. code mounting bracket (35) (51 to 90) d rated capacitance ( 2200f ) rated voltage ( 450v ) series name type 51 63.5 76.2 90 100 f 35 c g h j k code code less bb 3-leg brackets 2-leg brackets bn no brackets (100) code less bn 3-leg brackets no brackets code less 2-leg brackets bn no brackets configuration configuration cr ( iii ) plating (rohs compliant) se please refer to page 330 for schematic of dimensions. please contact to us if pvcless products are required. aluminum electrolytic capacitors nt series screw terminal type, 105 c standard load life of 5,000 hours (2,000 hours for 10~250v,500v) application of rated ripple current at +105 c. extended voltage range from 10v up to 500v. extended range up to 100 250l 2size. compliant to the rohs directive (2011/65/eu). specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) (max) stability at low temperature endurance shelf life marking 40 to +105c (10 to 100v) , 25 to +105 c (160 to 500v) 10 to 500v 220 to 1500000f 20% at 120hz, 20 c after 5 minutes application of rated voltage, leakage current is not more than (a) or 5ma, whichever is smaller. (at 20 c) [c:rated capacitance (f) , v:voltage(v)] printed with white color letter on black sleeve. measurement frequency:120hz, temperature:20 c the specifications listed at right shall be met when the capacitors are restored to 20 c after d.c. bias plus rated ripple current is applied for 5000 hours (2000 hours for 10 to 250v/500v) at 105 c, the peak voltage shall not exceed the rated voltage. after storing the capacitors under no load at 105 c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they shall meet the requir ements listed at right. type numbering system voltage 250v or less (example : 250v 3300 f) voltage 350v or more (example : 450v 2200 f) nt nr measurement frequency : 120hz z 25 c/ z+20 c z 40 c/ z+20 c rated voltage(v) impedance ratio zt/z20(max.) 10 to 100 12 160 to 500 8 capacitance change leakage current tan within 20% of the initial capacitance value less than or equal to the initial specified value 300% or less than the initial specified value capacitance change leakage current tan within 20% of the initial capacitance value less than or equal to the initial specified value 300% or less than the initial specified value high temperature 35 51 63.5 76.2 90 100 d 10 0.65 0.80 0.85 1.2 2.0 2.0 2.4 2.4 16 0.45 0.6 0.6 0.8 1.2 1.2 2.0 2.0 25 0.4 0.5 0.5 0.65 0.7 0.9 0.9 1.5 1.5 35 0.3 0.4 0.4 0.5 0.7 0.7 1.0 1.0 50 0.25 0.25 0.3 0.35 0.35 0.55 0.55 0.75 0.75 63 0.25 0.25 0.3 0.3 0.5 0.5 0.6 0.6 80 0.2 0.2 0.25 0.3 0.35 0.4 0.4 100 0.12 0.15 0.2 0.3 0.3 0.3 0.3 160 to 250 0.15 0.15 0.2 0.2 0.2 0.25 0.25 350 to 500 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 80 to 100 80 to 100 120 100 110 to 130 100 120 to 150 140 to 220 220 250 v l drawing l 1 n 2 t 3 2 4 e 5 3 6 3 7 2 8 12 m 9 s 10 e 11 mounting bracket capacitance tolerance ( 20%) rated capacitance (3300 f) rated voltage (250v) series name ty p e (35) (51 to 100) code less b 3-leg brackets 2-leg brackets n no brackets code less 2-leg brackets n no brackets configuration 3 cv dimension table in next page. nu smaller high voltage cat.8100c
p 7 5 pressure relief vent pressure relief vent a 2 120 30 sleeve bottom plate w 1 d +2max. hexagenal headed bolt p 2 b t u s l + max. h 1 1 h u s p a 2 t screw terminal type for 51 and larger dimension of terminal pitch (w) and length ( r ) and nominal dia.of bolt dimensions of mounting bracket (mm) (mm) p a t s u h h d 51 .5 63.5 76.2 90 .5 100 .50 w 22.0 28.6 31.8 31.8 41.5 r 6 6 6 6 10 3 3 3 3 4 nominal.of bolt m5 m5 m5 m5 m8 51 32.5 38.5 7.5 5.0 12 60 20 15 63.5 38.1 43 8.0 5.0 14 60 25 20 76.2 44.5 49.2 7.0 5.0 14 60 30 24 90 50.8 58.5 8.0 5.0 18 60 35 25 100 56.3 62 8.0 5.0 16 60 36 30 51 33.2 40 6.0 4.5 14 30 25 15 63.5 40.5 46.5 7.0 4.5 14 30 35 20 76.2 46.5 53 6.0 4.5 14 30 35 20 90 53 59 6.0 4.5 14 30 35 20 3-legs 2-legs symbol d leg shape nt series aluminum electrolytic capacitors ? b 3-leg brackets for 90 capacitors have different hole shapes from the ordinary ones as illustrated below. p 5 7 33000 47000 68000 100000 150000 220000 330000 470000 680000 1000000 1500000 35 80 35 100 51 80 51 100 51 120 63.5 120 76.2 120 90 140 90 170 90 220 100 220 4.8 6.2 6.8 8.6 10.8 13.2 15.8 17.0 18.4 20.1 22.1 0.65 0.65 0.80 0.80 0.85 1.20 2.00 2.40 2.40 2.40 2.40 1.72 2.05 2.47 3.00 3.67 4.44 5.00 5.00 5.00 5.00 5.00 lnt1a333mse lnt1a473mse lnt1a683mse lnt1a104mse lnt1a154mse lnt1a224mse lnt1a334mse lnt1a474mse lnt1a684mse lnt1a105mse lnt1a155mse 10v (1a) rated ripple (arms) tan leakage current (ma) code size d l(mm) cap. (f) 33000 47000 68000 100000 150000 220000 330000 470000 680000 1000000 1500000 35 80 35 100 51 80 51 100 51 120 63.5 120 76.2 120 90 140 90 170 90 220 100 250 5.2 6.8 7.1 9.6 11.0 14.1 20.6 22.1 24.0 26.1 28.8 0.45 0.45 0.60 0.60 0.60 0.80 1.20 2.00 2.00 2.00 2.00 2.17 2.60 3.12 3.79 4.64 5.00 5.00 5.00 5.00 5.00 5.00 lnt1c333mse lnt1c473mse lnt1c683mse lnt1c104mse lnt1c154mse lnt1c224mse lnt1c334mse lnt1c474mse lnt1c684mse lnt1c105mse lnt1c155mse 16v (1c) rated ripple (arms) tan leakage current (ma) code size d l(mm) cap. (f) dimensions rated ripple current (arms) at 105 c 120hz cat.8100c
aluminum electrolytic capacitors nt series dimensions 22000 33000 47000 68000 100000 150000 220000 330000 470000 680000 1000000 35 80 35 100 51 80 51 120 63.5 100 63.5 120 76.2 120 90 140 90 170 90 220 100 220 4.9 6.2 8.3 10.2 11.5 13.8 17.0 20.8 22.4 24.2 26.4 0.40 0.40 0.50 0.50 0.65 0.70 0.90 1.50 1.50 1.50 1.50 2.22 2.72 3.25 3.91 4.74 5.00 5.00 5.00 5.00 5.00 5.00 lnt1e223mse lnt1e333mse lnt1e473mse lnt1e683mse lnt1e104mse lnt1e154mse lnt1e224mse lnt1e334mse lnt1e474mse lnt1e684mse lnt1e105mse 25v (1e) rated ripple (arms) tan leakage current (ma) code size d l(mm) cap. (f) 10000 15000 22000 33000 47000 68000 100000 150000 220000 330000 470000 680000 35 80 35 80 35 100 51 80 51 100 51 120 63.5 120 76.2 120 90 140 90 170 90 220 100 250 4.7 5.1 5.6 7.4 8.4 12.3 13.6 15.1 17.4 21.3 25.4 27.5 0.30 0.30 0.30 0.40 0.40 0.40 0.50 0.70 1.00 1.00 1.00 1.00 1.77 2.17 2.63 3.22 3.84 4.62 5.00 5.00 5.00 5.00 5.00 5.00 lnt1v103mse lnt1v153mse lnt1v223mse lnt1v333mse lnt1v473mse lnt1v683mse lnt1v104mse lnt1v154mse lnt1v224mse lnt1v334mse lnt1v474mse lnt1v684mse 35v (1v) rated ripple (arms) tan leakage current (ma) code size d l(mm) cap. (f) 10000 15000 22000 33000 47000 68000 100000 150000 220000 330000 470000 35 80 35 100 51 80 51 120 63.5 100 63.5 120 76.2 120 90 140 90 170 90 220 100 250 4.9 5.5 6.3 8.0 9.9 12.8 16.8 19.5 22.0 24.3 26.1 0.25 0.25 0.25 0.30 0.35 0.35 0.55 0.75 0.75 0.75 0.75 2.12 2.59 3.14 3.85 4.59 5.00 5.00 5.00 5.00 5.00 5.00 lnt1h103mse lnt1h153mse lnt1h223mse lnt1h333mse lnt1h473mse lnt1h683mse lnt1h104mse lnt1h154mse lnt1h224mse lnt1h334mse lnt1h474mse 50v (1h) rated ripple (arms) tan leakage current (ma) code size d l(mm) cap. (f) 10000 15000 22000 33000 47000 68000 100000 150000 220000 330000 35 100 51 80 51 100 63.5 100 63.5 120 76.2 120 90 140 90 170 90 220 100 250 5.0 5.9 6.9 9.4 11.2 13.5 17.8 21.0 23.7 26.1 0.25 0.25 0.25 0.30 0.30 0.50 0.60 0.60 0.60 0.60 2.38 2.91 3.53 4.32 5.00 5.00 5.00 5.00 5.00 5.00 lnt1j103mse lnt1j153mse lnt1j223mse lnt1j333mse lnt1j473mse lnt1j683mse lnt1j104mse lnt1j154mse lnt1j224mse lnt1j334mse 63v (1j) rated ripple (arms) tan leakage current (ma) code size d l(mm) cap. (f) 4700 6800 10000 15000 22000 33000 47000 68000 100000 150000 220000 35 80 35 100 51 80 51 100 63.5 100 76.2 100 76.2 120 90 140 90 170 90 220 100 250 3.5 3.9 5.4 6.4 8.4 9.9 13.4 17.0 18.6 21.6 24.8 0.20 0.20 0.20 0.20 0.25 0.30 0.35 0.40 0.40 0.40 0.40 1.83 2.21 2.68 3.28 3.97 4.87 5.00 5.00 5.00 5.00 5.00 lnt1k472mse lnt1k682mse lnt1k103mse lnt1k153mse lnt1k223mse lnt1k333mse lnt1k473mse lnt1k683mse lnt1k104mse lnt1k154mse lnt1k224mse 80v (1k) rated ripple (arms) tan leakage current (ma) code size d l(mm) cap. (f) 2200 3300 4700 6800 10000 15000 22000 33000 47000 68000 100000 150000 35 80 35 80 35 100 51 80 51 100 63.5 100 76.2 100 76.2 140 90 140 90 170 90 220 100 220 2.4 3.3 3.8 5.2 6.7 7.8 9.9 12.7 17.0 18.2 20.6 23.4 0.12 0.12 0.12 0.15 0.15 0.20 0.30 0.30 0.30 0.30 0.30 0.30 1.40 1.72 2.05 2.47 3.00 3.67 4.44 5.00 5.00 5.00 5.00 5.00 lnt2a222mse lnt2a332mse lnt2a472mse lnt2a682mse lnt2a103mse lnt2a153mse lnt2a223mse lnt2a333mse lnt2a473mse lnt2a683mse lnt2a104mse lnt2a154mse 100v (2a) rated ripple (arms) tan leakage current (ma) code size d l(mm) cap. (f) rated ripple current (arms) at 105 c 120hz cat.8100c
aluminum electrolytic capacitors nt series rated ripple current (arms) at 105 c 120hz 1000 1500 2200 3300 4700 6800 10000 15000 22000 33000 47000 68000 35 80 35 80 35 100 51 80 51 100 63.5 100 63.5 120 76.2 120 76.2 140 90 140 90 220 100 250 1.6 2.1 2.7 3.8 4.5 6.8 7.8 9.8 12.5 13.4 17.2 19.2 0.15 0.15 0.15 0.15 0.15 0.20 0.20 0.20 0.20 0.25 0.25 0.25 1.20 1.46 1.77 2.17 2.60 3.12 3.79 4.64 5.00 5.00 5.00 5.00 lnt2c102mse lnt2c152mse lnt2c222mse lnt2c332mse lnt2c472mse lnt2c682mse lnt2c103mse lnt2c153mse lnt2c223mse lnt2c333mse lnt2c473mse lnt2c683mse 160v (2c) rated ripple (arms) tan leakage current (ma) code size d l(mm) cap. (f) 1000 1500 2200 3300 4700 6800 10000 15000 22000 33000 47000 35 80 35 100 51 80 51 100 63.5 100 63.5 120 76.2 120 76.2 140 90 140 90 220 90 250 1.7 2.3 2.9 3.9 5.1 7.0 8.2 10.4 15.1 16.6 19.9 0.15 0.15 0.15 0.15 0.20 0.20 0.20 0.20 0.25 0.25 0.25 1.34 1.64 1.99 2.43 2.90 3.49 4.24 5.00 5.00 5.00 5.00 lnt2d102mse lnt2d152mse lnt2d222mse lnt2d332mse lnt2d472mse LNT2D682MSE lnt2d103mse lnt2d153mse lnt2d223mse lnt2d333mse lnt2d473mse 200v (2d) rated ripple (arms) tan leakage current (ma) code size d l(mm) cap. (f) 680 1000 1500 2200 3300 4700 6800 10000 15000 22000 33000 35 80 35 100 51 80 51 100 63.5 100 63.5 120 76.2 120 90 140 90 170 90 220 100 250 1.4 1.9 2.4 3.2 4.3 5.9 7.1 9.6 12.7 15.4 17.0 0.15 0.15 0.15 0.15 0.20 0.20 0.20 0.25 0.25 0.25 0.25 1.23 1.50 1.83 2.22 2.72 3.25 3.91 4.74 5.00 5.00 5.00 lnt2e681mse lnt2e102mse lnt2e152mse lnt2e222mse lnt2e332mse lnt2e472mse lnt2e682mse lnt2e103mse lnt2e153mse lnt2e223mse lnt2e333mse 250v (2e) rated ripple (arms) tan leakage current (ma) code size d l(mm) cap. (f) 330 470 680 1000 1500 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 22000 35 80 35 80 51 80 51 80 51 100 51 120 63.5 100 63.5 110 63.5 130 63.5 150 76.2 120 63.5 170 76.2 130 76.2 150 76.2 170 90 150 90 150 90 190 90 220 100 250 2.1 2.8 4.1 6.5 8.6 11.0 12.7 14.4 16.8 19.8 19.7 22.7 22.2 26.2 30.3 29.3 32.4 36.0 42.9 48.0 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 1.01 1.21 1.46 1.77 2.17 2.63 2.91 3.22 3.50 3.84 3.84 4.20 4.20 4.62 5.00 5.00 5.00 5.00 5.00 5.00 lnt2v331msec lnt2v471msec lnt2v681msef lnt2v102msef lnt2v152msef lnt2v222msef lnt2v272mseg lnt2v332mseg lnt2v392mseg lnt2v472mseg lnt2v472mseh lnt2v562mseg lnt2v562mseh lnt2v682mseh lnt2v822mseh lnt2v822msej lnt2v103msej lnt2v123msej lnt2v153msej lnt2v223msek 350v (2v) rated ripple (arms) tan leakage current (ma) code size d l(mm) cap. (f) dimensions cat.8100c
aluminum electrolytic capacitors nt series frequency coefficient of rated ripple current 10 to 100v 160 to 250v 350 to 500v 60 0.90 0.88 0.82 120 1.00 1.00 1.00 360 1.08 1.08 1.20 1k 1.15 1.15 1.35 10k or more 1.15 1.20 1.40 coeff. frequency (hz) dimensions 220 330 470 680 1000 1500 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 35 80 35 80 35 100 51 80 51 80 51 120 63.5 100 63.5 110 63.5 130 63.5 150 76.2 110 63.5 170 76.2 130 76.2 150 76.2 170 90 150 90 170 90 190 90 220 100 220 1.6 2.3 3.1 4.2 6.6 9.1 11.5 13.1 15.4 17.9 18.2 20.7 20.3 23.7 27.6 26.9 31.0 32.9 38.3 44.5 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.88 1.09 1.30 1.56 1.89 2.32 2.81 3.11 3.44 3.74 3.74 4.11 4.11 4.49 4.94 4.94 5.00 5.00 5.00 5.00 lnt2g221msec lnt2g331msec lnt2g471msec lnt2g681msef lnt2g102msef lnt2g152msef lnt2g222mseg lnt2g272mseg lnt2g332mseg lnt2g392mseg lnt2g392mseh lnt2g472mseg lnt2g472mseh lnt2g562mseh lnt2g682mseh lnt2g682msej lnt2g822msej lnt2g103msej lnt2g123msej lnt2g153msek 400v (2g) rated ripple (arms) tan leakage current (ma) code size d l(mm) cap. (f) 220 330 470 680 1000 1500 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 35 80 35 100 51 80 51 100 51 100 51 120 63.5 110 63.5 130 76.2 110 63.5 150 76.2 130 63.5 170 76.2 150 76.2 190 90 150 90 170 90 190 90 220 90 230 90 250 1.8 2.4 3.4 4.4 7.0 9.2 11.8 13.8 14.5 16.5 17.1 18.3 21.7 26.4 24.1 28.3 32.5 35.1 39.2 45.6 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.94 1.15 1.37 1.65 2.01 2.46 2.98 3.30 3.30 3.65 3.65 3.97 4.36 4.76 4.76 5.00 5.00 5.00 5.00 5.00 lnt2w221msec lnt2w331msec lnt2w471msef lnt2w681msef lnt2w102msef lnt2w152msef lnt2w222mseg lnt2w272mseg lnt2w272mseh lnt2w332mseg lnt2w332mseh lnt2w392mseg lnt2w472mseh lnt2w562mseh lnt2w562msej lnt2w682msej lnt2w822msej lnt2w103msej lnt2w123msej lnt2w153msej 450v (2w) rated ripple (arms) tan leakage current (ma) code size d l(mm) cap. (f) 330 470 680 1000 1500 2200 2700 3300 3900 4700 5600 6800 8200 10000 51 80 51 80 51 100 51 120 63.5 110 63.5 130 63.5 150 76.2 130 63.5 170 76.2 150 76.2 150 76.2 190 90 150 90 150 90 170 90 220 90 250 2.7 3.2 4.2 5.5 7.1 9.3 11.0 11.0 12.9 13.0 14.1 17.2 16.3 17.8 20.7 25.5 29.9 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 1.21 1.45 1.74 2.12 2.59 3.14 3.48 3.48 3.85 3.85 4.18 4.59 4.59 5.00 5.00 5.00 5.00 lnt2h331msef lnt2h471msef lnt2h681msef lnt2h102msef lnt2h152mseg lnt2h222mseg lnt2h272mseg lnt2h272mseh lnt2h332mseg lnt2h332mseh lnt2h392mseh lnt2h472mseh lnt2h472msej lnt2h562msej lnt2h682msej lnt2h822msej lnt2h103msej 500v (2h) rated ripple (arms) tan leakage current (ma) code size d l(mm) cap. (f) rated ripple current (arms) at 105 c 120hz cat.8100c


▲Up To Search▲   

 
Price & Availability of LNT2D682MSE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X