Part Number Hot Search : 
LA4041 IRF822 C1102 KDV143F KDV143F MP6TP 08775 2SD2170
Product Description
Full Text Search
 

To Download LB1642 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  73098ha (kt)/n3093ts/9087ki/d163/n173ki, ts no.1358-1/3 sanyo electric co.,ltd. semiconductor bussiness headquaters tokyo office tokyo bldg., 1-10, 1 chome, ueno, taito-ku, tokyo, 110-8534 japan any and all sanyo products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft? control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. consult with your sanyo representative nearest you before using any sanyo products described or contained herein in such applications. sanyo assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all sanyo products described or contained herein. monolithic digital ic bidirectional motor driver with braking function ordering number:en1358d LB1642 r e t e m a r a pl o b m y ss n o i t i d n o cs g n i t a rt i n u e g a t l o v y l p p u sv c c 6 1 o t 4v e g a t l o v t u p n i l e v e l - h g i hv h i v o t 2 c c v e g a t l o v t u p n i l e v e l - w o lv l i 4 . 0 + o t 3 . 0 Cv t n e r r u c t u p t u oi o 0 0 1 + o t 0 0 1 Ca m e m i t t i b i h n i e s r e v e r d r a w r o ft f f o e r o m r o 0 1s r e t e m a r a pl o b m y ss n o i t i d n o cs g n i t a rt i n u e g a t l o v y l p p u s m u m i x a mv c c x a m 8 1v e g a t l o v t u p n iv n i v o t 3 . 0 C c c v t n e r r u c t u p t u oi o x a ms s e l r o z h 2 . 0 = e l c y c , s m 5 = t 7 . 0a n o i t a p i s s i d r e w o p e l b a w o l l ax a m d p 0 . 1w e r u t a r e p m e t g n i t a r e p or p o t 5 7 + o t 5 2 C e r u t a r e p m e t e g a r o t sg t s t 5 2 1 + o t 5 5 C specifications absoluite maximum ratings at ta = 25?c package dimensions unit:mm 3043a-sip10 [LB1642] overview the LB1642 is a bidirectional motor driver ic. it is especially suited for use in motor drive applications where the arm control function of players and the auto reverse function of cassette decks are performed. features ? on-chip braking function. ? on-chip diode to absorb dash current. ? wide operating voltage range (4 to 16v). ? direct drivable with ttl. ?c ?c allowable operating conditions at ta = 25?c sanyo : sip10
no.1358-2/3 LB1642 control mode t u p n it u p t u o s k r a m e r 12 1 2 00 C C n e p o 10 1 0 e v i r d d r a w r o f 01 0 1 e v i r d e s r e v e r 11 0 0 g n i k a r b equivalent circuit block diagram sample application circuit electrical characteristics at ta = 25?c, v cc =v cc =12v r e t e m a r a pl o b m y ss n o i t i d n o c s g n i t a r t i n u n i mp y tx a m 1 e g a t l o v t u p t u o l e v e l - h g i hv 1 h o v 1 i v r o 2 i i , v 2 = o a m 0 5 C =0 . 1 1v 2 e g a t l o v t u p t u o l e v e l - h g i hv 2 h o v 1 i v r o 2 i i , v 2 = o a m 0 0 1 C =9 . 0 1v 1 e g a t l o v t u p t u o l e v e l - w o lv 1 l o v 1 i v r o 2 i i , v 2 = o a m 0 5 =3 . 0v 2 e g a t l o v t u p t u o l e v e l - w o lv 2 l o v 1 i v r o 2 i i , v 2 = o a m 0 0 1 =5 3 . 0v e g a t l o v t u p t u o r e t n iv 1 o v C 2 o v 1 i v r o 2 i i , v 2 = o a m 0 0 1 =6 . 0 1v t n e r r u c t u p n ii i v i v 2 =0 70 0 2a t n e r r u c e g a k a e l t u p t u oi o k a e lv c c v = c c v , v 8 1 = ' o v , v 0 = n i v = 1 n i v , v 0 = 2 o v 8 1 =0 0 1 a n i a r d t n e r r u ci c c v 1 n i v r o v 2 = 2 n i v , v 2 = c c v = c c v 6 1 = '0 3a m v 1 n i v = 2 n i v , v 2 = c c v = c c v 6 1 = '0 6a m
ps no.1358-3/3 specifications of any and all sanyo products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer? products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer? products or equipment. sanyo electric co., ltd. strives to supply high-quality high-reliability products. however, any and all semiconductor products fail with some probability. it is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any and all sanyo products described or contained herein fall under strategic products (including services) controlled under the foreign exchange and foreign trade control law of japan, such products must not be exported without obtaining export license from the ministry of international trade and industry in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of sanyo electric co. , ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the ?elivery specification for the sanyo product that you intend to use. information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. sanyo believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. this catalog provides information as of july, 1998. specifications and information herein are subject to change without notice. LB1642


▲Up To Search▲   

 
Price & Availability of LB1642

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X