1. product profile 1.1 general description the KMA215 is a magnetic angle sensor mo dule with digital output in accordance with sae j2716 jan2010 single edge nibble tran smission (sent). the magnetoresistive (mr) sensor bridges, the mixed signal integr ated circuit (ic) and the required capacitors are integrated into a single package. this angular measurement module KMA215 is pre-programmed, pre-calibrated and therefore, ready to use. the default c onfiguration for the digital output is sent2010-03.0us-6dn-npp-nsp-a.3. the KMA215 allows user-specific adjustment s of angular range, zero angle and sent configuration. the settings are stored in a multi-time programmable non-volatile memory. 1.2 features and benefits KMA215 programmable angle sensor with sae j2716 sent rev. 1 ? 24 february 2014 product data sheet ? high precision sensor for magnetic angular measurement ? high temperature range up to 160 ? c ? single package sensor module with integrated filters and pulse shaping for improved electroma gnetic compatibility (emc) ? overvoltage protection up to 16 v ? automotive qualified in accordance with aec-q100 rev-g ? push pull output stage compliant with sae j2716 jan2010 sent with pulse shaping ? programmable user adjustments, angular range, zero angle and sent configuration ? optional high-speed 12-bit sent message format h.3 ? fail-safe non-volatile memory with write protection using lock bit ? optional enhanced serial data communication ? independent from magnetic field strength above 35 ka/m ? programming via one-wire interface (owi) ? ready to use without external components ? 8 user-programmable sent messages (8 ? 12 bit) ? factory calibrated ? magnet-loss and broken bond wire detection
KMA215 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2014. all rights reserved. product data sheet rev. 1 ? 24 february 2014 2 of 50 nxp semiconductors KMA215 programmable angle sensor with sae j2716 sent 1.2.1 extract of sent modes (shorthand notation) ? sent2010-03.0us-6dn-npp-nsp-a.3 (default configuration) ? sent2010-03.0us-6dn-npp-esp-a.3 ? sent2010-03.0us-6dn-ppc(297.0)-nsp-a.3 ? sent2010-03.0us-6dn-ppc(297.0)-esp-a.3 ? sent2010-06.0us-6dn-npp-nsp-a.3 ? sent2010-06.0us-6dn-npp-esp-a.3 ? sent2010-06.0us-6dn-ppc(297.0)-nsp-a.3 ? sent2010-06.0us-6dn-ppc(297.0)-esp-a.3 ? sent201x-03.0us-4dn-npp-nsp-h.3 ? sent201x-03.0us-4dn-npp-esp-h.3 additional sent modes can be found in ta b l e 8 , ta b l e 1 2 and ta b l e 1 5 . 2. pinning information 3. ordering information table 1. pinning pin symbol description simplified outline 1v dd supply voltage 2 gnd ground 3 out/data sent output or owi data interface table 2. ordering information type number package name description version KMA215 - plastic single-ended multi-chip package; 6 interconnections; 3 in-line leads sot1288-2
xxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx x xxxxxxxxxxxxxx xxxxxxxxxx xxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxx xxxxxxxxxxxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxx x x KMA215 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2014. all rights reserved. product data sheet rev. 1 ? 24 february 2014 3 of 50 nxp semiconductors KMA215 programmable angle sensor with sae j2716 sent 4. functional diagram fig 1. functional diagram of KMA215 2 1 ( : , 5 ( , 1 7 ( 5 ) $ & |