Part Number Hot Search : 
CA3240E 21256SNF SS15L SG16036A MTN2130 BC317 SI3227 13001
Product Description
Full Text Search
 

To Download KK74AC299DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data kk74ac299 8-bit bidirectional universal shift register with parallel i/o high-speed silicon-gate cmos ordering information kk 74ac299n plastic kk 74ac299dw soic t a = -40 to 8 5 c for all packages the kk 74ac299 is identical in pinout to the ls/als299, hc / h c t 299. the devi ce i nput s are com p at i b l e wi t h st andard c m os out put s; wi t h pul l up resi st ors, t h ey are com p at i b l e wi t h ls/ a ls out put s. the kk 74ac299 features a multiplexe d parallel input/output data port t o achi e ve ful l 8-bi t handl i ng i n a 20 pi n package. due t o t h e l a rge out put d r iv e cap ab ility an d th e 3 - state featu r e, th is d e v i ce is id eally su ited fo r interface with bus lines in a bus-oriented system . two m ode-sel ect i nput s and t w o out put enabl e i nput s are used t o choose t h e m ode of operat i on as l i s t e d i n t h e funct i on tabl e. synchronous parallel loading is accom p lished by taking both mode- select lines, s 1 and s 2 , high. this places the outputs in the high- i m pedance st at e, whi c h perm i t s dat a appl i e d t o t h e dat a port t o be cl ocked into the register. reading out of th e register can be accom p lished when t h e out put s are enabl e d. the act i v e-l o w asy n chronous r e set overri des al l ot her i nput s. ? outputs directly interf ace to cmos, nmos, and ttl pin assignment ? operat i ng vol t a ge r a nge: 2.0 t o 6.0 v ? low input c u rrent : 1.0 a; 0.1 a @ 25 c ? high noise im m unity characteristic of cmos devices ? out put s source/ si nk 24 m a logic diagram pin 20=v cc pin 10 = gnd 1
kk74ac299 maximum ratings * sym b o l p a r a m e t e r valu e un i t v cc dc suppl y vol t a ge (referenced t o gnd) -0.5 t o +7.0 v v in dc input vol t a ge (referenced t o gnd) -0.5 t o v cc +0.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc +0.5 v i in dc input c u rrent , per pi n 20 ma i out dc out put si nk/ source c u rrent , per pi n 50 ma i cc dc suppl y c u rrent , v cc and gnd pins 50 ma p d po wer dissip a tio n in still air, plastic dip+ soic package+ 750 500 mw tst g st orage tem p erat ure -65 t o +150 c t l lead tem p erat ure, 1 m m from c a se for 10 seconds (plastic dip or soic package) 260 c * m a xi m u m r a t i ngs are t hose val u es bey ond whi c h dam a ge t o t h e devi ce m a y occur. functional operation should be restricted to the reco m m e nded operating conditions. +derat i ng - pl ast i c dip: - 10 m w / c from 65 t o 125 c soic package: : - 7 m w / c from 65 t o 125 c recommended operating conditions sy m bol p a r a m e t e r m i n m a x uni t v cc dc suppl y vol t a ge (referenced t o gnd) 2.0 6.0 v v in , v out dc input vol t a ge, out put vol t a ge (referenced t o gnd) 0 v cc v t j junct i on tem p erat ure (pdip) 140 c t a operating tem p erature, all package types -40 +85 c i oh out put c u rrent - hi gh -24 m a i ol out put c u rrent - low 24 m a t r , t f input r i se and fal l ti m e * (except schm itt inputs) v cc =3.0 v v cc =4.5 v v cc =5.5 v 0 0 0 150 40 25 ns/ v * v in from 30% t o 70% v cc thi s devi ce cont ai ns prot ect i on ci rcui t r y t o guard agai ns t dam a ge due t o hi gh st at i c vol t a ges or el ect ri c fi el ds. however, precautions m u st be taken to avoid applications of any voltage highe r than m a xim u m rated voltages to this hi gh-i m pedance ci rcui t . for proper operat i on, v in and v out shoul d be const r ai ned t o t h e range gnd (v in or v out ) v cc . unused i nput s m u st al way s be t i e d t o an appropri a t e l ogi c vol t a ge l e vel (e.g., ei t h er gnd or v cc ). unused out put s m u st be l e ft open. 2
kk74ac299 dc electrical characteristics (voltages referenced to gnd) v cc guaranteed lim its sy m bol p a r a m e t e r test c ondi t i o n s v 25 c - 4 0 c to 85 c un it v ih m i ni m u m hi gh- level input vol t a ge v out =0.1 v or v cc -0.1 v 3.0 4.5 5.5 2.1 3.15 3.85 2.1 3.15 3.85 v v il m a x i mu m l o w - level input vol t a ge v out =0.1 v or v cc -0.1 v 3.0 4.5 5.5 0.9 1.35 1.65 0.9 1.35 1.65 v v oh m i ni m u m hi gh- level out put vol t a ge i out -50 a 3.0 4.5 5.5 2.9 4.4 5.4 2.9 4.4 5.4 v * v in =v ih or v il i oh =-12 m a i oh =-24 m a i oh =-24 m a 3.0 4.5 5.5 2.56 3.86 4.86 2.46 3.76 4.76 v ol m a x i mu m l o w - level out put vol t a ge i out 50 a 3.0 4.5 5.5 0.1 0.1 0.1 0.1 0.1 0.1 v * v in = v ih or v il i ol =12 m a i ol =24 m a i ol =24 m a 3.0 4.5 5.5 0.36 0.36 0.36 0.44 0.44 0.44 i in m a xi m u m input leakage current v in =v cc or gnd 5.5 0.1 1.0 a i oz m a x i mu m t h r e e - state leakage current v in (oe)= v ih or v il v in =v cc or gnd v out =v cc or gnd 5.5 0.6 6.0 a i old +min im u m dyn a m i c out put c u rrent v old =1.65 v m a x 5.5 75 m a i ohd +min im u m dyn a m i c out put c u rrent v ohd =3.85 v m i n 5.5 -75 m a i cc m a x i mu m q u i e s c e n t suppl y c u rrent (per package) v in =v cc or gnd 5.5 8 .0 80 a * al l out put s l o aded; t h reshol ds on i nput associ at ed wi t h out put under t e st . +m axi m um t e st durat i on 2.0 m s , one out put l o aded at a t i m e. no te: i in and i cc @ 3 . 0 v are g u a ran t eed to b e less th an o r eq u a l to th e resp ectiv e lim it @ 5 . 5 v v cc 3
kk74ac299 ac electrical characteristics (c l =50pf,input t r =t f =3.0 ns) v cc * guaranteed lim its sym b o l p a r a m e t e r v 25 c - 4 0 c to 85 c unit min max m in max f ma x m a xi m u m c l ock frequency (fi gure 1) 3.3 5.0 90 130 8 0 105 m h z t plh propagat i on del a y , c l ock t o q a ? or q h ? (fi gure 1) 3.3 5.0 8.5 5.5 20.5 14.0 7.0 4.5 22.0 15.0 ns t phl propagat i on del a y , c l ock t o q a ? or q h ? (fi gure 1) 3.3 5.0 8.5 5.5 21.5 14.5 7.0 5.0 23.0 16.0 ns t plh propagat i on del a y , c l ock t o q a th ru q h (fi gure 1) 3.3 5.0 9.0 6.0 20.5 14.5 7.5 5.0 22.5 16.0 ns t phl propagat i on del a y , c l ock t o q a th ru q h (fi gure 1) 3.3 5.0 10.0 6.5 23.0 16.0 8.5 6.0 24.5 17.5 ns t phl propagat i on del a y , r e set t o q a ? or q h ? (fi gure 2) 3.3 5.0 9.0 5.5 22.5 15.5 7.5 5.0 25.0 17.0 ns t phl propagat i on del a y , r e set t o q a th ru q h (fi gure 2) 3.3 5.0 9.0 5.5 21.5 15.0 7.5 5.0 24.0 16.5 ns t pzh propagat i on del a y , oe1, oe2 t o q a th ru q h (fi gure 3) 3.3 5.0 7.0 4.5 18.0 12.5 6.0 4.0 19.5 13.5 ns t pzl propagat i on del a y , oe1, oe2 t o q a th ru q h (fi gure 3) 3.3 5.0 7.0 5.0 18.0 12.5 6.0 4.0 20.5 14.0 ns t phz propagat i on del a y , oe1, oe2 t o q a th ru q h (fi gure 3) 3.3 5.0 6.5 3.5 18.5 14.0 5.5 3.0 19.5 15.0 ns t plz propagat i on del a y , oe1, oe2 t o q a th ru q h (fi gure 3) 3.3 5.0 5.5 3.5 17.0 12.5 4.5 2.0 19.0 13.5 ns c in m a xi m u m input c a paci t a nce 5.0 4 .5 4.5 pf typical @25 c,v cc =5.0 v c pd power di ssi pat i on c a paci t a nce 170 pf * vol t a ge r a nge 3.3 v i s 3.3 v 0.3 v vol t a ge r a nge 5.0 v i s 5.0 v 0.5 v 4
kk74ac299 timing requirements (c l =50pf,input t r =t f =3.0 ns) v cc * guaranteed lim its sym b o l p a r a m e t e r v 25 c - 4 0 c to 85 c unit t su m i ni m u m set up ti m e , m ode sel ect s1 or s2 t o c l ock (fi gure 4) 3.3 5.0 8.0 5.0 8.5 5.5 ns t su m i ni m u m set up ti m e , dat a input s p a th ru p h t o c l ock (fi gure 4) 3.3 5.0 5.5 3.5 6.0 4.0 ns t su m i ni m u m set up ti m e , dat a input s s a , s h to c l ock (fi gure 4) 3.3 5.0 6.5 4.0 7.0 4.5 ns t h m i ni m u m hol d ti m e , c l ock t o m ode sel ect s1 or s2 (fi gure 4) 3.3 5.0 0.5 1.0 0.5 1.0 ns t h m i ni m u m hol d ti m e , c l ock t o dat a input s p a th ru p h (fi gure 4) 3.3 5.0 0 1.0 0 1.0 ns t h m i ni m u m hol d ti m e , c l ock t o dat a input s s a , s h (fi gure 4) 3.3 5.0 0 1.0 0.5 1.0 ns t rec min i m u m reco v e ry tim e , reset in activ e to c l ock (fi gure 2) 3.3 5.0 1.5 1.5 1.5 1.5 ns t w m i ni m u m pul s e w i dt h, c l ock (fi gure 1) 3.3 5.0 4.5 3.5 5.0 3.5 ns t w m i ni m u m pul s e w i dt h, r e set (fi gure 2) 3.3 5.0 4.5 3.5 5.0 3.5 ns * vol t a ge r a nge 3.3 v i s 3.3 v 0.3 v vol t a ge r a nge 5.0 v i s 5.0 v 0.5 v 5
kk74ac299 function table input s r e s p o n s e m o d e r e set m o d e select out put enables clo c k s erial input s p a / q a p b / q b p c / q c p d / q d p e / q e p f / q f p g / q g p h / q h q a ? q h ? s 2 s 1 o e 1 o e 2 d a d h r e s e t l x l l l x x x l l l l l l l l l l l l x l l x x x l l l l l l l l l l l h h x x x x x q a t h rough q h = z l l sh ift r i ght h l h h x d x shift right: q a t h rough q h =z; d a f a ; f a f b ; etc d q g h l h x h d x shift right: q a t h rough q h =z; d a f a ; f a f b ; etc d q g h l h l l d x sh ift rig h t: d a f a =q a ; f a f b =q b ; etc d q g sh ift left h h l h x x d shift left: q a t h rough q h =z; d h f h ; f h f g ; etc q b d h h l x h x d shift left: q a t h rough q h =z; d h f h ; f h f g ; etc q b d h h l l l x d shift left: d h f h =q h ; f h f g =q g ; etc q b d parallel load h h h x x x x parallel load:p n f n p a p h h o l d h l l h x x x x hold: q a t h rough q h =z; f n =f n p a p h h l l x h x x x hold: q a t h rough q h =z; f n =f n p a p h h l l l l x x x hold: q n =q h p a p h z = hi gh i m pedance d = dat a on seri al i nput f = flip-flop (see logic diagram ) w h en one or bot h out put cont rol s are hi gh t h e ei ght i nput / out put t e rm i n al s are di sabl ed t o t h e hi gh- i m pedance st at e; however, sequent i a l operat i on or cl eari ng of t h e regi st er i s not affect ed. 6
kk74ac299 fi gure 1. sw i t chi n g waveform fi gure 2. sw i t chi n g waveform fi gure 3. sw i t chi n g waveform fi gure 4. sw i t chi n g waveform 7
kk74ac299 expanded logic diagram 8
kk74ac299 n s u f f i x p l as t i c d i p (m s - 0 0 1 a d) sy m b o l m i n m a x a 24. 8 9 26. 92 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 3 a c) sy m b o l m i n m a x a 12. 6 1 3 b 7. 4 7 . 6 c 2. 35 2. 65 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h no t e s : j 0 8 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r pr o t r u s i on . k 0. 1 0 . 3 2. m a x i m u m m o l d fl a s h o r p r o t ru s i o n 0 . 1 5 m m (0 . 0 0 6 ) p e r s i d e m 0. 23 0. 32 f o r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . p 10 10. 65 r 0. 25 0. 75 d i me n s i o n , mm 1. 27 9. 53 d i me n s i o n , mm 2. 54 7. 62 a b h c k c m j f m p g d r x 4 5 se a t i n g pl a n e 0.2 5 ( 0 . 0 1 0 ) m t -t - 1 20 10 11 l h m j a b f g d se a t i n g pl an e n k 0.2 5 ( 0 . 010) m t -t - c 1 20 10 11 9


▲Up To Search▲   

 
Price & Availability of KK74AC299DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X