Part Number Hot Search : 
65003 21NM60 ST72324 S2415H ICS840 UG4A09 90060 RB481K
Product Description
Full Text Search
 

To Download IRFR5410PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
    
    
        ?      

   

      

  

   !"   

  
   

  d-pak t o-252aa i-pak to-251aa   
            !"   #"$ "% !&    !  &#$  " 
    
 #  $%  & ! 

 '(
 ((
)*  $*  #  $%  &! 

 '(
 ((
)*  $* +  #   ,-'(
 ((
      $%  & ! .( '  / 
00 " 1
('(
23 (   "! *  4  5 (  *, 2 6 * 7  5
2, ,8,
97
(2:    #  8,
9  ((
 +  7  / 8 8,
9 7
(2:  0  -8- ;' - 8(:-8-     *
 %  2


-   =  % 
 5 (2%/( (
2 5,-(
2%/( ()>( 
- 0>(  ! 
    

  
    
      !   "    # $ % &       '   (
) (  % 
 %  !    !!     !   *% +,  % -%
)     ! %  # $ 
    (  
    %    $ 
   '   &*-   !
 
  !  !   ) 
)  %  !   "'     !    .   
 ! &   !    ' *%        /'0 %    (  $  
     ' s d g 
www.kersemi.com 1  " 

 2 www.kersemi.com    
  

 
  
  
  
 #  

 5 (  ((
?<537%:, -:' -   9.
2 9    ,-5 (  ((

2(,(8( -:' -    /
@

- - *  ' - 3(.(- *, 2   0 * %  & !)#  &a+)*  &*  8( 8(:%    
 %  & !)# &+ b 8(  8(: 9(2  0  a
 - - & c    3(.(- % (
<
 %  #
(
  (

  
2, 2 , (

 -
 -:1  =1         %9  //, ->(#h)1  >'h  (- .
,-
- 
(>-  
  5 (
2%  & !)1&0i   & ? )#  &a+53 2 (  / 8(
2j/ ,. - 9,  -:  k@

 /( (5> 2  i sd a+)- -  c)*  *   ) %   !   ,. - 9 cj- : : , l s d g  
  
  
  
 *   '(
 5 (  (;-.
 *, 2    * *  &*)#  & c ?    ?   (;-.
 *, 2 %/ >> 
   *! >(
  !)#  &    5   '(
 5 (  <
  
    ? *  &*)#  &a+  *  4 %9(9,-*, 2    * *  &*  )#  & c 2  3(.(- %(
 
- 
    5 *  & *)#  &a+    c *  &*)*  &*     *  &+*)*  &*)%  & ! 4  5 (  3(.(- 1;2    *  &* 4  5 (  8( 1;2   
 *  &* b  % ,4 9(2   + #  &+ b  4  5 (  9(2   +
 *   & +* b  4  '(
d? ,,(d9(2    *  &*)53 20
-    % (
<
',:%     *  & *  %   +  #  &+   % (
<>>',:%       & ?  3,,%   0    &0 ?, 53 2   .
 ,-)   0
 >( / ;2 
- 
( > -  
    #
/ / 
  a0  *  &*   < / / 
  0  /3 *  & *   8( %(
>( / 
  a  m&?in)53 2 
i    

   !" 
 #

 $ % 1  #
(
,'(
#
- 
 1  #
(
,5 ( #
- 
   # 
  a #  '(
 5 ( 1;2 ((
s d g  o#3 g- 
-   
- 


 www.kersemi.com 3         !"     !"       # !"   0.01 0.1 1 10 100 0.1 1 10 100 20s pulse width t = 25 c j top bottom vgs -15v -10v -8.0v -7.0v -6.0v -5.5v -5.0v -4.5v -v , drain-to-source voltage (v) -i , drain-to-source current (a) ds d -4.5v 0.1 1 10 100 0.1 1 10 100 20s pulse width t = 150 c j top bottom vgs -15v -10v -8.0v -7.0v -6.0v -5.5v -5.0v -4.5v -v , drain-to-source voltage (v) -i , drain-to-source current (a) ds d -4.5v 0.1 1 10 100 4 5 6 7 8 9 10 v = 10v 20s pulse width ds -v , gate-to-source voltage (v) -i , drain-to-source current (a) gs d t = 25 c j t = 150 c j -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d -10v -14a

 4 www.kersemi.com 
 $%&# '
    (!" ' ( &   '    !   &   '    &     ) *  ' 0.1 1 10 100 0.2 0.8 1.4 2.0 2.6 -v ,source-to-drain voltage (v) -i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 150 c j 0 400 800 1200 1600 2000 1 10 100 c, capacitance (pf) a ds -v , drain-to-source voltage (v) v = 0v, f = 1mhz c = c + c , c shorted c = c c = c + c gs iss gs gd ds rss gd oss ds gd c iss c oss c rss 0 10 20 30 40 50 60 0 5 10 15 20 q , total gate charge (nc) -v , gate-to-source voltage (v) g gs for test circuit see figure i = d 13 -8.4a v = -20v ds v = -50v ds v = -80v ds 1 10 100 1000 1 10 100 100 0 operation in this area limited by r ds(on) single pulse t t = 150 c = 25 c j c -v , drain-to-source voltage (v) -i , drain current (a) i , drain current (a) ds d 10us 100us 1ms 10ms

 www.kersemi.com 5  $%+##, " -./  !  $% !  !    &*"'!   &*"'0,#  *  *  1   !  0.1 %   *  *    'o% + - v ds 9 0% 1 0% v gs t d(on) t r t d(off) t f 25 50 75 100 125 150 0 3 6 9 12 15 t , case temperature ( c) -i , drain current (a) c d 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response)

 6 www.kersemi.com   (!" '!    1(!" '0,#   $%
,"+ '  !  q g q gs q gd v g charge 2 d.u.t. v d s i d i g -3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + -  3-,0,#   3-,!  t p v (br)dss i as r g i as 0.01 ? t p d.u.t l v ds v dd driver a 15v -20v  = *  25 50 75 100 125 150 0 100 200 300 400 500 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom -3.5a -4.9a -7.8a

 www.kersemi.com 7  
       p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop r e-applied v oltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - -      *  ? -8-  
(,,-:  ? #   
(,,-:' :3 (d'd ? 'o%'8 o
-(%   4  ( 1: 
 -( 
 ? 1.5 (:#
- 
  ? 4(
-,
  ? 1.1;2#
- 
  ((
%( 
>((  4 8(,( :>'o%>(9
, *  '( 56 444 *  & *>(12 18,
-*'( 8'8  '()))  ) !"7+8)+&

 8 www.kersemi.com            !"      %         12 in the assembly line "a" as sembled on ww 16, 1999 example: wi t h as s e mb l y this is an irfr120 lot code 1234 year 9 = 199 9 dat e code we e k 1 6 part number logo international rectifier as s e mb l y lot code 916a irfu120 34 year 9 = 1999 dat e code or p = de s i gnat e s l e ad- f r e e product (optional) note: "p" in as s embly line pos ition i ndi cates "l ead- f r ee" 12 34 we e k 1 6 a = as s e mb l y s i t e code part number irfu120 line a logo lot code as s e mb l y int ernat ional rectifier

 www.kersemi.com 9       !"      %                as s e mb l y example: with assembly this is an irfu120 ye ar 9 = 199 9 dat e code line a we ek 19 in the assembly line "a" as s emble d on ww 19, 1999 lot code 5678 part number 56 irf u120 international logo rect ifier lot code 919a 78 note: "p" in as s embly line pos i ti on i ndi cates "l ead-f r ee"  56 78 assembly lot code rectif ier logo internat ional irfu120 part number week 19 dat e code year 9 = 1999 a = assembly site code p = designates lead-free product (optional)

 10 www.kersemi.com     #  $  "        %         tr 16.3 ( .641 ) 15.7 ( .619 ) 8.1 ( .318 ) 7.9 ( .312 ) 12.1 ( .476 ) 11.9 ( .469 ) feed direction feed direction 16.3 ( .641 ) 15.7 ( .619 ) trr trl n otes : 1 . controlling dimension : millimeter. 2 . all dimensions are shown in millimeters ( inches ). 3 . outline conforms to eia-481 & eia-541. notes : 1. outline conforms to eia-481. 16 mm 13 inch


▲Up To Search▲   

 
Price & Availability of IRFR5410PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X