Part Number Hot Search : 
SA26107 BC738 FS0802XD C6093 MAX8887 6736X 18R153 UR101
Product Description
Full Text Search
 

To Download IRFR3410PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  symbol parameter max. units v ds drain-source voltage 100 v v gs gate-to-source voltage 20 i d @ t c = 25c continuous drain current, v gs @ 10v 31  i d @ t c = 100c continuous drain current, v gs @ 10v 22 a i dm pulsed drain current  125 p d @t c = 25c maximum power dissipation 110 w p d @t a = 25c maximum power dissipation 3.0 linear derating factor 0. 71 mwc dv/dt peak diode recovery dv/dt  15 v/ns t j operating junction and -55 to + 175 c t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case ) www.kersemi.com 1 12/03/04 IRFR3410PBF irfu3410pbf hexfet   power mosfet v dss r ds(on) max i d 100v 39m ? 31a  d-pak irfr3410 i-pak irfu3410   high frequency dc-dc converters  lead-free benefits applications  low gate-to-drain charge to reduce switching losses  fully characterized capacitance including effective c oss to simplify design, (see app. note an1001)  fully characterized avalanche voltage and current parameter typ. max. units r jc junction-to-case ??? 1.4 r ja junction-to-ambient (pcb mount)* ??? 40 c/w r ja junction-to-ambient ??? 110 thermal resistance absolute maximum ratings

 2 www.kersemi.com parameter min. typ. max. units conditions g fs forward transconductance 33 ??? ??? s v ds = 25v, i d = 18a q g total gate charge ??? 37 56 i d = 18a q gs gate-to-source charge ??? 10 ??? nc v ds = 50v q gd gate-to-drain ("miller") charge ??? 11 ??? v gs = 10v,  t d(on) turn-on delay time ??? 12 ??? v dd = 50v t r rise time ??? 27 ??? i d = 18a t d(off) turn-off delay time ??? 40 ??? r g = 9.1 ? t f fall time ??? 13 ??? v gs = 10v  c iss input capacitance ??? 1690 ??? v gs = 0v c oss output capacitance ??? 220 ??? v ds = 25v c rss reverse transfer capacitance ??? 26 ??? pf ? = 1.0mhz c oss output capacitance ??? 1640 ??? v gs = 0v, v ds = 1.0v, ? = 1.0mhz c oss output capacitance ??? 130 ??? v gs = 0v, v ds = 80v, ? = 1.0mhz c oss eff. effective output capacitance ??? 250 ??? v gs = 0v, v ds = 0v to 80v  dynamic @ t j = 25c (unless otherwise specified) ns parameter typ. max. units e as single pulse avalanche energy  ??? 140 mj i ar avalanche current  ??? 18 a avalanche characteristics s d g parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) ??? ??? showing the i sm pulsed source current integral reverse (body diode)  ??? ??? p-n junction diode. v sd diode forward voltage ??? ??? 1.3 v t j = 25c, i s = 18a, v gs = 0v  t rr reverse recovery time ??? 84 ??? ns t j = 25c, i f = 18a q rr reverse recoverycharge ??? 260 ??? nc di/dt = 100a/s   t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by l s +l d ) diode characteristics 31  125  static @ t j = 25c (unless otherwise specified) parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 100 ??? ??? v v gs = 0v, i d = 250a ? v (br)dss / ? t j breakdown voltage temp. coefficient ??? 0.11 ??? v/c reference to 25c, i d = 1ma  r ds(on) static drain-to-source on-resistance ??? 34 39 m ? v gs = 10v, i d = 18a  v gs(th) gate threshold voltage 2.0 ??? 4.0 v v ds = v gs , i d = 250a ??? ??? 20 a v ds = 100v, v gs = 0v ??? ??? 250 v ds = 80v, v gs = 0v, t j = 150c gate-to-source forward leakage ??? ??? 200 v gs = 20v gate-to-source reverse leakage ??? ??? -200 na v gs = -20v i gss i dss drain-to-source leakage current

 www.kersemi.com 3 fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics 0. 1 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 4.5v 20s pulse width tj = 25c 0. 1 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 4.5v 20s pulse width tj = 175c    


 
    
     


 
    
  4. 0 5. 0 6. 0 7. 0 8. 0 9. 0 v gs , gate-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( ) t j = 25c t j = 175c v ds = 50v 20s pulse width -60 -40 -20 0 20 40 60 80 100 120 140 160 180 t j , junction temperature (c) 0. 0 1. 0 2. 0 3. 0 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 30a v gs = 10v

 4 www.kersemi.com fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 1 10 100 v ds , drain-to-source voltage (v) 10 100 1000 10000 100000 c , c a p a c i t a n c e ( p f ) coss crss ci s s v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 0 102030405060 q g total gate charge (nc) 0 4 8 12 16 20 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 80v vds= 50v vds= 20v i d = 18a 0.0 0.5 1.0 1.5 2.0 v sd , source-todrain voltage (v) 0.1 1.0 10.0 100.0 1000.0 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 175c v gs = 0v 1 10 100 1000 v ds , drain-tosource voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) tc = 25c tj = 175c single pulse 1msec 10msec operation in this area limited by r ds (on) 100sec

 www.kersemi.com 5 fig 10a. switching time test circuit v ds 9 0% 1 0% v gs t d(on) t r t d(off) t f fig 10b. switching time waveforms    1   !" 0.1 %          + -   fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature 25 50 75 100 125 150 175 t c , case temperature (c) 0 4 8 12 16 20 24 28 32 i d , d r a i n c u r r e n t ( a ) limited by package 1e-006 1e-005 0. 0001 0. 001 0. 01 0. 1 t 1 , rectangular pulse duration (sec) 0. 001 0. 01 0.1 1 10 t h e r m a l r e s p o n s e ( z t h j c ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response )

 6 www.kersemi.com q g q gs q gd v g charge d.u.t. v d s i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + -
 fig 13b. gate charge test circuit fig 13a. basic gate charge waveform fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v (br)dss i as fig 12c. maximum avalanche energy vs. drain current r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v v gs 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 50 100 150 200 250 e a s , s i n g l e p u l s e a v a l a n c h e e n e r g y ( m j )     #$ #$  $

 www.kersemi.com 7 p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop r e-applied v oltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - fig 14. for n-channel hexfet   power mosfets   
     
              ?     ?  ?     ! "" ? #  $  $   ?  %&    ? ' (  ?  %)   $    

 8 www.kersemi.com  

  

  12 in the assembly line "a" as s emb l ed on ww 16, 1999 example: with assembly this is an irfr120 lot code 1234 year 9 = 199 9 dat e code week 16 part number logo international rect ifier assembly lot code 916a irf u120 34 year 9 = 1999 dat e code or p = d e s i gn at e s l e ad - f r e e product (opt ional) note: "p" in as s embly line pos ition indicates "l ead-f r ee" 12 34 we e k 16 a = as s e mb l y s i t e code part number irf u120 line a logo lot code assembly international rectifier

 www.kersemi.com 9  
   
          
  as s e mb l y example: with assembly this is an irfu120 year 9 = 199 9 dat e code line a we e k 1 9 in the assembly line "a" as s embled on ww 19, 1999 lot code 5678 part numbe r 56 irf u120 international logo rectifier lot code 919a 78 note: "p" in as s embly line pos i ti on i ndi cates "l ead- f r ee"  56 78 as s e mb l y lot code rectifier logo international irfu120 part number we e k 19 dat e code year 9 = 1999 a = as s e mb l y s i t e code p = designates lead-free product (opt ional)

 10 www.kersemi.com   repetitive rating; pulse width limited by max. junction temperature.  i sd 18a, di/dt 360a/s, v dd v (br)dss , t j 175c 
  starting t j = 25c, l = 0.85mh r g = 25 ? , i as = 18a.  pulse width 300s; duty cycle 2%.  c oss eff. is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss   calculated continuous current based on maximum allowable junction temperature. package limitation current is 30a.  

  
         tr 16.3 ( .641 ) 15.7 ( .619 ) 8.1 ( .318 ) 7.9 ( .312 ) 12.1 ( .476 ) 11.9 ( .469 ) feed direction feed direction 16.3 ( .641 ) 15.7 ( .619 ) trr trl n otes : 1 . controlling dimension : millimeter. 2 . all dimensions are shown in millimeters ( inches ). 3 . outline conforms to eia-481 & eia-541. notes : 1. outline conforms to eia-481. 16 mm 13 inch
note: for the most current drawings please refer to the ir website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRFR3410PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X