Part Number Hot Search : 
PR500 C1455 SANYO CLAMP AD1385 KA78TXX T1012S G1200
Product Description
Full Text Search
 

To Download FL75L05A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fl75r10a filter module 75vdc input maximum, 10a maximum datasheet ds_fl75l07_ 02162012 features ? rohs compliant ? small size: 25.4mm x 25.4mm x 12.0mm (1.0? x 1.0? x 0.47?) ? industry standard footprint and pin-out ? surface mount or through hole pins ? optimized for use with high frequency board mounted dc/dc converters ? printed-circuit board mountable ? iso 9001, tl 9000, iso 14001, qs 9000, ohsas 18001 certified manufacturing facility ? ul/cul 60950 (us & canada) recognized, vde 0805 (iec60950) licensed applications ? common-mode and differential-mode filtering of power supply dc input and output line ? computer application ? communications equipment delphi series filter module - fl75l07 0~75vdc input, 7a current rating the delphi series fl75l07 filter module is the latest offering from a world leader in power systems technology and manufacturing ? delta electronics, inc. this filter module is designed to reduce the conducted common-mode and differential-mode noise on input or output lines of high-frequency switching power supplies and has a maximum current rating of 7a. it has the industry standard footprint and pin-out. with creative design technology and optimization of component placement, delphi fl75l07 filter module possesses outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions.
ds_fl75l07_02162012 2 specifications general specifications output specifications input voltage, operation typical 0~75v common-mode insertion loss 50 [ circuit, 500 khz (typ) 40db input voltage, continuous typical 0~100v differential-mode insertion loss 50 [ circuit, 500 khz (typ) 70db operating temperature typical -40 j ~ 115 j storage temperature typical -55 j ~ 125 j size (1.0?. x 1.0?x 0.47?). 25.4 x 25.4 x 12.0 mm electrical characteristics curves figure 1: typical common-mode insertion loss in a 50 [ circuit figure 2: typical differential-mode insertion loss in a 50 [ circuit internal schematics figure 3: internal schematics
ds_fl75l07_02162012 3 thermal considerations thermal management is an important part of the system design. to ensure proper, reliable operation, sufficient cooling of the power module is needed over the entire temperature range of the module. convection cooling is usually the dominant mode of heat transfer. hence, the choice of equipment to characterize the thermal performance of the power module is a wind tunnel. thermal testing setup delta?s filter modules are characterized in heated vertical wind tunnels that simulate the thermal environments encountered in most electronics equipment. this type of equipment commonly uses vertically mounted circuit cards in cabinet racks in which the power modules are mounted. the following figure shows the wind tunnel characterization setup. the filter module is mounted on a test pwb and is vertically positioned within the wind tunnel. the space between the neighboring pwb and the top of the power module is 6.35mm (0.25?). thermal derating heat can be removed by increasing airflow over the module. figure 4 shows maximum output is a function of ambient temperature and airflow rate. to enhance system reliability, the power module should always be operated below the maximum operating temperature. if the temperature exceeds the maximum module temperature, reliability of the unit may be affected. note: wind tunnel test setup figure dimensions are in millimeters and (inches) 10 (0.4?) module a ir flow 50.8 ( 2.0? ) facing pwb pwb a ir velocit y a nd ambient temperature measured below the module figure 4: wind tunnel test setup thermal curves figure 5: temperature measurement location the allowed maximum hot spot temperature is defined at 115 j fl75l07 a (standard) output current vs. ambient temperature and air velocity @ vin = 48v (either orientation) 0 1 2 3 4 5 6 7 8 25 35 45 55 65 75 85 ambient temperature ( j ) output current (a) 300lfm natural convectio 200lfm 100lfm figure 6: output current vs. ambient temperature and air velocity @ vin = 48v (either orientation)
ds_fl75l07_02162012 4 application note: c2 & c3 can be 0.01 g f to 0.1 g f. select the voltage rating to meet input-to-output isolation requirements. c1 should be the recommended value suggested in the power module data sheet. figure 7. recommended schematic when used as the input filter to a high-frequency with open-frame dc-to-dc converter note: avoid routing signals or planes under the power module or the filter module. please ensure all connections are low impeda nce. figure 8. recommended layout when used as the input filter to a high-freq uency with open-frame dc-to-dc converter
ds_fl75l07_02162012 5 application (continued) note: c2 through c5 can be 0.01 g f to 0.1 g f. select the voltage rating to meet input-to-output isolation requirements. c1 should be the recommended value suggested in the power module data sheet. figure 9. recommended schematic when used as the input filter to a high-frequency with metal-cased dc-to-dc converter note: avoid routing signals or planes under the power module or the filter module. please ensure all connections are low impeda nce. figure10. recommended layout when used as the input filter to a high-frequency with metal-cased dc-to-dc converter
ds_fl75l07_02162012 6 application (continued) note: : c2 through c5 and c6 through c9 can be 0.01 g f to o.1 g f. select the voltage rating to meet input-to-output isolation requirements. c1 should be the recommended value suggested in the power module datasheet. figure 11. recommended schematic of filter module with two power modules ( metal -cased )
ds_fl75l07_02162012 7 figure 12 shows the experimental result obtained by using this filter module, together with the recommended external components shown in figures 7 and 8. the q48sb12025nr a module is one of the delphi series quarter brick 12v, 25a dcdc converters. measured noise is greatly dependent on layout, grounding, cable orientation, and load characteristics and the variation is possible from various application conditions. figure 13 . q48sb12025nr a conducted noise with fl75l07a input filter mechanical drawing(smd) top view side view bottom view dimensions are in millimeter tolerances : x.xx ? 0.5 mm (0.02 in), x.xxx ? 0.25 mm (0.010 in)
ds_fl75l07_02162012 8 mechanical drawing(through hole) 0.75x0.6 (5x) (0.030x0.024) 2.8(0.11) 19.80(0.780) 19.80(0.780) 9.90(0.390) 9.90(0.390) 2.8(0.11) vo- vo+ vin- g vin+ l i n e l o a d 12.2(0.48) 2.6(0.10) 4.8(0.19) 25.4(1.00) vin- g vin+ vo- vo+ 25.4(1.00) tolerances: x.xmm0.5mm(x.xx in.0.02 in.) dimensions are in millimeters and (inches) x.xxmm0.25mm(x.xxx in.0.010 in.) notes: recommamd pwb pad layout 25.4(1.00) vin- g vin+ vo- vo+ 25.4(1.00) 1.20(0.047) 2.8(0.11) 19.80(0.780) 19.80(0.780) 9.90(0.390) 9.90(0.390) 2.8(0.11)
ds_fl75l07_02162012 9 pick and place location(smd) surface-mount tape & reel recommended pad pattern (smd) note: inside this filter module, the components have no voltage polarity. hence, the input positive (vin+) and input negative (vin-) labels could be swaped for the convenience of layout and matching with power module input connected to the filter module, just remember to swap the output labels accordingly as well. please refer to figures 8 and 10 for how it is applied.
ds_fl75l07_02162012 10 leaded (sn/pb) process recommend temp. profile time ( sec. ) pre-heat temp. 140~180 x c 60~120 sec. peak temp. 210~230 x c 5sec. ramp-up temp. 0.5~3.0 x c /sec. temperature ( x c ) 50 100 150 200 250 300 60 0 120 180 240 2nd ramp-up temp. 1.0~3.0 x c /sec. over 200 x c 40~50sec. cooling down rate <3 x c /sec. note: the temperature refers to the pin of filter 7a, measured on the pin 1 (+vout ) joint. lead free (sac) process recommend temp. profile temp . time 150 j 200 j 100~140 sec. time limited 90 sec. above 217 j 217 j preheat time ramp up max. 3 j /sec. ramp down max. 4 j /sec. peak tem p . 240 ~ 245 j 25 j note: the temperature refers to the pin of filter 7a, measured on the pin 1 (+vout ) joint.
ds_fl75l07_02162012 11 part numbering system fl 75 l 07 a product family input voltage product series output current option code fl- filter 0 ~ 75v l ? standard 7a a - standard, smd pins (7a only) b - standard, through hole pins model list module name input voltage (max.) current rating (max.) size (metric) size (english unit) fl75l05 a 75v 5a 25.4 x 25.4 x 10.2 mm 1.0 in. x 1.0 in. x 0.4 in. fl75l07 a 75v 7a 25.4 x 25.4 x 12.0 mm 1.0 in. x 1.0 in. x 0.47 in fl75l10 a 75v 10a 50.8 x 27.9 x 12.5 mm 2.0 in. x 1.1 in. x 0.5 in. fl75l20 a 75v 20a 50.8 x 40.6 x 12.7 mm 2.0 in. x 1.6 in. x 0.5 in. contact: www.delta.com.tw/dcdc usa: telephone: east coast: (888) 335 8201 west coast: (888) 335 8208 fax: (978) 656 3964 email: dcdc@delta-corp.com europe: telephone: +41 31 998 53 11 fax: +41 31 998 53 53 email: dcdc@delta-es.tw asia & the rest of world: telephone: +886 3 4526107 ext 6220 fax: +886 3 4513485 email: dcdc@delta.com.tw warranty delta offers a two (2) year limited warranty. complete warranty information is listed on our web site or is available upon requ est from delta. information furnished by delta is believed to be accurate and reliable. however, no responsibility is assumed by delta for its use, nor for any infringements of patents or other rights of third parties, which may result from its use. no license is granted by implicat ion or otherwise under any patent or patent rights of delta. delta reserves the right to revise these specifications at any time, without notice .
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: delta: ? fl75l07 b? fl75l20 a? fl75l07 a? fl75l05 a? fl75l10 a


▲Up To Search▲   

 
Price & Availability of FL75L05A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X