Part Number Hot Search : 
01900 EA09483 LVG25030 BD46255G M34552 RF28611 40L45 15SMC130
Product Description
Full Text Search
 

To Download EG-2002CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  actual size crystal oscillator s p ecifications ( characteristics ) item symbol specifications conditions / remarks output frequency range f 0 62.500 mhz to 170.000 mhz please contact us about available frequencies. supply voltage v cc 3.3 v ? ? c to +100 ? c storage as single product. operating temperature t_use 0 ? c to +70 ? c frequency tolerance f_tol f,z: ? ? ? ? ? max. output voltage v oh 2.4 v min. i oh = -8 ma v ol 0.4 v max. i ol = 8 ma output load condition (cmos) l_cmos 25 pf max. f 0 = 62.5 mhz 15 pf max. f 0 > 62.5 mhz input voltage v ih 70 % v cc min. oe terminal v il 30 % v cc max. rise time / fall time t r / t f 1.5 ns max. between 0.8 v and 2.0 v level, l_cmos ? ? ? ) n=2 to 50000 cycles phase jitter t pj 1 ps max. offset frequency: 12 khz to 20 mhz frequency aging f_aging ? ? ? c, first year, v cc =3.3 v *1 tested using a dts-2075 digital timing system made by wavecrest with jitter analysis software visi6. product name eg-2002 ca 125.000000mhz p c h ( ?? : as for pcf only 125mhz is ava ilable, dcf is not available) (standard form) ?? model package type frequency frequency range(mhz) supply voltage(c: 3.3 v typ.) frequency tolerance / operating temperature *2 this includes initial frequency tolerance, tem perature variation, supply voltage variation, load variation, reflow drift, and 10 years aging(+25 ? c,10 years). *3 this includes initial frequency tolerance, tem perature variation, supply voltage variation, load variation, and ref low drift (except aging). *4 this includes initial frequency tolerance and te mperature variation (except supply voltage variation, load variatio n, reflow drift, and aging). external dimensions ( unit:mm ) ? ? ? foot p rint ( recommended ) ? ( unit:mm ) ? . frequency range(mhz) p 125 to 170 d 62.5 to 124.999 frequency tolerance / operating temperature h*2 100 10 - 6 / 0 to +70c y*3 100 10 - 6 / 0 to +70c z*4 50 10 - 6 / 0 to +70c f*3 50 10 - 6 / 0 to +70c low-jitter saw oscillator (spso) output : lv-ttl eg - 2002ca ? frequency range : 62.5 mhz to 170 mhz ? operating voltage : 3.3 v ? output : lv-ttl ? function : output enable (oe) ? external dimensions : 7.0 5.0 1.2 mm ? very low jitter and low phase noise by saw unit. 5.08 1.8 1.5 3.9 product number (please contact us) q3802ca00xxxx00 to maintain stable operation, provide a 0.01uf to 0.1uf by-pass capacitor at a location as near as possible to the power source terminal of the crystal product (between vcc - gnd). 5.00.2 7.00.2 5.08 5.08 #4 # 3 #2 #1 1.20.2 #1 #2 #3 #4 2pc924a 1.4 2.6 1.1 e 125.000h oe pin = high : specified frequency output. oe pin = low : output is high impedance pin map pin connection 1 oe 2 gnd 3 out 4 vcc #2 is connected to the cover
promotion of environm ental management system conforming to international standards at seiko epson, all environmental initiatives operate under the plan-do-check-action (pdca) cycle designed to achieve continuous improvements. the environmental management system (ems) operates under the iso 14001 environmental management standard. all of our major manufacturing and non-manufacturing sites, in japan and overseas, completed the acquisition of iso 14001 certification. working for high quality in order provide high quality a nd reliable products and services than meet customer needs, seiko epson made early efforts towards obtaining iso9000 series certification and has acquired iso9001 for all business establishments in japan and abroad. we have also acquired iso/ts 16949 certification that is requested strongly by major automotive manufacturers as standard. ? explanation of the mark that are using it for the catalog ? pb free. ? complies with eu rohs directive. *about the products without the pb-free mark. contains pb in products exempted by eu rohs directive. (contains pb in sealing glass, high melting temperature type solder or other.) ? designed for automotive applications such as car multim edia, body electronics, remote keyless entry etc. ? designed for automotive applications related to drivi ng safety (engine control unit, air bag, esc etc ). seiko epson corporation notice ? this material is subjec t to change without notice. ? any part of this material may not be reproduced or duplicated in any form or any means without the written permission of seiko epson. ? the information about applied circuitry, software, usage, etc. wr itten in this material is intended for reference only. seiko epson does not assume any liability for the occurrence of infringing on any pat ent or copyright of a third party. this material does not a uthorize the licensing for any patent or intellectual copyrights. ? when exporting the products or technology described in this material, you should comp ly with the applicable export control law s and regulations and follow the procedures r equired by such laws and regulations. ? you are requested not to use the products (and any technical information furnished, if any) for the development and/or manufac ture of weapon of mass destruction or for other milit ary purposes. you are also requested that you would not make the products availabl e to any third party who may use the products for such prohibited purposes. ? these products are intended for general use in electronic equipment. when using them in s pecific applications that require ext remely high reliability, such as the applications stated below, y ou must obtain permission from seiko epson in advance. / space equipment (artificial satellites, rockets, etc.) / trans portation vehicles and related ( automobiles, aircraft, trains, vessels, etc.) / medical instruments to sustain life / submari ne transmitters / power stations and related / fire work equipmen t and security equipment / traffic control equipment / and others requiring equivalent reliability. ? all brands or product names mentioned herein are trademar ks and/or registered trademarks of their respective. iso 14000 is an international standard for environmental management that was established by the international standards organization in 1996 against the background of growing concern regarding global warming, destruction of the ozone layer, and global deforestation. iso/ts16949 is the international standard that added the sector-specific supplemental requirements for automotive industry based on iso9001.


▲Up To Search▲   

 
Price & Availability of EG-2002CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X