Part Number Hot Search : 
ZY8V2GP KSR2003 NC7S14 MAJ160A KE39A BY251 08500 2SC327
Product Description
Full Text Search
 

To Download DFED20-12D15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 www.pduke.com 2014/4/30 dfed20 series din rail dc-dc converter 2:1 wide input range up to 20 watts features applications ? no minimum load required ? 1600vdc input to output isolation ? screw terminals for input and output connections ? reliable snap-on for din rail ts-35/7.5 or ts-35/15 ? case protection meet ip20(iec60529) ? internal output dc-ok indicator ? meet en55022 class b ? safety meets ul60950-1, en60950-1, & iec60950-1 ? ce marked ? compliant to rohs ii & reach ? communication system ? industry control system ? factory automatic equipment ? semiconductor equipment 1600vdc isolation remote control ocp scp ovp fuse included inrush limit reverse polarity protection technical specification all specifications are typical at nominal input, ful l load and 25 otherwise noted input range output voltage output current @full load input current @ no load efficiency maximum capacitor load (1) model number vdc vdc ma ma % f dfed20-12s3p3 9.5 ~ 18 3.3 5000 118 83 13000 dfed20-12s05 9.5 ~ 18 5 4000 79 85 6800 dfed20-12s12 9.5 ~ 18 12 1670 97 84 2200 dfed20-12s15 9.5 ~ 18 15 1330 44 84 755 dfed20-12d12 9.5 ~ 18 12 833 52 84 680 DFED20-12D15 9.5 ~ 18 15 667 59 84 450 dfed20-24s3p3 18 ~ 36 3.3 5000 32 84 13000 dfed20-24s05 18 ~ 36 5 4000 37 87 6800 dfed20-24s12 18 ~ 36 12 1670 59 85 2200 dfed20-24s15 18 ~ 36 15 1330 45 85 755 dfed20-24d12 18 ~ 36 12 833 34 85 680 dfed20-24d15 18 ~ 36 15 667 35 86 450 dfed20-48s3p3 36 ~ 75 3.3 5000 17 85 13000 dfed20-48s05 36 ~ 75 5 4000 22 87 6800 dfed20-48s12 36 ~ 75 12 1670 38 86 2200 dfed20-48s15 36 ~ 75 15 1330 53 85 755 dfed20-48d12 36 ~ 75 12 833 23 86 680 dfed20-48d15 36 ~ 75 15 667 23 86 450 part number structure dfed20 - 48 s 05 - n series name input voltage output quantity output voltage remote control option (vdc) (vdc) s: single 3p3: 05: 12: 15: 3.3 5 12 15 12: 24: 48: 9.5~18 18~36 36~75 d: dual 12: 15: 12 15    : n: positive logic negative logic
2 www.pduke.com 2014/4/30 input specifications parameter conditions min. typ. max. unit operating input voltage range 12vin(nom) 24vin(nom) 48vin(nom) 9.5 18 36 12 24 48 18 36 75 vdc input fuse (slow blow) 12vin(nom) 24vin(nom) 48vin(nom) 6 6 4 a in-rush current 15 a input reflected ripple current nominal input and fu ll load 10 map-p start up time nominal input and constant resistive load power up remote on/off 100 10 ms input surge voltage 100ms, max. 12vin(nom) 24vin(nom) 48vin(nom) 36 50 100 vdc positive logic (standard) dc-dc on dc-dc off open or 3 ~ 12vdc short or 0 ~ 1.2vdc referred to ?vin pin negative logic (option) dc-dc on dc-dc off short or 0 ~ 1.2vdc open or 3 ~ 12vdc remote on/off input current of ctrl pin -0.5 0.5 ma remote off input current 2.5 ma output specifications parameter conditions min. typ. max. unit voltage accuracy 3.3vout others -1.5 -1.0 +1.5 +1.0 % line regulation low line to high line at full load single dual -0.2 -0.5 +0.2 +0.5 % load regulation no load to full load -1.5 +1.5 % cross regulation asymmetrical load 25%/100% fl dua l -5.0 +5.0 % voltage adjustability single output -10 +10 % ripple and noise measured by 20mhz bandwidth single dual 3.3vout, 5vout, 12vout, 15vout all 60 75 100 mvp-p temperature coefficient -0.02 +0.02 %/ transient response recovery time 25% load step chan ge 250 s over voltage protection zener diode clamp 3.3vout 5vout 12vout 15vout 3.9 6.2 15 18 vdc output indicator green led over load protection % of iout rated; hiccup mode 150 % short circuit protection continuous, automatics recovery general specifications parameter conditions min. typ. max. unit isolation voltage 1 minute input to output input (output) to chassis 1600 1600 vdc isolation resistance 500vdc 1 g  isolation capacitance 4000 pf switching frequency 450 500 550 khz safety meets ul60950-1 en60950-1 iec60950-1 chassis material aluminum weight 147.5g (5.19oz) mtbf mil-hdbk-217f, full load 1.682 x 10 6 hrs
3 www.pduke.com 2014/4/30 * nc no connection * screw terminals ? wire range from 14 to 18 awg environmental specifications parameter conditions min. typ. max. unit operating ambient temperature without derating with derating -40 +73 +73 +90 storage temperature range -40 +105 thermal shock mil-std-810f vibration mil-std-810f relative humidity 5% to 95% rh emc specifications parameter conditions level emi en55022 class b esd en61000-4-2 air 8kv and contact 6kv perf. c riteria a radiated immunity en61000-4-3 10v/m perf. criteria a fast transient en61000-4-4 2kv perf. criteria a surge en61000-4-5 0.5kv perf. criteria a conducted immunity en61000-4-6 10vr.m.s perf. criteria a note: 1. test by minimum input and constant resistive load. characteristic curve dfed20-48s05 derating curve dfed20-48s05 efficiency vs. input voltage dfed20-48s05 efficiency vs. outp ut load mechanical drawing pin connection 1. all dimensions in inch (mm) 2. tolerance : x.xx0.02 (x.x0.5) 4. tolerance : x.xxx0.01 (x.xx0.25) 3. terminal screw locked torque : max 2.5kgf cm (0.25n m) pin single dual 1 ctrl ctrl 2 -vin -vin 3 -vin -vin 4 +vin +vin 5 nc nc 6 -vout -vout 7 +vout common 8 nc +vout


▲Up To Search▲   

 
Price & Availability of DFED20-12D15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X