Part Number Hot Search : 
MC3062 74HC11 E122801 CMOZ27L UNR1111 STS2620A 7SPB9307 VB270L
Product Description
Full Text Search
 

To Download DF15005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 maximum ratixgs and electrical characteristics 005 th ru d f1510 features mechanical data voltage - 50 to 1000 volts current - 1.5 amperes notes 1. measured at 1.0 mhz and applied reverse voltage of 4.0 volts 2. thermal resestance from junction to ambient mounted on p .c.b with 0.5 x 0.5 (13x13mm) copper pads single-phase glass p assivated bridge rectifiers single-phase glass p assivated bridge rectifiers o ratings at 25 c ambient temp. unless otherwise specified single phase, half sine wave, 60hz, resistive or inductive load for capacitive load, derate current by 20% www.paceleader.tw low forward voltage drop,hihg current capability reliable low cost construction utilizing molded plastic technique results in inexpensive product the plastic material has ul flammability classification 94v-0 r a t i ng t o 1000 v p rv i d e a l f o r p r i n t e d c i r c u i t boa rd l e ad t i n p b / s n c opp er p o l a r i t: a s m a r k e d on b ody w e i gh t: 0 . 02 oun c e s , 0 . 38 g r a ms m oun t i ng po s i t i on : a ny d f15 u n i t s 0 c - 5 5 t o + 1 5 0 p f symbol v o l t s v o l t s v o l t s a m p s a m p s v o l t s 0 c / w v rrm v rms v dc i fsm v f i r r jc c j 1.5 50 1.1 74 25 t j t stg 10 500 10.4 a maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage 0 maximum average forward rectified current @ t a =40 c peak forward surge current, 8.3ms single half sine- wave superimposed on rated load maximum instantaneous forward voltage drop per bridge element at 1.0a 0 maximum dc reverse @t a =25 c 0 at rated dc blocking voltage @t a =125 c rating for fusing (t<8.3ms) typical junction capacitance (not e 1) typical thermal resistance (note 2) operating and storage temperature ra nge v (av) 2 a s 2 it DF15005 50 35 50 df1501 100 70 100 df1502 200 140 200 df1504 400 280 400 df1506 600 420 600 df1508 800 560 800 df1510 1000 700 1000
0 . 01 0 .1 1 .0 10 i n s t a n t a n e o u s f o r w a rd v o l t a g e , v o l ts i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) fi g . 4 - t y p i c a l f o r w a rd ch a r a c t e r i s t i cs t j = 25 c p u l se w i d t h: 300us 2 % du t y c y c le 0 0 .2 0 .4 0 .6 0 .8 1 .0 1 .2 1 .4 1 .6 1 .8 50 100 150 0 . 00 0 . 25 0 . 50 0 . 75 1 . 00 1 . 25 1 . 50 fi g . 1 - f o r w a rd curr e nt d e r a t i n g cur ve a v e r a g e f o r w a r d c u r r e n t a m p e r e s a m b i e n t t e m pe r a t ur e , c s i n g l e p h ase h a l f w ave 60 hz r es i s t i ve o r i nduc t i ve l o ad nu m be r o f c y c l es a t 60 hz fi g . 2 - m x i m u m n o n - r epe t i t i ve s ur g e curr e nt p e a k f o r w a r d s u r g e c u r r e n t , a m p e r e s 0 10 20 30 40 50 1 2 5 10 20 50 100 s i n g l e h a l f- s i n e - w ave ( j e d e c m e t h o d) fi g . 3 - t y p i c a l j unc t i o n c apa c i t a nce r eve r se v o l t a g e , (v o l t s) c a p a c i t a n c e ( p f ) 10 .0 100 0 .1 1 .0 4 .0 1 .0 10 100 t j = 25 c,f= 1 mh z fi g . 5 - t y p i c a l r eve r se ch a r a c t e r i s t i cs t j = 25 c t j = 125 c 0 20 40 60 80 100 120 140 0 . 01 0 .1 1 .0 10 100 i n s t a n t a n e o u s r e v e r s e c u r r e n t , ( a ) pe rc e n t o f r a t e d peak r eve r se v o l t a g e , ( %) 2 www.paceleader.tw 005 th ru d f1510 single-phase glass p assivated bridge rectifiers single-phase glass p assivated bridge rectifiers d f15


▲Up To Search▲   

 
Price & Availability of DF15005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X