Part Number Hot Search : 
00BGXI LTC2159 SMAJ18 B89PV AO4266 FQA22P10 TFF10N60 LAS1808
Product Description
Full Text Search
 

To Download CR13003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  npn silicon power transistor CR13003 to126 plastic package suitable for lighting, switching regulator and motor control absolute maximum ratings description symbol collector base voltage v cbo collector emitter (sus) voltage v ceo emitter base voltage v ebo collector current continuous i c peak (1) i cm base current continuous i b peak (1) i bm emitter current continuous i e peak (1) i em power dissipation at t a =25 oc p d derate above 25oc power dissipation at t c =25 oc p d derate above 25oc operating and storage junction temperature range t j, t stg thermal resistance junction to case r th (j-c) junction to ambient r th (j-a) maximum lead temperature for soldering purpose: 1/8" from case for 5 seconds (1) pulse test: pulse width=5ms, duty cycle=10% electrical characteristics (t a =25oc unless specified otherwise) description symbol test condition min typ max unit collector base voltage v cbo i c =1ma, i e =0 600 v collector emitter (sus) voltage *v ceo(sus) i c =10ma, i b =0 400 v collector cut off current i cbo v cb =700v , i e =0 1.0 ma v cb =700v , i e =0, t c =100oc 5.0 ma emitter cut off current i ebo v eb =9v, i c =0 1.0 ma *pulse test: pw=300 m m s, duty cycle=2% CR13003rev230106e oc 11.2 mw/ oc w mw/ oc 40 320 - 65 to+150 89 1.5 2.25 4.5 1.4 3.12 oc/w oc/w w value 700 400 9.0 1.5 3.0 0.75 unit v v v a a a t l 275 oc a a a b c e continental device india limited data sheet page 1 of 4 continental device india limited an iso/ts 16949, iso 9001 and iso 14001 certified company
npn silicon power transistor CR13003 to126 plastic package electrical characteristics (t a =25oc unless specified otherwise) description symbol test condition min typ max unit dc current gain *h fe **i c =0.3a, v ce =2v 10 30 i c =0.5a, v ce =2v 8 40 i c =1a, v ce =2v 4 25 collector emitter saturation voltage *v ce (sat) i c =0.5a, i b =0.1a 0.5 v i c =1a, i b =0.25a 1.0 v i c =1.5a, i b =0.5a 3.0 v i c =1a, i b =0.25a,t c =100oc 1.0 v base emitter saturation voltage *v be (sat) i c =0.5a, i b =0.1a 1.0 v i c =1a, i b =0.25a 1.2 v i c =1a, i b =0.25a,t c =100oc 1.1 v dynamic characteristics description symbol test condition min typ max unit current gain bandwidth product f t i c =100ma, v ce =10v, f=1mhz 4.0 mhz output capacitance c ob v cb =10v, f=0.1mhz 21 pf switching time delay time t d 0.1 m s rise time t r 1.0 m s storage time t s 4.0 m s fall time t f 0.7 m s voltage storage time t sv 4.00 m s crossover time t c 0.75 m s fall time t fi 0.15 m s *pulse test: pw=300 m m s, duty cycle=2% ** h fe classification:- note:- product is pre selected in dc current a b c e f gain (groups a to f). cdil reserves the right 11-16 15-19 18-22 21-25 24-30 to ship any of the groups according to production availability. marking cr cr cr cr cr 13003a 13003b 13003c 13003e 13003f x = year of manufacturer code y = month code *pulse test:- pw=300 m m s, duty cycle=2% CR13003rev230106e v cc =125v, i c =1a, i b1 =i b2 =0.2a, t p =25 m s, duty cycle=1% xy xy xy xy xy v clamp =300v, i c =1a, i b1 =0.2a, v be(off) =5v, t c =100oc b c e continental device india limited data sheet page 2 of 4
CR13003 to126 plastic package CR13003rev230106e to-126 (sot-32) plastic package to-126 tube packing package net weight/qty details standard pack inner carton box qty outer carton box qty gr wt size size packing detail 500 pcs/polybag 340 gm/500 pcs to-126 bulk 3" x 7.5" x 7.5" 2k 17" x 15" x 13.5" 32k 31 kgs to-126 tube 50 pcs/tube 73 gm/50 pcs 3" x 3.7" x 21.5" 1k 19" x 19" x 19" 10k 15 kgs pin configuration 1. emitter 2. collector 3. base all dimensions in mm. dim min a b c d e 2.25 typ. 4.5 typ. 15.7 typ. 1.27 typ. 3.75 typ. 2.5 typ. f 0.49 7.4 10.5 2.4 0.7 3.0 g l m n p s max 7.8 10.8 2.7 0.9 0.75 3.2 a n p b s 1 2 3 d e g f c m l 3 2 1 3.0 3 . 0 1 . 2 1 . 0 3 . 0 3.0 0 mm 0' 30" 0.8 0.5 0.3 0.2 0.1 315 mm 315 mm 120 mm 30 mm 5 mm angular above 120.01 mm general tolerance 30.01 mm 0.01 mm 1 . 0 0.10 0.50 532.00 marking side +0 0.05 71.00 ?3.10 thru (2 nos) a a 390.00 -1.00 ?5.90 thru (2 nos) 3.5 10.0 printing area 6.5 11.0 6.0 2 9.0 4 20.0 7.0 3 3.5 6.0 7.0 7.0 3 . 0 3cp 66382 antistaticz 03 pvc arrow din symbol section aa 0.10 end pin (2 pcs/tube) 0 . 1 ? 5 . 5 0 + 0 - 0 . 1 3 . 0 3 . 3 - 0 . 1 + 0 11.95 r2.5 +0.1 -0 7.6 3.35 +0 -0.1 1.0 matl:- pvc black with antistatic dipping 1.00 1.20 r 0.50 marking side 3.70 0.65 1 . 3 0 1 2 . 0 0 3 3 . 0 0 0 . 2 0 all dimensions in mm notes: 1. all print in black. 2. all text in helvetia medium font. ammo pack size 20 tubes/ammo pack 1000 pcs./ammo pack label 5 3 8 . 0 0 7 5 . 0 9 2 . 0 continental device india limited data sheet page 3 of 4
customer notes CR13003 to126 plastic package component disposal instructions ? 1. cdil semiconductor devices are rohs compliant, customers?are requested to please dispose as per prevailing environmental legislation of their country. 2. in europe, please dispose as per eu directive 2002/96/ec on?waste electrical and? electronic equipment (weee). CR13003rev230106e disclaimer the product information and the selection guides facilitate selection of the cdil's semiconductor device(s) best suited for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so as to confirm that the device(s) meet functionality parameters for your application. the information furnished in the data sheet and on the cdil web site/cd are believed to be accurate and reliable. cdil however, does not assume responsibility for inaccuracies or incomplete information. furthermore, cdil does not assume liability whatsoever, arising out of the application or use of any cdil product; neither does it convey any license under its patent rights nor rights of others. these products are not designed for use in life saving/support appliances or systems. cdil customers selling these products (either as individual semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s). cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notice. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-2579 6150, 4141 1112 fax + 91-11-2579 5290, 4141 1119 email@cdil.com www.cdilsemi.com continental device india limited data sheet page 4 of 4


▲Up To Search▲   

 
Price & Availability of CR13003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X