Part Number Hot Search : 
ST7LITE2 MH942P SM6T150A BQ275 EE08806 2SC3455N SI6963 2SC60
Product Description
Full Text Search
 

To Download BUZ24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ^zmi-conductoi lpioaucti, dnc. 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 BUZ24 general description n-channol enhancement mode field-effect power transistor in a metal envelope. this device is intended for use in switched mode power supplies (smps), motor control, welding, dc/dc and dc/ac converters, and in general purpose switching applications. quick reference data symbol vds id ptot rdscon) parameter drain-source voltage drain current (d.c.) total power dissipation drain-source on-state resistance max. 100 32 125 0,06 unit v a w n mechanical data dimensions in mm net mass: 12 g pinning: 1 = gate 2 = drain 3 = source 25,4- *8,3? 38,66. 30,1 19.s 1,6-*- u-11,8-.- "mho 1,55 max fig.i t03; drain connected to mounting base. notes 1. observe the general handling precautions for electrostatic-discharge sensitive devices (esds) to prevent damage to mos gate oxide. 2. accessories supplied on request: refer to mounting instructions for to3 envelopes. nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by nj semi-conductors is believed to be both accurate and reliable at the time of going to press. however, nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. nj semi-conductors encourages customers to verify that datasheets are current before placing orders. quality semi-conductors
ratings limiting values in accordance with the absolute maximum system (iec134) symbol vds vdgr vgs id id idm ptot tstg tj parameter drain-source voltage drain-gate voltage gate-source voltage drain-current (d.c.) drain current (d.c.) drain current (pulse peak value) total power dissipation storage temperature junction temperature conditions - rgs - 20 kn - tmb = 25 c tmb-loo-c .tmb = 25 "c tmb = 25 "c - ? min. - ? ? - - - - - -55 ? max. 100 100 20 32 20,2 125 125 150 150 unit v v . v a a a w "c "c thermal resistances prom junction to mounting base from junction to ambient rthj-mb - 1,0 k/w rthj-a = 35 k/w static characteristics tmb = 25 c unless otherwise specified symbol v(br)dss vcs(to) idss idss igss rds(on) parameter drain-source breakdown voltage gate threshold voltage zero gate voltage drain current zero gate voltage drain current gate source leakage current drain-source on-state resistance conditions vgs = 0 v; 10 = 0,25 ma vds = vgs; id = ima vds=100v;vgs = ov;tj = 25ec vds=100v;vgs = ov;tj-125c vgsi!*20v;vds = ov vgs=10v;id = 16a min. 100 2,1 typ. 3,0 20 0,1 10 0,045 max. 4.0 250 1,0 100 0,06 unit v v m ma na ? dynamic characteristics tmb = 25 "c unless otherwise specified symbol bfs clss goss crss *don tr tdoff tf ld ls parameter forward transconductance input capacitance output capacitance feedback capacitance turn-on delay time turn-on rise time turn-off delay time turn-off fall time internal drain inductance internal source inductance conditions vds = 25v;id=16a vqs = v: vds = 25 v; f = i mhz vdd = 30v;id = 3a; vgs = 10 v; rgs = 50 n; rgen = 50 o measured from contact screw on header closer to source pin and centre of die measured from source lead 6 mm from package to source bond pad min. 6,0 - - - typ. 10,0 1500 800 300 30 80 330 170 5,0 n,s max. - 2000 1200 500 45 120 430 220 - unit s pf pf pf ns ns ns ns nh nh
reverse diode ratings and characteristics tmo ? 25 c unless otherwise specified symbol idr idrm vsd ttr qrr parameter continuous reverse drain current pulsed reverse drain current diode forward on-voltage reverse recovery time reverse recovery charge conditions tmb-25'c tmb = 25"c if = 64a;vcsov; tj = 25c lf = 32a;tj = 25''c -dlf/dt= 100 a/ms;'' tj-250c;vgs='ov; vr = 30 v min. - typ. 1,5 200 1,6 max. 32 125 2.0 unit a a v ns mc


▲Up To Search▲   

 
Price & Availability of BUZ24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X