br805dlc thru br810dlc 2 amp single phase bridge rectifier 50 to 1000 volts br-8d features any mounting position surge rating of 50 amps low forward voltage drop dimensions inches mm dim min max min max note c .937 .976 24.00 25.00 d .250 .260 5.50 6.50 g .120 .130 3.10 3.30 maximum ratings operating junction temperature: -5 5 c to +125 c storage temperature: -55 c to +150 c mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage br805dlc br805dl 50v 35v 50v br81dlc br81dl 100v 70v 100v br82dlc br82dl 200v 140v 200v br84dlc br84dl 400v 280v 400v BR86DLC br86dl 600v 420v 600v br88dlc br88dl 800v 560v 800v br810dlc br810dl 1000v 700v 1000v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 2.0a t c = 25 c peak forward surge current i fsm 50a 8.3ms, half sine maximum forward voltage drop per element v f 1.1v i fm = 1.0a per element; t a = 25 c* maximum dc reverse current at rated dc blocking voltage i r 10 m a 1.0ma t j = 25 c t j = 100 c *pulse test: pulse width 300 m sec, duty cycle 1% a b c h g d e ac + - a .689 .728 17.50 18.50 b .510 .549 13.00 14.00 e .140 .160 3.60 4.10 3pl/typ h .028 .032 0.70 0.80 mcc ? omp onents 20736 marilla street chatsworth ! " # $ % ! " # revision: 2 2006/05/28 ? ul recognized file # e165989 tm micro commercial components ? case material: molded plastic. ul flammability classification rating 94v-0 www. mccsemi .com 1 of 3
br805dlc thru br810dlc instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts average forward rectified current - amperes versus ambient temperature - c figure 3 forward derating curve 40 60 0 0 0.75 single phase, half wave 60hz resistive or inductive load amps c 80 100 120 140 1.5 2.0 instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics volts 4 6 20 10 amps .2 1.2 .4 .6 .8 1.0 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c 40 60 100 1.4 figure 2 typical reverse characteristics volts .4 .6 2 1 m amps 20 120 40 60 80 100 .001 .002 .00 4 .006 .01 .02 .04 .06 .1 .2 4 6 10 140 t j =25 c mcc 1 100 4 0 10 20 30 8 figure 4 maximum non-repetitive forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 00 40 50 60 revision: 2 2006/05/28 tm micro commercial components www. mccsemi .com 2 of 3
mcc www.mccsemi .com revision: 2 2006/05/28 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose
|