Part Number Hot Search : 
2SC514 2C2484 FZT751 MJ8501 BD242C SSR5825B DWR2G W3020
Product Description
Full Text Search
 

To Download BG1102W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 1102w series single color 3216 type features recommended applications communication machine, electric household appliances, oa/fa, amusement equipment, other general applications outer dimension 3.0 x 1.5 x 1.5mm ( l x w x h ) temperature range storage temperature operating temperature lead?free soldering compatible rohs compliant dominant wavelength green : 558nm(bg),567nm(pg) yellow green : 572nm(py) yellow : 590nm(ay) orange : 606nm(aa) red : 647nm(br) package product features : -40 100 : -30 85 3216 type, water clear resin die materials bg : x= 56 deg., y =71 deg. pg : x= 69 deg., y =85 deg. py : x= 61 deg., y =71 deg. ay : x= 70 deg., y =89 deg. aa : x= 77 deg., y =87 deg. br : x= 70 deg., y =82 deg. bg,pg,py : gap ay,aa : gaasp br : gaalas rank grouping parameter assembly method soldering methods taping and reel esd sorted by luminous intensity per rank taping auto pick & place machine (auto mounter) 2,500pcs per reel in a 8mm width tape. (standard) reel diameter: 180mm more than 2kv(hbm) reflow soldering and manual soldering half intensity angle 2007.8.31
color and luminous intensity page 2 typ. i f min. typ. i f BG1102W gap green 558 20 1.8 4.8 20 pg1102w gap green 567 20 6 12 20 py1102w gap yellow green 572 20 12 24 20 ay1102w gaasp yellow 590 20 3 6 20 aa1102w gaasp orange 606 20 5 9 20 br1102w gaalas red 647 20 12 33.6 20 iv (mcd) lens color luminous intensity dominant wavelength d (nm) part no. material emitted color water clear 2004.10.29 single color 3216 type 1102w series (ta=25 )
page 3 absolute maximum ratings bg pg py ay aa br power dissipation p d 75 75 75 75 75 60 mw forward current i f 30 30 30 30 30 30 ma pulse forward current 1 i fr m 70 70 70 70 70 70 ma S i f 0.42 0.42 0.42 0.42 0.42 0.42 ma/ S i fr m 0.93 0.93 0.93 0.93 0.93 0.93 ma/ reverse voltage v r 444444v operating tem p erature t opr storage temperature t stg absolute maximum ratings item symbol unit derating (ta=25 or higher) -40 + 100 -30 + 85 2004.10.29 single color 3216 type 1102w series 1 i frm measurement condition : pulse width Q 1ms., duty Q 1/20. (ta=25 )
electro-optical characteristics page 4 2004.10.29 single color 3216 type 1102w series conditions bg pg py ay aa br typ. 2.1 2.1 2.1 2.2 2.2 1.7 max. 2.5 2.5 2.5 2.5 2.5 2.0 reverse current v r =4v i r max. 100 100 100 100 100 100 a peak wavelength i f =20ma p typ. 555 560 570 580 605 660 nm dominant wavelength i f =20ma d typ. 558 567 572 590 606 647 nm spectral line half width i f =20ma S typ. 30 30 30 30 30 30 nm 56( x) 69( x) 61( x) 70( x) 77( x) 70( x) 71( y) 85( y) 71( y) 89( y) 87( y) 82( y) deg. half intensity angle i f =20ma 2 1/2 typ. item symbol unit forward voltage i f =20ma v f v characteristics (ta=25 )
luminous intensity rank page 5 please contact our sales staff concerning rank designation. 2004.10.29 single color 3216 type 1102w series (ta=25 ) min. max . min. max . min. max . min. max . min. max . min. max . a 3.0 6.0 5.0 10.0 b 4.2 8.4 7.0 14.0 c 1.8 3.6 6.0 12.0 12.0 24.0 6.0 12.0 10.0 20.0 12.0 24.0 d 2.4 4.8 8.5 17.0 16.8 33.6 8.4 16.8 14.0 28.0 16.8 33.6 e 3.6 7.2 12.0 24.0 24.0 48.0 12.0 - 20.0 - 24.0 48.0 f 4.8 9.6 17.0 34.0 33.6 67.2 33.6 67.2 g 7.2 - 24.0 - 48.0 - 48.0 - i f =20ma py ay i f =20ma i f =20ma i v mc d rank pg aa i f =20ma i f =20ma i f =20ma bg br
technical data (bg) page 6 2004.10.29 single color 3216 type 1102w series spatial distribution example condition : ta = 25 spectral distribution relative intensity vs. wavelength condition : ta = 25 , i f = 20ma wavelength [nm] relative intensity forward voltage vs. forward current condition : ta = 25 forward voltage v f (v) forward current i f (ma) forward current vs. relative intensity condition : ta = 25 forward current i f (ma) relative intensity
page 7 2004.10.29 single color 3216 type 1102w series technical data (bg) ambient temperature vs. relative intensity condition : i f =20ma ambient temperature : ta( ) derating ambient temperature vs. maximum forward current repetition frequency : f R 50hz ambient temperature : ta( ) maximum forward current : i f max. (ma) relative intensity power dissipation vs. ambient temperature ambient temperature : ta( ) power dissipation : pd (mw) pulse width vs. maximum tolerable peak current condition : ta = 25 pulse width : tw ( s) i f peak max./i f dc max.
technical data (pg) page 8 2004.10.29 single color 3216 type 1102w series spatial distribution example condition : ta = 25 spectral distribution relative intensity vs. wavelength condition : ta = 25 , i f = 20ma wavelength [nm] relative intensity forward voltage vs. forward current condition : ta = 25 forward voltage v f (v) forward current i f (ma) forward current vs. relative intensity condition : ta = 25 forward current i f (ma) relative intensity
page 9 2004.10.29 single color 3216 type 1102w series technical data (pg) ambient temperature vs. relative intensity condition : i f =20ma ambient temperature : ta( ) derating ambient temperature vs. maximum forward current repetition frequency : f R 50hz ambient temperature : ta( ) maximum forward current : i f max. (ma) relative intensity power dissipation vs. ambient temperature ambient temperature : ta( ) power dissipation : pd (mw) pulse width vs. maximum tolerable peak current condition : ta = 25 pulse width : tw ( s) i f peak max./i f dc max.
technical data (py) page 10 2004.10.29 single color 3216 type 1102w series spatial distribution example condition : ta = 25 spectral distribution relative intensity vs. wavelength condition : ta = 25 , i f = 20ma wavelength [nm] relative intensity forward voltage vs. forward current condition : ta = 25 forward voltage v f (v) forward current i f (ma) forward current vs. relative intensity condition : ta = 25 forward current i f (ma) relative intensity
page 11 2004.10.29 single color 3216 type 1102w series technical data (py) ambient temperature vs. relative intensity condition : i f =20ma ambient temperature : ta( ) derating ambient temperature vs. maximum forward current repetition frequency : f R 50hz ambient temperature : ta( ) maximum forward current : i f max. (ma) relative intensity power dissipation vs. ambient temperature ambient temperature : ta( ) power dissipation : pd (mw) pulse width vs. maximum tolerable peak current condition : ta = 25 pulse width : tw ( s) i f peak max./i f dc max.
technical data (ay) page 12 2004.10.29 single color 3216 type 1102w series spatial distribution example condition : ta = 25 spectral distribution relative intensity vs. wavelength condition : ta = 25 , i f = 20ma wavelength [nm] relative intensity forward voltage vs. forward current condition : ta = 25 forward voltage v f (v) forward current i f (ma) forward current vs. relative intensity condition : ta = 25 forward current i f (ma) relative intensity
page 13 2004.10.29 single color 3216 type 1102w series technical data (ay) ambient temperature vs. relative intensity condition : i f =20ma ambient temperature : ta( ) derating ambient temperature vs. maximum forward current repetition frequency : f R 50hz ambient temperature : ta( ) maximum forward current : i f max. (ma) relative intensity power dissipation vs. ambient temperature ambient temperature : ta( ) power dissipation : pd (mw) pulse width vs. maximum tolerable peak current condition : ta = 25 pulse width : tw ( s) i f peak max./i f dc max.
technical data (aa) page 14 2004.10.29 single color 3216 type 1102w series spatial distribution example condition : ta = 25 spectral distribution relative intensity vs. wavelength condition : ta = 25 , i f = 20ma wavelength [nm] relative intensity forward voltage vs. forward current condition : ta = 25 forward voltage v f (v) forward current i f (ma) forward current vs. relative intensity condition : ta = 25 forward current i f (ma) relative intensity
page 15 2004.10.29 single color 3216 type 1102w series technical data (aa) ambient temperature vs. relative intensity condition : i f =20ma ambient temperature : ta( ) derating ambient temperature vs. maximum forward current repetition frequency : f R 50hz ambient temperature : ta( ) maximum forward current : i f max. (ma) relative intensity power dissipation vs. ambient temperature ambient temperature : ta( ) power dissipation : pd (mw) pulse width vs. maximum tolerable peak current condition : ta = 25 pulse width : tw ( s) i f peak max./i f dc max.
technical data (br) page 16 single color 3216 type 1102w series spatial distribution example condition : ta = 25 spectral distribution relative intensity vs. wavelength condition : ta = 25 , i f = 20ma wavelength [nm] relative intensity forward voltage vs. forward current condition : ta = 25 forward voltage v f (v) forward current i f (ma) forward current vs. relative intensity condition : ta = 25 forward current i f (ma) relative intensity 2004.12.15
page 17 2004.10.29 single color 3216 type 1102w series technical data (br) ambient temperature vs. relative intensity condition : i f =20ma ambient temperature : ta( ) derating ambient temperature vs. maximum forward current repetition frequency : f R 50hz ambient temperature : ta( ) maximum forward current : i f max. (ma) relative intensity power dissipation vs. ambient temperature ambient temperature : ta( ) power dissipation : pd (mw) pulse width vs. maximum tolerable peak current condition : ta = 25 pulse width : tw ( s) i f peak max./i f dc max.
package dimensions recommended soldering pattern (unit: mm) taping specification (unit: mm) (unit: mm) 2004.10.29 single color 3216 type 1102w series page 18 weight: (7.80)mg quantity : 2,500pcs/ reel (standard)
reflow soldering conditions manual soldering conditions iron tip temp. soldering time and frequency 3 s 1 time 350 (max.) (max.) (max.) single color 3216 type 1102w series 1) the above profile temperature gives the ma ximum temperature of the led resin surface. please set the temperature so as to avoid exceeding this range. 2) total times of reflow soldering pr ocess shall be no more than 2 times. when the second reflow soldering process is performed, intervals between the first and second reflow should be short as possible (while allowing some time for the component to return to normal temperature after the first reflow) in order to prevent the led from absorbing moisture. 3) temperature fluctuation to the led during the pre-heating process shall be minimized. page 19 2010.7.31
2007.8.31 single color 3216 type 1102w series page 20 reliability testing result failure criteria reliability testing result applicable standard testing conditions duration failure room temp. operating life eiaj ed- 4701/100(101) ta = 25 , i f = maxium rated current 1,000 h 0/25 resistance to soldering heat eiaj ed- 4701/300(301) pre-heating : 150 180 120s max. operation heating : 230 40s max. peak temperature : 260 twice 0/25 temperature cycling eiaj ed- 4701/100(105) minimum rated storage temperature(30min) normal temperature(15min) maximum rated storage temperature(30min) normal temperature ( 15min ) 5 cycles 0/25 wet high temp. storage life eiaj ed- 4701/100(103) ta = 60 2 , rh = 90 5% 1,000 h 0/25 high temp. storage life eiaj ed- 4701/200(201) ta = maximum rated storage temperature 1,000 h 0/25 low temp. storage life eiaj ed- 4701/200(202) ta = minimum rated storage temperature 1,000 h 0/25 vibration, variable frequency eiaj ed- 4701/400(403) 98.1m/s 2 (10g), 100 2khz sweep for 20min., xyz each direction 2 h 0/10 items symbols conditions failure criteria luminous intensity iv i f value of each product luminous intensity testing min. value spec. min. value x 0.5 forward voltage v f i f value of each product forward voltage testing max. value R spec. max. value x 1.2 reverse current i r v r = maximum rated reverse voltage v testing max. value R spec. max. value x 2.5 cosmetic appearance - - occurrence of notable decoloration, deformation and cracking
special notice to customer s using the products and technical information shown in this data sheet single color 3216 type 1102w series page 21 1) the technical information shown in the data sheets are limited to the typical characteristics and circuit examples of the referenced products. it does not co nstitute the warranting of industrial property nor the granting of any license. 2) for the purpose of product improvement, the specif ications, characteristics and technical data described in the data sheets are subject to change without prior notice. therefore it is recommended that the most updated specifications be used in your design. 3) when using the products described in the data sh eets, please adhere to the ma ximum ratings for operating voltage, heat dissipation characteristics, and other precautions for use. we are not responsible for any damage which may occur if these specifications are exceeded. 4) the products that have been described to this cata log are manufactured so that they will be used for the electrical instrument of the benchmark (oa equipment, telecommunications equipment, av machine, home appliance and measur ing instrument). the application of aircrafts, space borne application, transportation equipment, medical equipment and nuclear power control equipment, etc. needs a high re liability and safety, and the breakdown and the wrong operation might influence the life or the human body. pl ease consult us beforehand if you plan to use our product for the usages of aircrafts, space borne appl ication, transportation equipment, medical equipment and nuclear power control equipment, etc. except oa equipment, telecommunications equipment, av machine, home appliance and measuring instrument. 5) in order to export the products or technologi es described in this data sheet which are under the ?foreign exchange and foreign trade control law,? it is necessary to first obtain an export permit from the japanese government. 6) no part of this data sheet may be reprinted or reproduced without prior written permission from stanley electric co., ltd. 7) the most updated edition of this data sheet can be obtained from the address below: http://www.stanley-components.com 2007.8.31


▲Up To Search▲   

 
Price & Availability of BG1102W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X