Part Number Hot Search : 
043202 PFS5000 50242 ZT490EEN 2SC2860 CMBTH10 07910 PFS5000
Product Description
Full Text Search
 

To Download BCW66G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bcw66f / BCW66G / bcw66h 0.8a , 75v npn plastic encapsulated transistor elektronische bauelemente 02-jan-2013 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. 1 base 2 emitter collector 3 rohs compliant product a suffix of -c specifies halogen & lead-free features  complementary to bcw68 marking part number marking code bcw66f ef BCW66G eg bcw66h eh package information absolute maximum ratings (t a =25 c unless otherwise specified) parameter symbol ratings unit collector to base voltage v cbo 75 v collector to emitter voltage v ceo 45 v emitter to base voltage v ebo 5 v collector current - continuous i c 800 ma collector power dissipation p c 200 mw junction, storage temperature t j , t stg 150, -55~150 c package mpq leader size sot-23 3k 7 inch ref. millimeter ref. millimeter min. max. min. max. a 2.80 3.04 g 0.09 0.18 b 2.10 2.55 h 0.45 0.60 c 1.20 1.40 j 0.08 0.177 d 0.89 1.15 k 0.6 ref. e 1.78 2.04 l 0.89 1.02 f 0.30 0.50 sot-23 top view a l c b d g h j f k e 1 2 3 1 2 3
bcw66f / BCW66G / bcw66h 0.8a , 75v npn plastic encapsulated transistor elektronische bauelemente 02-jan-2013 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. electrical characteristics (t a =25 c unless otherwise specified) parameter symbol min. typ. max. unit test conditions collector to base breakdown voltage v (br)cbo 75 - - v i c =10 a, i e =0 collector to emitter breakdown voltage v (br)ceo 45 - - v i c =10ma, i b =0 emitter to base breakdown voltage v (br)ebo 5 - - v i e =10 a, i c =0 collector cut-off current i cbo - - 0.02 a v cb =45v, i e =0 emitter cut-off current i ebo - - 0.02 a v eb =4v, i c =0 dc current gain 1 bcw66f h fe (1) 35 - - v ce =10v, i c =0.1ma BCW66G 50 - - bcw66h 80 - - bcw66f h fe (2) 75 - - v ce =1v, i c =10ma BCW66G 110 - - bcw66h 180 - - bcw66f h fe (3) 100 - 250 v ce =1v, i c =100ma BCW66G 160 - 400 bcw66h 250 - 630 bcw66f h fe (4) 35 - - v ce =2v, i c =500ma BCW66G 60 - - bcw66h 100 - - collector to emitter saturation voltage v ce(sat) - - 0.3 v i c =100ma, i b =10ma - - 0.7 i c =500ma, i b =50ma base to emitter saturation voltage v be(sat) - - 2 v i c =500ma, i b =50ma transition frequency f t 100 - - mhz v ce =10v, i c =20ma, f=100mhz collector output capacitance c ob - - 12 pf v cb =10v, i e =0 , f=1mhz input capacitance c ib - - 80 pf v eb =0.5v, i e =0, f=1mhz noise figure nf - - 10 db v ce =5v, i c =0.2ma, f=1khz, r s =1k  , bw=200hz note: 1. pulse test.


▲Up To Search▲   

 
Price & Availability of BCW66G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X